Part Number Hot Search : 
SFR106S T4005 ER304 480000 0R048 STF8810 CY7C4 1209S
Product Description
Full Text Search
 

To Download MMBT4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4401
Switching Transistor NPN Silicon
1 BASE 2 EMITTER COLLECTOR 3
3 1 2
SOT-23
Maximum Ratings
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base VOltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC Value 40 60 6.0 600 Unit Vdc Vdc Vdc mAdc
Thermal Characteristics
Characteristics Total Device Dissipation FR-5 Board (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Junction and Storage, Temperature
Symbol PD R qJA PD R qJA TJ,Tstg
Max 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW/ C C/W mW mW/ C C/W C
Device Marking
MMBT4401=2X
Electrical Characteristics Off C har acter istics
(TA=25 C Unless Otherwise noted) Symbol Min Max Unit
Characteristics
Collector-Emitter Breakdown Voltage(3) (IC=1.0mAdc.IB=0) Collector-Base Breakdown Voltage (IC=0.1mAdc, IE=0) Emitter-Base Breakdown Voltage (IE=0.1mAdc, IC=0) Base Cutoff Current (VCE=35 Vdc, VEB =0.4 Vdc) Collector Cutoff Current (VCE=35Vdc, VEB=0.4Vdc) 1.FR-5=1.0 x 0.75 x 0.062 in. 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina. 3.Pulse Test:Pulse Width <300 S, Duty Cycle <2.0%. = =
V(BR)CEO V(BR)CBO V(BR)EBO IBEV ICEX
40 60 6.0
0.1 0.1
Vdc Vdc Vdc uAdc uAdc
-
http://www.weitron.com.tw
WEITRON
MMBT4401
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
On Characteristics (3)
DC Current Gain (IC= 0.1 mAdc, VCE=1.0Vdc) (IC= 1.0 mAdc, VCE= 1.0 Vdc) (IC= 10 mAdc, VCE= 1.0Vdc) (IC= 150 mAdc, VCE= 1.0Vdc) (IC= 500 mAdc, VCE= 2.0Vdc) Collector-Emitter Saturation Voltage (3) (IC= 150 mAdc, IB= 15mAdc) (IC= 500 mAdc, IB= 50mAdc) Base-Emitter Saturation Voltage (3) (IC= 150 mAdc, IB= 15 mAdc) (IC= 500 mAdc, IB= 50 mAdc) VCE(sat) HFE 20 40 80 100 40 0.75 300 0.4 0.75 0.95 1.2 Vdc -
VBE(sat)
Vdc
Small-signal Characteristics
Current-Gain-Bandwidth Product (IC= 20 mAdc, VCE= 10 Vdc, f=100MHz) Collector-Base Capacitance (VCB= 5.0 Vdc, IE=0, f=1.0MHz) Emitter-Base Capacitance (VEB= 0.5 Vdc, IC=0, f=1.0MHz) Input Impedance (VCE= 10 Vdc, IC=1.0 mAdc, f=1.0 kHz) Voltage Feeback Radio (VCE= 10Vdc, IC=1.0 mAdc, f=1.0 kHz) Small-Signal Current Gain (VCE= 10Vdc, IC=1.0 mAdc, , f=1.0 kHz) Output Admittance (VCE= 10Vdc, IC=1.0 mAdc, f=-1.0kHz) fT Ccb Ceb hie hre hfe hoe 250 1.0 0.1 40 1.0 6.5 30 15 8.0 MHz pF pF k ohms x 10-4 mhos
500 30
Switching Characteristics
Delay Time Rise Time Storage Time Fall Time (Vcc= 30 Vdc, VBE= 2.0 Vdc Ic= 150 mAdc, IB1= 15 mAdc) (Vcc= 30Vdc, Ic= 150 mAdc, IB1=IB2= 15 mAdc) td tr ts tf 15 20 225 30 ns
ns
http://www.weitron.com.tw
WEITRON
MMBT4401
SWITCHINGTIME EQUIV ALENT TEST CIRCUITS
+ 30 V +16 V 0 - 2.0 V 1.0 to 100 ms, DUTY CYCLE - 2.0% 1.0 k W 200 W +16 V 0 < 2.0 ns CS * < 10 pF 1.0 to 100 m s, DUTY CYCLE - 2.0% 1.0 kW + 30 V 200 W
-14 V
< 20 ns
CS * < 10 pF
Scope rise time < 4.0 ns *T otal shunt capacitance of test jig connectors, and oscilloscope
- 4.0 V
Figure 1. Turn-On T ime
Figure 2. Turn-Off T ime
T R A NS IE NT C HA R A C T E R IS T IC S
25 C 30 20 CAPACITANCE (pF) Cobo 10 7.0 5.0 3.0 2.0 0.1 Ccb Q, CHARGE (nC) 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 50 0.1 10 20 QA 200 300 50 70 100 30 IC , COLLECTOR CURRENT (mA) 500 10 5 C
VCC = 30 V IC/IB = 10 QT
0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 REVERSE VOL TAGE (VOLTS)
Figure 3. Capacitances
100 70 50 t, TIME (ns) t, TIME (ns) 30 20 tr @ V CC = 30 V tr @ V CC = 10 V td @ V EB = 2.0 V td @ V EB = 0 IC/IB = 10 100 70 50 30 20 tf
Figure 4. Charge Data
tr
VCC = 30 V IC/IB = 10
10 7.0 5.0 10 20 30 50 70 100 200 300 500
10 7.0 5.0 10 20 30 50 70 100 200 300 500
IC, COLLECTOR CURRENT (mA)
IC , COLLECTOR CURRENT (mA)
Figure 5. Turn-On T ime
Figure 6. Rise and Fall Times
WEITRON
http://www.weitron.com.tw
MMBT4401
300 200 ts4= ts - 1/8 tf IB1 = IB2 IC/IB = 10 to 20 100 70 tf , FALL TIME (ns) 50 30 20 IC/IB = 10 IC/IB = 20 VCC = 30 V IB1 = IB2
ts4 ST , ORAGE TIME (ns)
100 70 50
10 7.0
30 10
20
30
50
70 100
200
300
500
5.0 10
20
30
50
70
100
200
300
500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage T ime
300 200 hfe , CURRENT GAIN 50 k 20 k 10 k 5.0 k
Figure 8. Fall T ime
hie , INPUT IMPEDANCE (OHMS)
MMBT4401 UNIT 1 MMBT4401 UNIT 2
100 70 50 30 20 0.1 MMBT4401 UNIT 1 MMBT4401 UNIT 2
2.0 k 1.0 k 500 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10
0.2
0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 1 1. Current Gain
h re, VOLT AGE FEEDBACK RA TIO (X 10 -4 ) hoe , OUTPUT ADMITTANCE ( u mhos) 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 100 50 20 10 5.0 2.0 1.0 0.1
Figure 12. Input Impedance
MMBT4401 UNIT 1 MMBT4401 UNIT 2
MMBT4401 MMBT4401
UNIT 1 UNIT 2
0.2
0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
I C, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 13. V oltage Feedback Ratio
Figure 14. Output Admittance
WEITRON
http://www.weitron.com.tw
MMBT4401
STATIC CHARACTERISTICS
hFE, NORMALIZED CURRENT GAIN 3.0 2.0 VCE = 1.0 V VCE = 10 V TJ = 125 C 1.0 0.7 0.5 0.3 0.2 0.1 25 C
- 55 C
0.2
0.3
0.5 0.7
1.0
2.0 3.0 5.0 7.0 10 20 IC, COLLECTOR CURRENT (mA)
30
50
70
100
200
300
500
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 15. DC Current Gain
1.0 0.8 TJ = 25 C
0.6
IC = 1.0 mA
10 mA
100 mA
500 mA
0.4
0.2
0 0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3 0.5 0.7 1.0 2.0 IB, BASE CURRENT (mA)
3.0
5.0 7.0
10
20
30
50
Figure 16. Collector Saturation Region
+ 0.5 TJ = 25 C VBE(sat) @ I C/IB = 10 COEFFICIENT(mV/ C) 0 - 0.5 - 1.0 - 1.5 - 2.0 - 2.5 0.1 0.2
VB for V BE VC for V CE(sat)
1.0 0.8 VOLT AGE (VOLTS)
0.6
VBE @ V CE = 10 V
0.4
0.2 0 0.1 0.2
VCE(sat) @ I C/IB = 10
0.5 1.0 2.0 5.0 10 20 50 100 200 IC, COLLECTOR CURRENT (mA)
500
50 100 200 0.5 1.0 2.0 5.0 10 20 I C, COLLECTOR CURRENT (mA)
500
Figure 17. "On " V oltages
Figure 18. T emperature Coefficients
WEITRON
http://www.weitron.com.tw
MMBT4401
SOT-23 Package Outline Dimensions
A
Unit:mm
T OP V IE W
B
C
E
G H
D
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of MMBT4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X