Part Number Hot Search : 
7289NSC 1X392K SMA6J60A 01061 LD7513A FES2A SMB33C IN4746A
Product Description
Full Text Search
 

To Download MD1803DFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MD1803DFH
High voltage NPN Power transistor for standard definition CRT display
Features

State-of-the-art technology: - Diffused collector "enhanced generation" More stable performance versus operating temperature variation Low base drive requirement Tighter hFE range at operating collector current Fully insulated power package u.l. compliant Creepage distance path > 4mm Integrated free wheeling diode In compliance with the 2002/93/ec european directive TO-220FH
1 2 3
Applications
Internal schematic diagram
Horizontal deflection output for TV
Description
The MD1803DFH is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency bringing updated performance to the Horizontal Deflection stage. RBE=60 typ.
Order codes
Part number MD1803DFH Marking MD1803DFH Package TO-220FH Packing TUBE
May 2006
Rev 3
1/10
www.st.com 10
Electrical ratings
MD1803DFH
1
Table 1.
Symbol VCES VCEO VEBO IC ICM IB PTOT Visol Tstg TJ
Electrical ratings
Absolute maximum rating
Parameter Collector-emitter voltage (VBE = 0) Collector-emitter voltage (IB = 0) Emitter-base voltage (IC = 0) Collector current Collector peak current (tP < 5ms) Base current Total dissipation at Tc = 25C Insulation withstand voltage (rms) from all three leads to external heatsink Storage temperature Max. operating junction temperature Value 1500 700 7 10 15 5 40 2500 -65 to 150 150 Unit V V V A A A W V C
Table 2.
Symbol Rthj-case
Thermal data
Parameter Thermal resistance junction-case ____________________Max Value 3.125 Unit C/W
2/10
MD1803DFH
Electrical characteristics
2
Electrical characteristics
(TCASE = 25C; unless otherwise specified)
Table 3.
Symbol ICES IEBO V(BR)EBO VCE(sat) Note 1 VBE(sat) Note 1 hFE Note 1 Vf ts tf
Electrical characteristics
Parameter Collector cut-off current (VBE = 0) Emitter cut-off current (IC = 0) Test conditions VCE = 1500V VCE = 1500V VEB = 5V Tc= 125C 40 7 IB = 1.25 A IB = 1.25 A VCE = 5 V VCE = 1 V VCE = 5 V 5 18 5 8 1.6 fh = 16KHz VBE(off) = -2.7V 2.5 0.3 3 0.6 s s V 2 1.2 Min. Typ. Max. 0.2 2 120 Unit mA mA mA V V V
Emitter-base breakdown voltage IE = 700 mA (IC = 0) Collector-emitter saturation voltage Base-emitter saturation voltage IC = 5 A IC = 5 A IC = 1 A DC current gain IC = 5 A IC = 5 A Diode forward voltage Inductive load Storage time Fall time IF= 5 A IC = 4A ___ _ _ IB(on) = 0.6A__ LBB(off) = 4.5H
1 Pulsed duration = 300 s, duty cycle 1.5%.
3/10
Electrical characteristics
MD1803DFH
2.1
Electrical characteristics (curve)
Safe operating area Figure 2. Derating curve
Figure 1.
Figure 3.
Output characteristics
Figure 4.
Reverse biased SOA
Figure 5.
DC current gain
Figure 6.
DC current gain
4/10
MD1803DFH
Figure 7. Collector-emitter saturation voltage Figure 8.
Electrical characteristics
Base-emitter saturation voltage
Figure 9.
Power losses
Figure 10. Inductive load switching time
5/10
Electrical characteristics
MD1803DFH
2.2
Test circuit
Figure 11. Power losses and inductive load switching test circuit
Figure 12. Reverse biased safe operating area test circuit
6/10
MD1803DFH
Package mechanical data
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
7/10
Package mechanical data
MD1803DFH
TO-220FH (Fully plastic High voltage) MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 L8 L9 15.9 9 14.5 2.4 28.6 9.8 3.4 16.4 9.3 15 0.626 0.354 0.570 0.094 4.4 2.5 2.5 0.45 0.75 1.3 1.3 4.95 2.4 10 16 30.6 10.6 1.126 0.385 0.134 0.645 0.366 0.590 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.8 1.8 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.051 0.051 0.195 0.094 0.393 0.630 1.204 0.417 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.070 0.070 0.204 0.106 0.409
P011W
8/10
MD1803DFH
Revision history
4
Revision history
Table 4.
Date 18-Oct-2005 15-Feb-2006 08-May-2006
Revision history
Revision 1 2 3 First release New template, complete version with curves Typo mistake on table1 Changes
9/10
MD1803DFH
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of MD1803DFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X