Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download MCC162-18IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC 162 MCD 162
Thyristor Modules Thyristor/Diode Modules
ITRMS = 2x 300 A ITAVM = 2x 190 A VRRM = 800-1800 V
67 5 4
VRSM VDSM V 900 1300 1500 1700 1900
VRRM VDRM V 800 1200 1400 1600 1800
Type
1
3 2
Version 1 MCC 162-08io1 MCC 162-12io1 MCC 162-14io1 MCC 162-16io1 MCC 162-18io1
Version 1 MCD 162-08io1 MCD 162-12io1 MCD 162-14io1 MCD 162-16io1 MCD 162-18io1
3 671 542
Symbol ITRMS, IFRMS ITAVM, IFAVM ITSM, IFSM
Test Conditions TVJ = TVJM TC = 80C; 180 sine TC = 85C; 180 sine TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 300 190 181 6000 6400 5250 5600 180 000 170 000 137 000 128 000 150 A A A A A A A A2s A2s A2s A2s A/ms
MCC
3 1 5 42
MCD
oi2dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
(di/dt)cr
TVJ = TVJM repetitive, IT = 500 A f =50 Hz, tP =200 ms VD = 2/3 VDRM IG = 0.5 A non repetitive, IT = 500 A diG/dt = 0.5 A/ms TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 ms tP = 500 ms
500 1000 120 60 8 10 -40...+125 125 -40...+125
A/ms V/ms W W W V C C C V~ V~
Features International standard package Direct copper bonded Al2O3 -ceramic base plate Planar passivated chips Isolation voltage 3600 V~ UL registered, E 72873 Keyed gate/cathode twin pins
q q q q q q
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
Applications Motor control Power converter Heat and temperature control for industrial furnaces and chemical processes Lighting control Contactless switches
q q q q q
q q q
50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
Mounting torque (M6) Terminal connection torque (M6) Typical including screws
2.25-2.75/20-25 Nm/lb.in. 4.5-5.5/40-48 Nm/lb.in. 125 g
q
Advantages Space and weight savings Simple mounting Improved temperature and power cycling Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-4
MCC 162 MCD 162
Symbol IRRM, IDRM VT, VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a Test Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT, IF = 300 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C VD = 2/3 VDRM Characteristic Values 10 1.25 0.88 1.15 2.5 2.6 150 200 0.2 10 300 200 2 150 550 235 0.155 0.0775 0.225 0.1125 12.7 9.6 50 mA V V mW V V mA mA V mA mA mA ms ms mC A K/W K/W K/W K/W mm mm m/s2 Fig. 1 Gate trigger characteristics
TVJ = 25C; tP = 30 ms; VD = 6 V IG = 0.5 A; diG/dt = 0.5 A/ms TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.5 A; diG/dt = 0.5 A/ms TVJ = TVJM; IT = 300 A, tP = 200 ms; -di/dt = 10 A/ms typ. VR = 100 V; dv/dt = 20 V/ms; VD = 2/3 VDRM TVJ = TVJM; IT, IF = 300 A, -di/dt = 50 A/ms per per per per thyristor/diode; DC current module thyristor/diode; DC current module
other values see Fig. 8/9
Creepage distance on surface Strike distance through air Maximum allowable acceleration
Optional accessories for modules Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 180L (L = Left for pin pair 4/5) UL 758, style 1385, Type ZY 180R (R = right for pin pair 6/7) CSA class 5851, guide 460-1-1
Fig. 2 Gate trigger delay time Dimensions in mm (1 mm = 0.0394") MCC Version 1 MCD Version 1
(c) 2000 IXYS All rights reserved
2-4
MCC 162 MCD 162
Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 4 oi2dt versus time (1-10 ms)
Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor or diode)
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
(c) 2000 IXYS All rights reserved
3-4
MCC 162 MCD 162
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 0.155 0.167 0.176 0.197 0.227
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.0072 0.0188 0.129 ti (s) 0.001 0.08 0.2
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 0.225 0.237 0.246 0.267 0.297
Constants for ZthJK calculation: i 1 2 3 4 Rthi (K/W) 0.0072 0.0188 0.129 0.07 ti (s) 0.001 0.08 0.2 1.0
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MCC162-18IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X