Part Number Hot Search : 
1837213 MCZ33 74LCX138 H2N7000 MSZ5260 ZMM5234B 332J100 B1201
Product Description
Full Text Search
 

To Download MA3X704D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3X704D, MA3X704E
Silicon epitaxial planar type
For switching circuits For wave detection circuit I Features
* Two MA3X704As are contained in one package * Low forward rise voltage (VF) and satisfactory wave detection efficiency () * Small tmperature coefficient of forward characteristic * Extremely low reverse current IR
2.9 - 0.05
+ 0.2
2.8 - 0.3 0.65 0.15 1.5
+ 0.2
Unit : mm
0.65 0.15
+ 0.25 - 0.05
0.95
1.9 0.2
1 3 2
0.95
1.45
Parameter Reverse voltage (DC) Peak forward current Forward current (DC) MA3X704D/E Single Double* Single Double*
Symbol VR IFM IF Tj Tstg
Rating 30 150 110 30 20 125 -55 to +125
Unit V mA
MA3X704D MA3X704E JEDEC : TO-236 1 Cathode Anode EIAJ : SC-59 2 Cathode Anode Mini Type Package (3pin) 3 Anode Cathode
mA C C
Marking Symbol * MA3X704D : M2P * MA3X704E : M2R Internal Connection
1 3 2
2 1 3
Junction temperature Storage temperature Note) * : Value per chip
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Symbol IR VF1 VF2 Terminal capacitance Reverse recovery time* Ct trr VR = 30 V IF = 1 mA IF = 30 mA VR = 1 V, f = 1 MHz IF = IR = 10 mA Irr = 1 mA, RL = 100 Vin = 3 V(peak), f = 30 MHz RL = 3.9 k, CL = 10 pF Conditions
D
Min Typ
0 to 0.1
I Absolute Maximum Ratings Ta = 25C
0.1 to 0.3 0.4 0.2
1.1
0.8
E
Max 1 0.4 1.0 1.5 1.0 Unit A V V pF ns
Detection efficiency
65
0.16 - 0.06
+ 0.2 - 0.1
+ 0.1
0.4 - 0.05
+ 0.1
%
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment 2. Rated input/output frequency: 2 000 MHz 3. * : trr measuring instrument
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 1 mA IF = 10 mA IR = 10 mA RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
1
MA3X704D, MA3X704E
IF V F
103
1.0
Schottky Barrier Diodes (SBD)
VF Ta
103
IR VR
102
75C 25C Ta = 125C - 20C
Forward current IF (mA)
0.8
102
IF = 30 mA
Ta = 125C
Forward voltage VF (V)
Reverse current IR (A)
10
0.6 10 mA 0.4
10
75C
1
1 25C 10-1
10-1
0.2 1 mA
10-2
0
0.2
0.4
0.6
0.8
1.0
1.2
0 -40
10-2
0 40 80 120 160 200
0
5
10
15
20
25
30
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
Ct VR
3 f = 1 MHz Ta = 25C
IR T a
103
Terminal capacitance Ct (pF)
102
2
Reverse current IR (A)
VR = 30 V 3V 1V
10
1
1
10-1
0
0
5
10
15
20
25
30
10-2 -40
0
40
80
120
160
200
Reverse voltage VR (V)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of MA3X704D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X