Part Number Hot Search : 
020BC OBH31010 UGFZ30A MAX1538E D38815GQ 9K0064C RG401 48IUHF
Product Description
Full Text Search
 

To Download LT10000-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LT 10000-S
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
10000 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range (1 s / mn) Measuring resistance with 48 V with 60 V ISN KN VC IC Vd @ 10000 A max @ 12000 A max @ 10000 A max @ 15000 A max 10000 0 .. 15000 RM min RM max 0 0 0 0 8 1 20 1.5 A A
Features
*Closed loop (compensated) current
transducer using the Hall effect
*Insulated case.
Advantages
*Excellent accuracy *Very good linearity *Low temperature drift *Optimized response time *Wide frequency bandwidth *No insertion losses *High immunity to external
interference
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
1 A 1 : 10000 48 .. 60 V 40 (@ 60 V) + IS mA 10 1) kV 1 2) kV
Accuracy - Dynamic performance data
XG
*Current overload capability.
0.3 < 0.1 Typ Max 1.5 0.8 % % mA mA s A/s kHz
L
Overall accuracy @ IPN , TA = 25C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO - 25C .. + 70C Response time 3) @ 90 % of IP max di/dt accurately followed Frequency bandwidth (- 1 dB)
Applications
*AC variable speed drives and servo
motor drives
IO IOT tr di/dt f
0.6
<1 > 50 DC .. 100
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Switched Mode Power Supplies
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 70C Mass Standards 4) - 25 .. + 70 - 40 .. + 85 35 17 EN 50178 C C kg
(SMPS)
*Power supplies for welding
applications.
Notes :
1) 2) 3) 4)
Between primary and secondary + shield Between secondary and shield With a di/dt of 100 A/s A list of corresponding tests is available
980708/6
LEM Components
w w w .lem.com
Dimensions LT 10000-S
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal + : supply voltage + 48 .. 60 V Terminal M : measure Terminal 0 V : 0 V Terminal - : supply voltage - 48 .. 60 V Terminal E : shield
Connection
or
Mechanical characteristics
*General tolerance *Fastening *Primary through-hole *Connection of secondary
Fastening torque 1 mm 4 holes 11 mm 200 mm M5 threaded studs 2.2 Nm or 1.62 Lb - Ft
Remarks
*IS is positive when IP flows in the direction of the arrow. *Temperature of the primary conductor should not exceed
100C.
*Dynamic performances (di/dt and response time) are best
with a primary bar in the center of the through-hole.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LT10000-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X