Part Number Hot Search : 
DTC114G 150CT E215J1A 00EL1 DTC114G PQ208 150CT SP3080E
Product Description
Full Text Search
 

To Download LN28RCALUS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAIAs
Ultra Bright GaAIAs Lamps
2 Max. NOT SOLDERED
Conventional Part No.
Global Prat No.
Lighting Color
LN28RAL(US) ********** LNG28URBA *********** Red LN28RCAL(US) ******* LNG28ULBA *********** Red LN28WAL(US) ********* LNG28UWBA ********** Red LN28CAL(US) ********** LNG28UCBA *********** Red s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Red 70 150 30 3 -25 +85 -30 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2 - 0.5 0.1 2.54 1 2 1.5
15.5 1.0
2.0
2 - 0.8 Max
1.0 4.5 6.5 0.3 4.5 0.2
Round Type 3.0 mm Series
Unit: mm
3.0 0.2
0.5 0.1
1.7
3.8 0.2
1: Anode 2: Cathode
s Conventional Part No. LN28RAL(US) LN28RCAL(US) LN28WAL(US) LN28CAL(US) Unit
Electro-Optical Characteristics (Ta = 25C) Lighting Color Red Red Red Red -
IO IF
100 100
Lens Color Red Diffused Red Clear White Diffused Clear -
IO Typ 25 85 50 85 mcd Min 10 - - 30 mcd IF 20 20 20 20 mA
I F VF
VF Typ 1.8 1.8 1.8 1.8 V Max 2.6 2.6 2.6 2.6 V
P Typ 665 665 665 665 nm
Typ 20 20 20 20 nm
IR IF 20 20 20 20 mA Max 100 100 100 100 A VR 3 3 3 3 V
IO Ta
(%) Relative Luminous Intensity
500 300
IO (mcd) Luminous Intensity
L LN N2 28 8RC CA A L( L( LN US US )) 28 LN W 28 RA AL (U L( US S ) )
50 30
50
IF (mA) Forward Current
30
10 5 3
10 5 3
100 50 30
1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
IF (mA) Forward Current
VF (V) Forward Voltage
Ta (C ) Ambient Temperature
IF (mA) Forward Current
Relative Luminous Intensity Wavelength Characteristics
50
IF Ta
(%) Relative Luminous Intensity
100 80
Directive Characteristics
20 10 30 40 0 80 60 10 20 30 40 50 60 40 20 20 0 20 LN28RAL(US) LN28WAL(US)
40
30
60 40 20 0 500
50 60 70 LN28RCAL(US) LN28CAL(US)
20
70 80 90 100
10
80 600 700 800
P (nm) Wavelength
90 100
80
60
40
40
60
80
0
0
20
40
60
80
100
(%) Relative Luminous Intensity
Ta (C ) Ambient Temperature
241


▲Up To Search▲   

 
Price & Availability of LN28RCALUS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X