Part Number Hot Search : 
RFS9630 SAA4979 A1837 IA120 BR100 B1100 HBZX55C1 2N3337
Product Description
Full Text Search
 

To Download GS71024GT-10I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS71024T/U
TQFP, FP-BGA Commercial Temp Industrial Temp Features
* Fast access time: 8, 9, 10, 12, 15 ns * CMOS low power operation: 190/170/160/130/110 mA at minimum cycle time. * Single 3.3 V 0.3 V power supply * All inputs and outputs are TTL-compatible * Fully static operation * Industrial Temperature Option: -40 to 85C * Package T: 100-pin TQFP package U: 6 mm x 8 mm Fine Pitch Ball Grid Array GT: Pb-Free 100-pin TQFP available
64K x 24 1.5Mb Asynchronous SRAM
1 A B C D E F G H 2 3 4
8, 9, 10, 12, 15 ns 3.3 V VDD Center VDD and VSS
Fine Pitch BGA Bump Configuration
5 6
DQ DQ DQ VSS VDD DQ DQ DQ
A3 DQ DQ DQ DQ DQ DQ A15
A2 CE2 CE1 A5 A7 A9 A11 A14
A1 WE OE A4 A6 A8 A10 A13
A0 DQ DQ DQ DQ DQ DQ A12
DQ DQ DQ VDD VSS DQ DQ DQ
Description
The GS71024 is a high speed CMOS static RAM organized as 65,536 words by 24 bits. Static design eliminates the need for external clocks or timing strobes. The GS71024 operates on a single 3.3 V power supply, and all inputs and outputs are TTLcompatible. The GS71024 is available in a 6 mm x 8 mm Fine Pitch BGA package, as well as in a 100-pin TQFP package.
6 mm x 8 mm, 0.75 mm Bump Pitch Top View
Pin Descriptions Symbol
A0 to A15 X/Y WE CE1, CE2 VDD
Description
Address input Vector Input Write enable input Chip enable input +3.3 V power supply
Symbol
DQ1 to DQ24 V/S OE -- VSS
Description
Data input/output Address Multiplexer Control Output enable input -- Ground
Block Diagram
A0
Row Decoder Address Input
A14 A15 X/Y V/S CE1 CE2 WE OE
Memory Array 1024 x 1536
0 1
Q
Column Decoder
Control
I/O Buffer
DQ1 DQ24
Rev: 1.05 11/2004
1/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
100-Pin TQFP Pinout
A A CE1 CE2 NC NC NC X/Y V/S NC NC NC NC NC DQ DQ DQ DQ VSS VDD DQ DQ NC VDD NC VSS DQ DQ VDD VSS DQ DQ DQ DQ NC NC NC NC NC VDD VSS NC WE NC OE NC NC NC A0 A1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 Top View 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC NC NC NC NC DQ DQ DQ DQ VSS VDD DQ DQ VSS NC VDD NC DQ DQ VDD VSS DQ DQ DQ DQ NC NC NC NC NC
NC A A A A A A NC NC VSS VDD
Rev: 1.05 11/2004
2/13
NC NC A A A A A A
NC
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Truth Table
CE1 H X L L L L L X: "H" or "L" CE2 X L H H H H H OE X X L L X X H WE X X H H L L H V/S X X H L H L X Mode Not selected Not selected Read using X/Y Read using A15 Write using X/Y Write using A15 Output disable DQ0 to DQ23 High Z High Z Data Out Data Out Data In Data In High Z IDD VDD Current ISB1, ISB2
Absolute Maximum Ratings Parameter
Supply Voltage Input Voltage Output Voltage Allowable TQFP power dissipation Allowable FPBGA power dissipation Storage temperature
Symbol
VDD VIN VOUT PD PD TSTG
Rating
-0.5 to +4.6 -0.5 to VDD + 0.5 ( 4.6 V max.) -0.5 to VDD + 0.5 ( 4.6 V max.) 1 1 -55 to 150
Unit
V V V W W
o
C
Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability.
Rev: 1.05 11/2004
3/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Recommended Operating Conditions Parameter
Supply Voltage for -10/12/15 Supply Voltage for -8 Input High Voltage Input Low Voltage Ambient Temperature, Commercial Range Ambient Temperature, Industrial Range
Symbol
VDD VDD VIH VIL TAc TAi
Minimum
3.0 3.135 2.0 -0.3 0 -40
Typical
3.3 3.3 -- -- -- --
Maximum
3.6 3.6 VDD + 0.3 0.8 70 85
Unit
V V V V
o
C
oC
Notes: 1. Input overshoot voltage should be less than VDD + 2 V and not exceed 20 ns. 2. Input undershoot voltage should be greater than -2 V and not exceed 20 ns.
Capacitance Parameter
Input Capacitance I/O Capacitance
Symbol
CIN COUT
Test Condition
VIN = 0 V VOUT = 0 V
Maximum
5 7
Unit
pF pF
Notes: 1. Tested at TA = 25C, f = 1 MHz 2. These parameters are sampled and are not 100% tested
DC I/O Pin Characteristics Parameter
Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage
Symbol
IIL IOL VOH VOL
Test Conditions
VIN = 0 to VDD Output High Z, VOUT = 0 to VDD IOH = -4mA IOL = +4mA
Minimum
-1uA -1uA 2.4 --
Maximum
1uA 1uA -- 0.4 V
Rev: 1.05 11/2004
4/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
AC Test Conditions Parameter
Input high level Input low level Input rise time Input fall time Input reference level Output reference level Output load
Conditions
VIH = 2.4 V VIL = 0.4 V tr = 1 V/ns tf = 1 V/ns 1.4 V 1.4 V Fig. 1& 2
Output Load 1
DQ 50 VT = 1.4 V 30pF1
Output Load 2
3.3 V DQ 5pF1 589 434
Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted 3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Power Supply Currents
Parameter Symbol Test Conditions CE VIL All other inputs VIH or VIL Min. cycle time IOUT = 0 mA CE VIH All other inputs VIH or VIL Min. cycle time CE VDD - 0.2 V All other inputs VDD - 0.2 V or 0.2 V 0 to 70C 8 ns 9 ns 10 ns 12 ns 15 ns 10 ns -40 to 85C 12 ns 15 ns
Operating Supply Current
IDD
190 mA
170 mA
160 mA
130 mA
110 mA
165 mA
135 mA
115 mA
Standby Current
ISB1
45 mA
45 mA
40 mA
35 mA
30 mA
45 mA
40 mA
35 mA
Standby Current
ISB2
10 mA
15 mA
Rev: 1.05 11/2004
5/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
AC Characteristics Read Cycle
Parameter Read cycle time Address access time Chip enable access time (CE1, CE2) MUX control to output valid (V/S) Output enable to output valid (OE) Output hold from address change Output hold from MUX controls change Chip enable to output in low Z (CE1, CE2) Output enable to output in low Z (OE) Chip disable to output in High Z (CE1, CE2) Output disable to output in High Z (OE) Symbol tRC tAA tAC tAV tOE tOH tOH1 tLZ* tOLZ* tHZ* tOHZ* -8 Min 8 -- -- -- -- 3 3 3 0 -- -- Max -- 8 8 8 4 -- -- -- -- 4 4 Min 9 -- -- -- -- 3 3 3 0 -- -- -9 Max -- 9 9 9 4.5 -- -- -- -- 4.5 4.5 Min 10 -- -- -- -- 3 3 3 0 -- -- -10 Max -- 10 10 10 5 -- -- -- -- 5 5 Min 12 -- -- -- -- 3 3 3 0 -- -- -12 Max -- 12 12 12 6 -- -- -- -- 6 6 Min 15 -- -- -- -- 3 3 3 0 -- -- -15 Max -- 15 15 15 7 -- -- -- -- 7 7 Unit ns ns ns ns ns ns ns ns ns ns ns
* These parameters are sampled and are not 100% tested
Read Cycle 1: CE = OE = VIL, WE = VIH
tRC Address tAA V/S tOH Data Out Previous Data tOH1 tAV Data valid
Rev: 1.05 11/2004
6/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Read Cycle 2: WE = VIH
tRC Address tAA CE1(*1) tAC tLZ V/S OE tOLZ High impedance tOE
Data valid
tHZ tAV
tOHZ
Data Out
*1 CE1 represents both CE1 low and CE2 high.
Rev: 1.05 11/2004
7/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Write Cycle
Parameter Write cycle time Address valid to end of write Chip enable to end of write (CE1, CE2) MUX control to end of write (V/S) Data set up time Data hold time Write pulse width Address set up time MUX control set up time Write recovery time (WE) Write recovery time (V/S, CE1, CE2 ) Output Low Z from end of write Write to output in High Z Symbol tWC tAW tCW tVW tDW tDH tWP tAS tVS tWR tWR1 tWLZ* tWHZ* -8 Min 8 5.5 5.5 5.5 4 0 5.5 0 0 0 0 2 -- Max -- -- -- -- -- -- -- -- -- -- -- -- 4 Min 9 6.25 6.25 6.25 4.5 0 6.25 0 0 0 0 2.5 -- -9 Max -- -- -- -- -- -- -- -- -- -- -- -- 4.5 Min 10 7 7 7 5 0 7 0 0 0 0 3 -- -10 Max -- -- -- -- -- -- -- -- -- -- -- -- 5 Min 12 8 8 8 6 0 8 0 0 0 0 3 -- -12 Max -- -- -- -- -- -- -- -- -- -- -- -- 6 Min 15 10 10 10 7 0 10 0 0 0 0 3 -- -15 Max -- -- -- -- -- -- -- -- -- -- -- -- 7 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
* These parameters are sampled and are not 100% tested
Rev: 1.05 11/2004
8/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Write Cycle 1: WE control
tWC Address tAW OE tCW CE1 V/S tAS WE Data In tWHZ Data Out
High impedance (*1)
tWR
tVS
tVW tWP
(*2) tDW
Data valid
tDH tWLZ
(*3) (*3) *1 CE1 represents both CE1 low and CE2 high. *2 Write is executed when both CE1 and WE are at low simultaneously. *3 Do not apply the data input voltage to the output while DQ pin is in output condition.
Write Cycle 2: CE control
tWC Address tAW OE tAS CE1 V/S WE Data In Data Out tWP tDW
Data valid (*1)
tWR1 tCW tVW
tDH
High impedance
*1 CE1 represents both CE1 low and CE2 high.
Rev: 1.05 11/2004
9/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
6 mm x 8 mm Fine Pitch BGA 8.00 0.10 6.00 0.10 0.22 0.05 0.10 2 1 6 0.75(typ).
10/13
Top View
1.20(max) pin A1 index
Bottom View pin A1 index
5
4
Rev: 1.05 11/2004
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Ball Dia. 0.35 Pitch 0.75
(c) 1999, GSI Technology
3.75
3
0.36(typ)
G
D
C
H
A
B
E
F
D
units: mm 5.25
GS71024T/U
TQFP Package Drawing L c Min. Nom. Max L1
0.05 0.10 0.15 1.35 0.20 0.09 21.9 19.9 15.9 13.9 0.45 22.0 20.0 16.0 14.0 0.65 0.60 1.00 0.10 0 7 0.75 1.40 0.30 1.45 0.40 0.20 22.1 20.1 16.1 14.1
Symbol
A1 A2 b c D D1 E E1 e L L1 Y
Description
Standoff Body Thickness Lead Width Lead Thickness Terminal Dimension Package Body Terminal Dimension Package Body Lead Pitch Foot Length Lead Length Coplanarity Lead Angle
Pin 1
e b
D D1
Notes: 1. All dimensions are in millimeters (mm). 2. Package width and length do not include mold protrusion
A1
Y
A2
E1 E
BPR 1999.05.18
Rev: 1.05 11/2004
11/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Ordering Information Part Number
GS71024T-8 GS71024T-9 GS71024T-10 GS71024T-12 GS71024T-15 GS71024T-8I GS71024T-9I GS71024T-10I GS71024T-12I GS71024T-15I GS71024GT-8 GS71024GT-9 GS71024GT-10 GS71024GT-12 GS71024GT-15 GS71024GT-8I GS71024GT-9I GS71024GT-10I GS71024GT-12I GS71024GT-15I GS71024U-8 GS71024U-9 GS71024U-10 GS71024U-12 GS71024U-15 GS71024U-8I GS71024U-9I GS71024U-10I
Package
100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP Pb-free 100-Pin TQFP 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA
Access Time
8 ns 9 ns 10 ns 12 ns 15 ns 8 ns 9 ns 10 ns 12 ns 15 ns 8 ns 9 ns 10 ns 12 ns 15 ns 8 ns 9 ns 10 ns 12 ns 15 ns 8 ns 9 ns 10 ns 12 ns 15 ns 8 ns 9 ns 10 ns
Temp. Range
Commercial Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Commercial Commercial Commercial Commercial Commercial Industrial Industrial Industrial Industrial Industrial Commercial Commercial Commercial Commercial Commercial Industrial Industrial Industrial
Status
Rev: 1.05 11/2004
12/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71024T/U
Ordering Information Part Number
GS71024U-12I GS71024U-15I
Package
6 mm x 8 mm Fine Pitch BGA 6 mm x 8 mm Fine Pitch BGA
Access Time
12 ns 15 ns
Temp. Range
Industrial Industrial
Status
* Customers requiring Tape and Reel should add the character "T" to the end of the part number. For example: GS71024T/U-12T.
Revision History
Rev. Code: Old; New Types of Changes Format or Content Format/Typos GS71024Rev 2:17pm, 4/8/ 1999; 1.00a5/1999 Page/Revisions/Reason * Document Changed subscripts to small caps. * 1/Features: Changed TP to T. * Document/Replaced "micro" with "fine pitch". * Ordering Information/Added Tape and Reel Note/ Enhancement * Pin Description/Changed A0 - A14 to A0 - A15/Correction * Page 1/Took out "Byte Control" from Features/Correction * 3/Changed pin 97 from NC to CE2/Correction * 1. 2. 3. 4. Pin out/Changed Pin 89 from CK to NC/Correction Pin out/Changed Pin 92 from NC to V/S/Correction Pin out/Changed Pin 93 from V/S to X/Y/Correction Pin out/Changed Pin 94 from X/Y to NC/Correction
Content
GS710241.00a5/1999; 1.01 8/1999B GS710241.01 8/1999C; 1.02 9/1999C GS71024Rev1.01 8/ 1999C;Rev1.02 2/2000D
Content
Content Format
* Package Diagram/Changed Dimension "D Max" from 20.1 to 22.1/Correction * GSI Logo
Rev1.02 2/2000D; 71024_r1_03
* Updated format to comply with Technical Publications standards Format and Content * Changed all VSSQ to VSS and all VDDQ to VDD in pinout on page 2 * Updated Revision History (revision notes for 8/1999 incorrect) Content Content/Format * Added 9 ns references to entire document * Updated format * Added Pb-free information for TQFP package
71024_r1_03; 71024_r1_04 71024_r1_04; 71024_r1_05
Rev: 1.05 11/2004
13/13
(c) 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS71024GT-10I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X