Part Number Hot Search : 
1N4496D C848C D4043 2SD880O LG2041 BUT33 UML6NTR 78L05
Product Description
Full Text Search
 

To Download FMM5051VU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMM5051VU
Ku band Power Amplifier MMIC
FEATURES
High Output Power: 31.5dBm(typ.) High Linear Gain: 31.5dB(typ.) Low Input VSWR Broad Band: 13.75~14.5GHz Impedance Matched Zin/Zout = 50 Small Hermetic Metal-Ceramic SMT Package(VU)
DESCRIPTION
The FMM5051VU is a MMIC amplifier that contains a three-stage amplifier, internally matched, for standard communications in the 13.75 to 14.5GHz frequency range. This product is well suited for VSAT applications as it offers high power, high gain, and low VSWR. Eudyna's stringent Quality Assurance Program assures the highestreliability and consistent performance.
ABSOLUTE MAXIMUM RATING Item Symbol
Drain-Source Voltage Gate-Source Voltage Input Power Storage Temperature VDD VGG Pin T stg
Rating
+8 -3 +8 -55 to +125
Unit
V V dBm o C
RECOMMENDED OPERATING CONDITION Item Symbol
DC Input Voltage DC Input Voltage Operating Case Temperature VDD VGG Tc
Condition
+5 0 -40 to +85
o
Unit
V V o C
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25 C) Limit Item Symbol Condition Min. Typ. Max.
Output Power Linear Gain (Note 1) Total Drain Current Power Added Efficiency Gain Flatness (Note 1) Input Return Loss (Note 1) Output Return Loss (Note 1) Note 1 : Pin=-10dBm Pout GL Iddt add G RLin RLout 30.8 30.0 31.5 31.5 800 35.0 1.5 -9 -9 1000 2.0 -6 -6
Unit
dBm dB mA % dB dB dB
VDD=5V VGG=0V f =13.75~14.50GHz Pin=+3dBm
ESD
CASE STYLE : VU
Edition 2.0 January 2005
Class 0
~ 199V
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k )
1
FMM5051VU
Ku band Power Amplifier MMIC
OUTPUT POWER, DRAIN CURRENT vs. INPUT POWER VDD=5V, VGG=0V
34 32 Output Power [ dBm ] 30 28 26 24 22 20 18 16 14 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 Input Power [ dBm ]
13.75GHz 14.00GHz 14.25GHz 14.50GHz
1100 1050 1000 950 900 850 800 750 700 650 600 Idd [ mA ]
Pin=4dBm Pin=-2dBm Pin=-4dBm Pin=-6dBm Pin=-8dBm Pin=-10dBm
OUTPUT POWER vs. FREQUENCY
VDD=5V, VGG=0V
34 32 Output Power [ dBm ] 30 28 26 24 22 20 18 13.25
P1dB
13.50
13.75
14.00
14.25
14.50
14.75
15.00
Frequency [ GHz ]
2
FMM5051VU
Ku band Power Amplifier MMIC
S-PARAMETERS Input/Output Return Loss vs. Frequency VDD=5V, VGG=0V
0 Input/Output Return Loss [ dB ] -5 -10 -15 -20 -25 -30 -35 -40 10 11 12 13 14 15 16 17 18 19 20 Frequency [ GHz ]
- Input Return Loss - Output Return Loss
Small Signal Gain vs. Frequency VDD=5V, VGG=0V
36 32 Small Signal Gain [ dB ] 28 24 20 16 12 8 4 0 10 11 12 13 14 15 16 17 18 19 20 Frequency [ GHz ]
S-parameter was taken with PCB in Page 6.
3
FMM5051VU
Ku band Power Amplifier MMIC
S-PARAMETERS VDD=5V, VGG=0V
Frequency [ GHz ] 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 13.1 13.2 13.3 13.4 13.5 13.6 13.7 13.8 13.9 14.0 14.1 14.2 14.3 14.4 14.5 14.6 14.7 14.8 14.9 15.0 16.0 17.0 18.0 19.0 20.0 S 11 MAG ANG 0.960 -38.0 0.901 -66.1 0.858 -102.0 0.793 -154.0 0.810 163.4 0.778 134.7 0.763 87.0 0.822 51.4 0.826 40.2 0.708 10.6 0.732 -21.7 0.661 -53.9 0.442 -94.4 0.405 -100.5 0.376 -106.0 0.345 -111.4 0.307 -119.6 0.260 -126.5 0.213 -137.3 0.149 -145.7 0.085 -165.3 0.033 150.1 0.066 67.7 0.116 31.5 0.184 20.6 0.252 11.1 0.310 2.4 0.376 -3.0 0.413 -10.0 0.449 -18.7 0.468 -24.2 0.473 -29.1 0.482 -33.5 0.301 -45.9 0.739 -116.6 0.707 -134.3 0.738 -146.4 0.780 152.4 S 21 MAG ANG 0.013 149.0 0.062 95.7 0.348 -110.1 0.331 28.3 0.478 -96.4 2.534 96.5 5.072 -143.2 5.596 14.9 6.908 178.9 8.722 -8.2 13.732 160.4 22.054 -47.9 31.712 88.9 32.711 66.2 33.863 43.3 35.530 20.2 35.695 -3.1 36.939 -26.7 38.118 -50.7 39.215 -75.8 40.315 -100.6 39.596 -125.1 40.096 -151.1 39.888 -176.7 39.321 157.8 38.610 132.0 37.032 106.6 35.438 81.2 33.702 55.7 31.595 30.9 29.637 6.0 28.136 -17.8 25.564 -40.4 10.535 82.7 5.781 -135.9 2.027 21.5 1.038 175.2 0.381 -66.2 S 12 MAG ANG 0.001 55.0 0.001 -14.1 0.001 -146.8 0.001 58.5 0.002 -84.5 0.002 40.1 0.001 -72.2 0.001 -174.4 0.001 42.3 0.002 -52.4 0.005 110.3 0.002 -69.9 0.001 -139.0 0.001 -161.2 0.001 -167.5 0.001 175.1 0.001 -176.6 0.001 154.4 0.001 155.3 0.002 127.7 0.002 129.6 0.002 110.5 0.002 89.6 0.002 83.9 0.002 67.9 0.002 57.4 0.002 40.5 0.002 25.8 0.001 23.9 0.001 5.4 0.001 15.6 0.002 -0.8 0.002 0.4 0.006 -151.0 0.010 -14.0 0.004 57.8 0.006 -111.7 0.005 67.2 S 22 MAG ANG 0.989 -41.3 0.946 -72.2 0.924 -111.4 0.904 -167.9 0.869 148.6 0.789 103.0 0.641 33.3 0.385 -34.3 0.343 132.0 0.565 67.1 0.669 -0.4 0.533 -73.7 0.126 -139.0 0.103 -146.3 0.087 -153.7 0.079 -162.4 0.071 -170.6 0.071 -175.8 0.072 178.6 0.079 173.5 0.086 166.3 0.094 161.3 0.111 155.4 0.127 146.8 0.147 137.5 0.161 128.1 0.172 119.1 0.187 109.2 0.196 99.9 0.200 91.2 0.207 82.2 0.214 74.0 0.214 67.2 0.340 17.2 0.153 -32.8 0.036 -40.5 0.207 8.5 0.520 -7.9
7
FMM5051VU
Ku band Power Amplifier MMIC
Block diagram
PIN ASSIGMENT 1 : VDD 2 : RF in 3 : VGG 4 : VDD 5 : RF out 6 : VDD Recommended Bias Circuit
1000pF 0.1uF
GND
0.1uF 1000pF
VGG
RF in
VDD
RF out
3
2
5
4
VDD
0.1uF
VDD
1000pF 0.1uF
1
1000pF
GND
Note 1: The capacitors are recommended on the bias supply line, close to the package, in order to prevent video oscillations which could damage the module. Note 2: Three pins named VDD are internally connected.
4
6
FMM5051VU
Ku band Power Amplifier MMIC
Package Outline
5
FMM5051VU
Ku band Power Amplifier MMIC
PCB Pads and Solder-resist Pattern
Unit: mm [inches] PCB: Diclad-522 Under plating: Cu : Nickel (Ni) 1 4 m Top plating: Gold (Au) (Flash plating 0.1 m or less)
Resist Pattern
6
FMM5051VU
Ku band Power Amplifier MMIC
Eudyna Devices USA Inc. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. TEL: (408) 232-9500 FAX: (408) 428-9111 www.us.eudyna.com Eudyna Devices Europe Ltd. Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888 Eudyna Devices Asia Pte. Ltd. Hong Kong Branch Rm.1101,Ocean Centre, 5 Canton Road Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-2377-0227 FAX: +852-2377-3921 Eudyna Devices Inc.
Sales Division 1, Kanai-cho, Sakae-ku Yokohama, 244-0845, Japan
CAUTION
Eudyna Devices Inc. products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures: Do not put these products into the mouth. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these byproducts are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures. Eudyna Devices Inc. reserves the right to change products and specifications without notice.The information does not convey any license under rights of Eudyna Devices Inc. or others.
(c) 2005 Eudyna Devices USA Inc. Printed in U.S.A.
TEL +81-45-853-8156 FAX +81-45-853-8170
8


▲Up To Search▲   

 
Price & Availability of FMM5051VU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X