Part Number Hot Search : 
PIC16C54 1SV250 74LS2 R5021213 HER108G 071973 1002F AMS385AN
Product Description
Full Text Search
 

To Download DLPA006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: DLPA006
Lead-free Green
DLPA006
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER Features
NEW PRODUCT
* * * * *
Fast Switching Speed Ultra-Small Surface Mount Package Ideal For Three Dataline Rail Clamp or Three Phase Full Wave Bridge Rectification Lead Free By Design/RoHS Compliant (Note 4) "Green" Device (Note 5)
A
SOT-363
BC
Dim A B
Min 0.10 1.15 2.00 0.30 1.80 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 2.20 0.10 1.00 0.40 0.25 8
Data Line Transient Protection
In accordance with (Note 1):
G H K M
C D E G H J K L M a
0.65 Nominal
* * * * * * * *
IEC 61000-4-2 Contact Method: 15kV IEC 61000-4-2 Air Discharge Method: 25kV
J
AC3 DL3
D
F
DC+ VCC
L
Mechanical Data
Case: SOT-363 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 (Note 4) Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Matte Tin annealed over Alloy 42 Leadframe. Solderable per MIL-STD-202, Method 208 Ordering Information, See Page 3 Marking: JAD (See Page 3)
/
DC+ VCC
/
/
DL1 AC1
/
GND DC-
/
DL2 AC2
/
All Dimensions in mm
TOP VIEW
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Current (Single Diode) Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 2) Thermal Resistance Junction to Ambient Air (Note 2) Power Dissipation (Note 3) Thermal Resistance Junction to Ambient Air (Note 3) Operating and Storage Temperature Range
Notes:
Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Pd RqJA Tj , TSTG
Value 85 60 160 4.0 1.0 0.5 200 625 300 417 -65 to +150
Unit V V mA A mW C/W mW C/W C
1. Tested with VCC pins connected to GND pin. 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 4. No purposefully added lead. 5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30665 Rev. 3 - 2
1 of 3 www.diodes.com
DLPA006
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol V(BR)R VF Min 85 3/4 3/4 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 2 3.5 2.7 3/4 Max 3/4 0.90 1.0 1.1 1.25 5.0 80 3/4 7 6 3.0 Unit V V nA nA pF pF pF ms Test Condition IR = 100mA IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 0, f = 1.0MHz VR = 0, f = 1.0MHz VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
NEW PRODUCT
Characteristic Reverse Breakdown Voltage (Note 6) Forward Voltage (Note 6)
Leakage Current (Note 6) Junction Capacitance (per element) Capacitance Between Two Data Lines (DL1 & DL2, DL1 & DL3) Capacitance Between Data Line and Ground Reverse Recovery Time
Notes: 6. Short duration test pulse to minimize self-heating effect.
IR CT CLL CLG trr
PD, POWER DISSIPATION (mW)
250
Device mounted on suggested pad layout
IF, INSTANTANEOUS FORWARD CURRENT (mA)
300
1000
100
200
10
150
1.0
100
50
0.1
0 0 25 50 75 100 125 150
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
10
VR = 75V
IR, REVERSE CURRENT (nA)
1
0.1 0 50 100 150 200 TA, AMBIENT TEMPERATURE (C) Fig. 3 Typical Reverse Characteristics
DS30665 Rev. 3 - 2
2 of 3 www.diodes.com
DLPA006
Ordering Information (Note 7)
NEW PRODUCT
Device DLPA006-7
Notes:
Packaging SOT-363
Shipping 3000/Tape & Reel
7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
JAD = Product Type Marking Code YM = Date Code Marking Y = Year ex: S = 2005 M = Month ex: 9 = September
JAD
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 Apr 4 May 5 Jun 6 2005 S Jul 7 2006 T Aug 8 Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
Typical Applications
Data Line Bus Transient Suppressor
VBUS/VCC
YM
DL1
DL2
DL3
Ground
Three Phase, Full-Wave Bridge Rectifier
AC1 3-Phase AC source DCAC2 AC3 DC+
+ Load -
DS30665 Rev. 3 - 2
3 of 3 www.diodes.com
DLPA006


▲Up To Search▲   

 
Price & Availability of DLPA006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X