Part Number Hot Search : 
DS2129SR Z100D5 ASI10746 MSM82C43 8M44V DTC144 DTC144 STPS1
Product Description
Full Text Search
 

To Download BSS229 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIPMOS(R) Small-Signal Transistor
BSS 229
q q q q q q q
VDS 250 V ID 0.07 A RDS(on) 100
N channel Depletion mode High dynamic resistance Available grouped in VGS(th)
1
2
3
Type
Ordering Code
Tape and Reel Information
Pin Configuration Marking Package 1 G 2 D 3 S SS229 TO-92
BSS 229 Q62702-S600 E6296: 1500 pcs/reel; 2 reels/carton; source first Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Gate-source peak voltage, aperiodic Continuous drain current, TA = 25 C Pulsed drain current, Max. power dissipation,
Symbol
Values 250 250 14 20 0.07 0.21 0.63 - 55 ... + 150 200 E 55/150/56
Unit V
VDS VDGR VGS Vgs ID ID puls Ptot Tj, Tstg RthJA
- -
A W C K/W -
TA = 25 C TA = 25 C
Operating and storage temperature range Thermal resistance, chip-ambient (without heat sink) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
1
04.97
BSS 229
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = - 3 V, ID = 0.25 mA Gate threshold voltage VDS = 3 V, ID = 1 mA Drain-source cutoff current VDS = 250 V, VGS = - 3 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Drain-source on-resistance VGS = 0 V, ID = 0.014 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID = 0.07 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Turn-on time ton, (ton = td(on) + tr) VDD = 30 V, VGS = - 2 V ... + 5 V, RGS = 50 , ID = 0.15 A Turn-off time toff, (toff = td(off) + tf) VDD = 30 V, VGS = - 2 V ... + 5 V, RGS = 50 , ID = 0.15 A Values typ. max. Unit
V(BR)DSS
250 - - 1.4 - - 0.7
V
VGS(th) IDSS
- 1.8
- -
- - 10 75
100 200 100
nA A nA
IGSS
-
RDS(on)
- 100
gfs
0.05 0.10 85 6 2 4 10 10 15 -
S pF - 120 10 3 6 15 13 20 ns
Ciss Coss
-
Crss
-
td(on) tr td(off) tf
- - - -
Semiconductor Group
2
BSS 229
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Reverse Diode Continuous reverse drain current TA = 25 C Pulsed reverse drain current TA = 25 C Diode forward on-voltage IF = 0.14 A, VGS = 0 Symbol min. Values typ. max. A - - - 0.8 Unit V V V V V V V 0.07 0.21 V - Symbol Limit Values min. Range of VGS(th) Threshold voltage selected in groups: F G A B C D
1)
Unit
IS ISM
-
VSD
1.2
VGS(th) Grouping
Test Condition -
max. 0.15 - 1.385 - 1.485 - 1.585 - 1.685 - 1.785 - 1.885
VGS(th) VGS(th)
- - 1.535 - 1.635 - 1.735 - 1.835 - 1.935 - 2.035
VDS1 = 0.2 V; VDS2 = 3 V; ID = 10 A
1) A specific group cannot be ordered separately. Each reel only contains transistors from one group.
Semiconductor Group
3
BSS 229
Characteristics at Tj = 25 C, unless otherwise specified. Total power dissipation Ptot = f (TA) Safe operating area ID = f (VDS) parameter: D = 0.01, TC = 25 C
Typ. output characteristics ID = f (VDS) parameter: tp = 80 s
Typ. drain-source on-resistance RDS(on) = f (ID) parameter: VGS
Semiconductor Group
4
BSS 229
Typ. transfer characteristics ID = f (VGS) parameter: tp = 80 s, VDS 2 x ID x RDS(on)max.
Typ. forward transconductance gfs = f (ID) parameter: VDS 2 x ID x RDS(on)max., tp = 80 s
Drain-source on-resistance RDS(on) = f (Tj) parameter: ID = 0.014 A, VGS = 0 V, (spread)
Typ. capacitances C = f (VDS) parameter: VGS = 0, f = 1 MHz
Semiconductor Group
5
BSS 229
Gate threshold voltage VGS(th) = f (Tj) parameter: VDS = 3 V, ID = 1 mA, (spread)
Forward characteristics of reverse diode IF = f (VSD) parameter: tp = 80 s, Tj, (spread)
Drain current ID = f (TA) parameter: VGS 3 V
Drain-source breakdown voltage V(BR) DSS = b x V(BR)DSS (25 C)
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of BSS229

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X