Part Number Hot Search : 
CXX0G FN484 MDDMB8M FJT1101 DMA26101 STR44115 SDS19WK 3204U
Product Description
Full Text Search
 

To Download BQ20Z90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACKTM TECHNOLOGY FOR USE WITH THE bq29330
FEATURES
* Patented Impedance TrackTM Technology Accurately Measures Available Charge in Li-Ion and Li-Polymer Batteries Better than 1% Error Over Lifetime of the Battery Instant Accuracy - No Learning Cycle Required Automatically adjusts for battery aging, battery self discharge and temperature inefficiencies Supports the Smart Battery Specification SBS V1.1 Works With the TI bq29330 Analog Front-End (AFE) Protection IC to Provide Complete Pack Electronics Solution Full Array of Programmable Voltage, Current, and Temperature Protection Features Integrated Time Base Removes Need for External Crystal with Optional Crystal Input Electronics for 7.2-V, 10.8-V or 14.4-V Battery Packs With 50% Fewer External Components Based on a Powerful Low-Power RISC CPU Core With High-Performance Peripherals Integrated Field Programmable FLASH Memory Eliminates the Need for External Configuration Memory Measures Charge Flow Using a High-Resolution, 16-Bit Integrating Delta-Sigma Converter - Better Than 0.65 nVh of Resolution - Self-Calibrating Uses 16-Bit Delta-Sigma Converter for Accurate Voltage and Temperature Measurements Extensive Data Reporting Options For Improved System Interaction * * * * * * * * Optional Pulse Charging Feature for Improved Charge Times Drives 3-, 4- or 5-Segment LED Display for Remaining Capacity Indication Supports SHA-1 Authentication Lifetime Data Logging 30-Pin TSSOP (DBT)
* * *
APPLICATIONS
Notebook PCs Medical and Test Equipment Portable Instrumentation
* *
DESCRIPTION
The BQ20Z90 SBS-compliant gas gauge IC, incorporating patented Impedance TrackTM technology, is designed for battery-pack or in-system installation. The BQ20Z90 measures and maintains an accurate record of available charge in Li-ion or Li-polymer batteries using its integrated high-performance analog peripherals. The BQ20Z90 monitors capacity change, battery impedance, open-circuit voltage, and other critical parameters of the battery pack, and reports the information to the system host controller over a serial-communication bus. It is designed to work with the bq29330 analog front-end (AFE) protection IC to maximize functionality and safety, and minimize component count and cost in smart battery circuits. The Impedance Track technology continuously analyzes the battery impedance, resulting in superior gas-gauging accuracy. This enables remaining capacity to be calculated with discharge rate, temperature, and cell aging all accounted for during each stage of every cycle. AVAILABLE OPTIONS
PACKAGE TA -40C to 85C (1) (2) 30-PIN TSSOP (DBT) Tube BQ20Z90DBT (1) 30-PIN TSSOP (DBT) Tape & Reel BQ20Z90DBTR (2)
* * * * *
*
*
*
A single tube quantity is 50 units. A single reel quantity is 2000 units
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. IMPEDANCE TRACK is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright (c) 2005-2006, Texas Instruments Incorporated
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
SYSTEM PARTITIONING DIAGRAM
Discharge / Charge / Pre-Charge FETs
Fuse Pack +
16 Dig GPIO & Peripherals 8 Dig GPIO or Analog GPI
2.5V / 3.3V (LED) Reset 32.768kHz
LDO + Reset
Nch FET Drive (Charge Pumps)
Precharge Control
32kHz Oscillator and 8MHz System Clock SMBus HDQ Host Interface & Data Management
Watchdog & Protection Timing
System Interface
I2C
System Interface RAM Configuration, Status and Control Registers TOUT and LEDOUT Power Support
6k x 22 Mask ROM
24k x 22 Program Flash
T1
Standard Delta-Sigma A to D Converter
Analog Output Drive
Integrating Delta-Sigma A to D Converter Pack -
2-Tier Over Current Protection
TSSOP (DBT) (TOP VIEW)
NC XALERT SDATA SCLK CLKOUT TS1 TS2 PRES PFIN SAFE SMBD NC SMBC DISP NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 VCELLVCELL+ NC RBI VCC VSS MRST SRN SRP *VSS LED5 LED4 LED3 LED2 LED1
NC - No internal connection
2
Submit Documentation Feedback
Cell, Bat and Pack Voltage Translation
2k Bytes of Data Flash
2k Bytes of RAM
Cell Balancing Drive
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
TERMINAL FUNCTIONS
TERMINAL NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 (1) NAME NC XALERT SDATA SCLK CLKOUT TS1 TS2 PRES PFIN SAFE SMBD NC SMBC DISP NC LED1 LED2 LED3 LED4 LED5 VSS SRP SRN MRST VSS VCC RBI NC VCELL+ VCELLI/O (1) - I I/O I/O O I I I I O I/OD - I/OD I - O O O O O - IA IA I P P P - I I Not used-- leave floating Input from bq29330 XALERT output. Data transfer to and from bq29330 Communication clock to the bq29330 32.768-kHz output for the bq29330. This pin should be directly connected to the AFE. 1st Thermistor voltage input connection to monitor temperature 2nd Thermistor voltage input connection to monitor temperature Active low input to sense system insertion and typically requires additional ESD protection Active low input to detect secondary protector output status and allows the BQ20Z90 to report the status of the 2nd level protection output Active high output to enforce additional level of safety protection; e.g., fuse blow. SMBus data open-drain bidirectional pin used to transfer address and data to and from the BQ20Z90 Not used-- leave floating SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the BQ20Z90 Display control for the LEDs. This pin is typically connected to bq29330 REG via a 100-k resistor and a push-button switch to VSS. Not used-- leave floating LED1 display segment that drives an external LED depending on the firmware configuration LED2 display segment that drives an external LED depending on the firmware configuration LED3 display segment that drives an external LED depending on the firmware configuration LED4 display segment that drives an external LED depending on the firmware configuration LED5 display segment that drives an external LED depending on the firmware configuration Connected I/O pin to VSS Connections to the top of a small-value sense resistor to monitor the battery charge- and discharge-current flow Connections to the bottom of a small-value sense resistor to monitor the battery charge- and discharge-current flow Master reset input that forces the device into reset when held low. Must be held high for normal operation Negative Supply Voltage Positive Supply Voltage Backup power to the BQ20Z90 data registers during periods of low operating voltage. RBI accepts a storage capacitor or a battery input. Not used-- leave floating Input from bq29330 used to read a scaled value of individual cell voltages Input from bq29330 used to read a scaled value of individual cell voltages DESCRIPTION
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
Submit Documentation Feedback
3
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
RANGE VCC relative to VSS V(IOD) relative to VSS VI relative to VSS TA Tstg (1) Supply voltage range Open-drain I/O pins Input voltage range to all other pins Operating free-air temperature range Storage temperature range -0.3 V to 2.75 V -0.3 V to 6 V -0.3 V to VCC + 0.3 V -40C to 85C -65C to 150C
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER VCC ICC Supply voltage Operating mode current No flash programming BQ20Z90 + bq29330 Sleep mode BQ20Z90 + bq29330 IOL = 0.5 mA IOL = 10 mA IOH = -1 mA VCC- 0.5 -0.3 -0.3 2 2 5 - 0.2 - 0.20 0 V-1 V 0 V-1 V 8 2.5 0.8XVCC 0.20 0.8 0.8 6 VCC + 0.3 TEST CONDITIONS MIN 2.4 TYP 2.5 400 (1) 475 8 (1) 51 0.4 0.4 MAX 2.6 UNIT V A A V V V V V V V pF V M M
I(SLP) Low-power storage mode current VOL VOH VIL Output voltage low SMBC, SMBD, SDATA, SCLK, SAFE LED1 - LED5 Output high voltage, SMBC, SMBD, SDATA, SCLK, SAFE Input voltage low SMBC, SMBD, SDATA, SCLK, XALERT, PRES, PFIN DISP VIH Input voltage high SMBC, SMBD, SDATA, SCLK, XALERT, PRES, PFIN DISP CIN Input capacitance V(AI1) Input voltage range VCELL+, VCELL-,TS1, TS2 V(AI2) Input voltage range SR1, SR2 Z(AI2) Input impedance VCELL+, VCELL-, TS1, TS2 Z(AI1) Input impedance SR1, SR2 (1) This value does not include the bq29330
4
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
POWER-ON RESET
VCC = 2.4V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER VIT- VHYS Negative-going voltage input Power-on reset hysteresis TEST CONDITIONS MIN 1.7 50 TYP 1.8 125 MAX 1.9 200 UNIT V mV
POWER ON RESET BEHAVIOR VS FREE-AIR TEMPERATURE
1.81
Power-On Reset Negative-Going Voltage - V
1.8
1.79
1.78
1.77
1.76 -40
-20
0
20
40
60
80
TA - Free-Air Temperature - C
INTEGRATING ADC (Coulomb Counter) CHARACTERISTICS
VCC = 2.4V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER V(SR) V(SROS) INL Input voltage range, V(SRN) and V(SRP) Input offset Integral nonlinearity error TEST CONDITIONS V(SR) = V(SRN) - V(SRP) MIN -0.2 10 0.007% 0.034% TYP MAX 0.2 UNIT V V
OSCILLATOR
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER HIGH FREQUENCY OSCILLATOR f(OSC) Operating Frequency f(EIO) Frequency Error (1) (2) t(SXO) Start-up Time (3) -3% 0.25% TA = 20C to 70C -2% 0.25% 2.5 32.768 -2.5% 0.25% TA = 20C to 70C -1.5% 0.25% 2.5% 1.5% 4.194 3% 2% 5 ms KHz MHz TEST CONDITIONS MIN TYP MAX UNIT
LOW FREQUENCY OSCILLATOR f(LOSC) Operating Frequency f(LEIO) Frequency Error (2) (4)
(1) (2) (3) (4)
The frequency error is measured from 4.194 MHz. The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25C. The start-up time is defined as the time it takes for the oscillator output frequency to be within 1% of the specified frequency. The frequency error is measured from 32.768 kHz. Submit Documentation Feedback 5
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
OSCILLATOR (continued)
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER t(LSXO) Start-up time (5)
(5)
TEST CONDITIONS
MIN
TYP
MAX 500
UNIT s
The start-up time is defined as the time it takes for the oscillator output frequency to be 3%.
DATA FLASH MEMORY CHARACTERISTICS
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER tDR Data retention Flash programming write-cycles t(WORDPROG) Word programming time I(DDdPROG) (1) Flash-write supply current See See See See
(1) (1) (1) (1)
TEST CONDITIONS
MIN 10 20,000
TYP
MAX
UNIT Years Cycles
2 5 10
ms mA
Assured by design. Not production tested
REGISTER BACKUP
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER I(RB) RB data-retention input current TEST CONDITIONS V(RB) > V(RBMIN), VCC < VITV(RB) > V(RBMIN), VCC < VIT-, TA = 0C to 50C V(RB) (1) RB data-retention voltage (1) 1.7 40 MIN TYP MAX 1500 160 V UNIT nA
Specified by design. Not production tested.
6
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
SMBus TIMING SPECIFICATIONS
VCC = 2.4 V to 2.6 V, TA = -40C to 85C (unless otherwise noted)
PARAMETER fSMB fMAS tBUF tHD:STA tSU:STA tSU:STO tHD:DAT tSU:DAT tTIMEOUT tLOW tHIGH tLOW:SEXT tLOW:MEXT tF tR (1) (2) (3) (4) SMBus operating frequency SMBus master clock frequency Bus free time between start and stop Hold time after (repeated) start Repeated start setup time Stop setup time Data hold time Data setup time Error signal/detect Clock low period Clock high period Cumulative clock low slave extend time Cumulative clock low master extend time Clock/data fall time Clock/data rise time See See See
(2) (3) (4)
TEST CONDITIONS Slave mode, SMBC 50% duty cycle Master mode, no clock low slave extend
MIN 10
TYP 51.2
MAX 100
UNIT kHz
4.7 4 4.7 4 Receive mode Transmit mode See
(1)
s
0 300 250 25 4.7 4 50 25 10 300 1000 35 ms s ms ns ns
(VILMAX- 0.15 V) to (VIHMIN + 0.15 V) 0.9 VCC to (VILMAX - 0.15 V)
The BQ20Z90 times out when any clock low exceeds tTIMEOUT. tHIGH:MAX. is minimum bus idle time. SMBC = 1 for t > 50 s causes reset of any transaction involving the BQ20Z90 that is in progress. tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop. tLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
SMBus TIMING DIAGRAM
Submit Documentation Feedback
7
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
FEATURE SET Primary (1st Level) Safety Features
The BQ20Z90 supports a wide range of battery and system protection features that can easily be configured. The primary safety features include: * * * * * * * * Battery cell over/under voltage protection Battery pack over/under voltage protection 2 independent charge overcurrent protection 3 independent discharge overcurrent protection Short circuit protection Over temperature protection AFE Watchdog Host Watchdog
Secondary (2nd Level) Safety Features
The secondary safety features of the BQ20Z90 can be used to indicate more serious faults via the SAFE (pin 10) pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or discharging. The secondary safety features include: * * * * * * * * * * * * Safety over voltage Battery cell imbalance 2nd level protection IC input Safety over current Safety over temperature Open thermistor Charge FET and Zero-Volt Charge FET fault Discharge FET fault Fuse blow failure detection AFE Communication error AFE Verification error Internal flash data error
Charge Control Features
The BQ20Z90 charge control features include: * * Report the appropriate charging current needed for constant current charging and the appropriate charging voltage needed for constant voltage charging to a smart charger using SMBus broadcasts. Determine the chemical state of charge of each battery cell using Impedance TrackTM. Using cell balancing algorithm, gradually decrease the differences in the cells' state of charge in a fully charged state. This prevents high cells from overcharging, causing excessive degradation and also increases the usable pack energy by preventing early charge termination. Support Pre-charging/Zero-volt charging Support Fast charging Support Pulse charging Support Charge Inhibit and Charge Suspend modes Report charging faults and also indicate charging status via charge and discharge alarms.
* * * * *
Gas Gauging
The BQ20Z90 uses the Impedance TrackTM Technology to measure and calculate the available charge in battery cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full charge-discharge learning cycle required.
8 Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
FEATURE SET (continued)
See Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm application note (SLUA364) for further details.
LED Display
The BQ20Z90 can drive a 3-, 4-, or 5- segment LED display for remaining capacity indication. The LED drive current can be adjusted to 3mA, 4mA and 5mA digitally.
LifeTime Data Logging Features
The BQ20Z90 offers a lifetime data logging array, where all important measurements are stored for warranty and analysis purposes. The data monitored include: * * * * * * * * * * * * * Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime Lifetime maximum temperature minimum temperature maximum battery cell voltage minimum battery cell voltage maximum battery pack voltage minimum battery pack voltage maximum charge current maximum discharge current maximum charge power maximum discharge power maximum average discharge current maximum average discharge power average temperature
Authentication The BQ20Z90 supports authentication by the host using SHA-1. Power Modes The BQ20Z90 supports 3 different power modes to reduce power consumption: * * * In Normal Mode, the BQ20Z90 performs measurements, calculations, protection decisions, and data updates in 1 second intervals. Between these intervals, the BQ20Z90 is in a reduced power stage. In Sleep Mode, the BQ20Z90 performs measurements, calculations, protection decisions, and data updates in adjustable time intervals. Between these intervals, the BQ20Z90 is in a reduced power stage. In Shutdown Mode the BQ20Z90 is completety disabled.
CONFIGURATION
Oscillator Function The BQ20Z90 fully integrates the system and processor oscillators and, therefore, requires no pins or components for this feature. System Present Operation The BQ20Z90 periodically verifies the PRES pin and detects that the battery is present in the system via a low state on a PRES input. When this occurs, BQ20Z90 enters normal operating mode. When the pack is removed from the system and the PRES input is high, the BQ20Z90 enters the battery-removed state, disabling the charge, discharge and ZVCHG FETs. The PRES input is ignored and can be left floating when non-removal mode is set in the data flash.
Submit Documentation Feedback
9
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
FEATURE SET (continued) BATTERY PARAMETER MEASUREMENTS
The BQ20Z90 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a second delta-sigma ADC for individual cell and battery voltage, and temperature measurement. Charge and Discharge Counting The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage drop across a small-value sense resistor between the SRP and SRN pins. The integrating ADC measures bipolar signals from -0.25 V to 0.25 V. The BQ20Z90 detects charge activity when VSR = V(SRP)-V(SRN)is positive and discharge activity when VSR = V(SRP)-V(SRN) is negative. The BQ20Z90 continuously integrates the signal over time, using an internal counter. The fundamental rate of the counter is 0.65 nVh. Voltage The BQ20Z90 updates the individual series cell voltages through the bq29330 at one second intervals. The BQ20Z90 configures the bq29330 to connect the selected cell, cell offset, or bq29330 VREF to the CELL pin of the bq29330, which is required to be connected to VIN of the BQ20Z90. The internal ADC of the BQ20Z90 measures the voltage, scales it, and calibrates itself appropriately. This data is also used to calculate the impedance of the cell for the Impedance TrackTM gas-gauging. Current The BQ20Z90 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge current using a 5 m to 20 m typ. sense resistor. Wake Function The BQ20Z90 can exit sleep mode, if enabled, by the presence of a programmable level of current signal across SRP and SRN. Auto Calibration The BQ20Z90 provides an auto-calibration feature to cancel the voltage offset error across SRP and SRN for maximum charge measurement accuracy. The BQ20Z90 performs auto-calibration when the SMBus lines stay low continuously for a minimum of a programmable amount of time.
Temperature
The BQ20Z90 TS1 and TS2 inputs, in conjunction with two identical NTC thermistors (default are Semitec 103AT), measure the battery environmental temperature. The BQ20Z90 can also be configured to use its internal temperature sensor.
COMMUNICATIONS
The BQ20Z90 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS specification. SMBus On and Off State The BQ20Z90 detects an SMBus off state when SMBC and SMBD are logic-low for 2 seconds. Clearing this state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available. Table 1. SBS COMMANDS
SBS Cmd Mode 0x00 0x01 0x02 R/W R/W R/W Name ManufacturerAccess RemainingCapacityAlarm RemainingTimeAlarm Format hex unsigned int unsigned int Size in Bytes 2 2 2 Min Value 0x0000 0 0 Max Value 0xffff 65535 65535 Default Value -- 300 10 mAh or 10mWh min Unit
10
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
FEATURE SET (continued)
Table 1. SBS COMMANDS (continued)
SBS Cmd Mode 0x03 0x04 0x05 0x06 0x07 0x08 0x09 0x0a 0x0b 0x0c 0x0d 0x0e 0x0f 0x10 0x11 0x12 0x13 0x14 0x15 0x16 0x17 0x18 0x19 0x1a 0x1b 0x1c 0x20 0x21 0x22 0x23 0x2f 0x3c 0x3d 0x3e 0x3f R/W R/W R R R R R R R R R R R/W R R R R R R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R R R Name BatteryMode AtRate AtRateTimeToFull AtRateTimeToEmpty AtRateOK Temperature Voltage Current AverageCurrent MaxError RelativeStateOfCharge AbsoluteStateOfCharge RemainingCapacity FullChargeCapacity RunTimeToEmpty AverageTimeToEmpty AverageTimeToFull ChargingCurrent ChargingVoltage BatteryStatus CycleCount DesignCapacity DesignVoltage SpecificationInfo ManufactureDate SerialNumber ManufacturerName DeviceName DeviceChemistry ManufacturerData Authenticate CellVoltage4 CellVoltage3 CellVoltage2 CellVoltage1 Format hex signed int unsigned int unsigned int unsigned int unsigned int unsigned int signed int signed int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int unsigned int hex unsigned int hex String String String String String unsigned int unsigned int unsigned int unsigned int Size in Bytes 2 2 2 2 2 2 2 2 2 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 11+1 7+1 4+1 14+1 20+1 2 2 2 2 Min Value 0x0000 -32768 0 0 0 0 0 -32768 -32768 0 0 0 0 0 0 0 0 0 0 0x0000 0 0 0 0x0000 -- 0x0000 -- -- -- -- -- 0 0 0 0 Max Value 0xe383 32767 65534 65534 65535 65535 65535 32767 32767 100 100 100+ 65535 65535 65534 65534 65534 65534 65534 0xdbff 65535 65535 65535 0xffff -- 0xffff -- -- -- -- -- 65535 65535 65535 65535 Default Value -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4400 14400 0x0031 01-Jan-1980 0x0001 Texas Inst. BQ20Z90 LION -- -- -- -- -- -- ASCII ASCII ASCII ASCII ASCII mV mV mV mV ASCII mAh or 10mWh mV 0.1K mV mA mA % % % mAh or 10mWh mAh or 10mWh min min min mA mV mA or 10mW min min Unit
Table 2. EXTENDED SBS COMMANDS
SBS Cmd 0x45 0x46 0x4f 0x50 Mode R R/W R R Name AFEData FETControl StateOfHealth SafetyAlert Format String hex unsigned int hex Size in Bytes 11+1 1 1 2 Min Value -- 0x00 0 0x0000 Max Value -- 0x1e 100 0xffff Default Value -- -- -- -- % Unit ASCII
Submit Documentation Feedback
11
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 2. EXTENDED SBS COMMANDS (continued)
SBS Cmd 0x51 0x52 0x53 0x54 0x55 0x57 0x58 0x5a 0x5d 0x60 0x61 0x62 0x63 0x64 0x65 0x66 0x70 0x71 0x77 0x78 0x79 0x7a 0x7b 0x7c 0x7d 0x7e 0x7f Mode R R R R R R R R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Name SafetyStatus PFAlert PFStatus OperationStatus ChargingStatus ResetData WDResetData PackVoltage AverageVoltage UnSealKey FullAccessKey PFKey AuthenKey3 AuthenKey2 AuthenKey1 AuthenKey0 ManufacturerInfo SenseResistor DataFlashSubClassID DataFlashSubClassPage1 DataFlashSubClassPage2 DataFlashSubClassPage3 DataFlashSubClassPage4 DataFlashSubClassPage5 DataFlashSubClassPage6 DataFlashSubClassPage7 DataFlashSubClassPage8 Format hex hex hex hex hex hex unsigned int unsigned int unsigned int hex hex hex hex hex hex hex String unsigned int hex hex hex hex hex hex hex hex hex Size in Bytes 2 2 2 2 2 2 2 2 2 4 4 4 4 4 4 4 8+1 2 2 32 32 32 32 32 32 32 32 Min Value 0x0000 0x0000 0x0000 0x0000 0x0000 0x0000 0 0 0 0x00000000 0x00000000 0x00000000 0x00000000 0x00000000 0x00000000 0x00000000 -- 0 0x0000 -- -- -- -- -- -- -- -- Max Value 0xffff 0x9fff 0x9fff 0xf7f7 0xffff 0xffff 65535 65535 65535 0xffffffff 0xffffffff 0xffffffff 0xffffffff 0xffffffff 0xffffffff 0xffffffff -- 65535 0xffff -- -- -- -- -- -- -- -- Default Value -- -- -- -- -- -- -- ---- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ASCII mV mV Unit
NOTE:
All reserved bits in data flash should be set to zero. Table 3. DATA FLASH VALUES
Class 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety Subclass ID 0 0 0 0 0 0 0 0 0 Subclass Voltage Voltage Voltage Voltage Voltage Voltage Voltage Voltage Voltage Offset 0 2 3 5 6 7 9 10 12 Name COV Threshold COV Time COV Recovery COV Delta COV Temp. Hys POV Threshold POV Time POV Recovery CUV Threshold Data Type I2 U1 I2 U1 U1 I2 U1 I2 I2 Min Value 3700 0 0 0 0 0 0 0 0 Max Value 5000 60 4400 200 250 18000 60 17000 3500 Default Value 4300 2 3900 20 100 17500 2 16000 2200 Units mV s mV mV 0.1C mV s mV mV
12
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 1st Level Safety 2nd Level Safety Subclass ID 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 3 16 Subclass Voltage Voltage Voltage Voltage Voltage Current Current Current Current Current Current Current Current Current Current Current Current Current Current Current Current Current Temperature Temperature Temperature Temperature Temperature Temperature Host Comm Voltage Offset 14 15 17 19 20 0 2 3 5 7 8 10 12 13 15 16 17 18 19 21 22 23 0 2 3 5 7 8 0 0 Name CUV Time CUV Recovery PUV Threshold PUV Time PUV Recovery OC (1st Tier) Chg OC (1st Tier) Chg Time OC Chg Recovery OC (1st Tier) Dsg OC (1st Tier) Dsg Time OC Dsg Recovery OC (2nd Tier) Chg OC (2nd Tier) Chg Time OC (2nd Tier) Dsg OC (2nd Tier) Dsg Time Current Recovery Time AFE OC Dsg AFE OC Dsg Time AFE OC Dsg Recovery AFE SC Chg Cfg AFE SC Dsg Cfg AFE SC Recovery Over Temp Chg OT Chg Time OT Chg Recovery Over Temp Dsg OT Dsg Time OT Dsg Recovery Host Watchdog Timeout SOV Threshold Data Type U1 I2 I2 U1 I2 I2 U1 I2 I2 U1 I2 I2 U1 I2 U1 U1 H1 H1 I2 H1 H1 I2 I2 U1 I2 I2 U1 I2 U1 I2 Min Value 0 0 0 0 0 0 0 -1000 0 0 0 0 0 0 0 0 0x00 0x00 10 0x00 0x00 0 0 0 0 0 0 0 0 0 Max Value 60 3600 16000 60 16000 20000 60 1000 20000 60 1000 20000 60 22000 60 60 0x1f 0x0f 1000 0xff 0xff 200 1200 60 1200 1200 60 1200 255 20000 Default Value 2 3000 11000 2 12000 6000 2 200 6000 2 200 8000 2 8000 2 8 0x12 0x0f 5 0x77 0x77 1 550 2 500 600 2 550 0 18000 mA 0.1C s 0.1C 0.1C s 0.1C s mV mA Units s mV mV s mV mA s mA mA s mA mA s mA s s
Submit Documentation Feedback
13
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety 2nd Level Safety Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Subclass ID 16 16 16 16 16 16 17 17 17 17 18 18 18 18 18 18 19 19 20 20 20 20 20 21 21 32 32 32 33 33 33 33 34 34 Subclass Voltage Voltage Voltage Voltage Voltage Voltage Current Current Current Current Temperature Temperature Temperature Temperature Temperature Temperature FET Verification FET Verification AFE Verification AFE Verification AFE Verification AFE Verification AFE Verification Fuse Verification Fuse Verification Charge Inhibit Cfg Charge Inhibit Cfg Charge Inhibit Cfg Pre-Charge Cfg Pre-Charge Cfg Pre-Charge Cfg Pre-Charge Cfg Fast Charge Cfg Fast Charge Cfg Offset 2 3 4 6 7 9 0 2 3 5 0 2 3 5 6 8 0 2 0 1 2 3 4 0 2 0 2 4 0 2 4 6 0 2 Name SOV Time Cell Imbalance Current Cell Imbalance Fail Voltage Cell Imbalance Time Battery Rest Time PFIN Detect Time SOC Chg SOC Chg Time SOC Dsg SOC Dsg Time SOT Chg SOT Chg Time SOT Dsg SOT Dsg Time Open Thermistor Open Time FET Fail Limit FET Fail Time AFE Check Time AFE Fail Limit AFE Fail Recovery Time AFE Init Retry Limit AFE Init Limit Fuse Fail Limit Fuse Fail Time Chg Inhibit Temp Low Chg Inhibit Temp High Temp Hys Pre-chg Current Pre-chg Temp Pre-chg Voltage Recovery Voltage Fast Charge Current Charging Voltage Data Type U1 I1 I2 U1 U2 U1 I2 U1 I2 U1 I2 U1 I2 U1 I2 I1 I2 U1 U1 U1 U1 U1 U1 I2 U1 I2 I2 I2 I2 I2 I2 I2 I2 I2 Min Value 0 0 0 0 0 0 0 0 0 0 0 0 0 0 -1000 0 0 0 0 0 0 0 0 0 0 -400 -400 0 0 -400 0 0 0 0 Max Value 30 200 5000 30 65535 30 30000 30 30000 30 1200 30 1200 30 1200 30 500 30 255 255 255 255 255 20 30 1200 1200 100 2000 1200 20000 20000 10000 20000 Default Value 0 5 1000 0 1800 0 10000 0 10000 0 650 0 750 0 -333 0 20 0 0 10 20 6 20 2 0 0 450 10 250 120 3000 3100 4000 16800 mA s 0.1C 0.1C 0.1C mA 0.1C mV mV mA mV s Units s mA mV s s s mA s mA s 0.1C s 0.1C s 0.1C s mA s s
14
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control Charge Control SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration Subclass ID 34 34 34 35 35 35 35 35 36 36 36 36 36 36 36 36 37 38 38 38 38 38 38 38 38 38 38 38 38 38 48 48 48 48 48 48 48 Subclass Fast Charge Cfg Fast Charge Cfg Fast Charge Cfg Pulse Charge Cfg Pulse Charge Cfg Pulse Charge Cfg Pulse Charge Cfg Pulse Charge Cfg Termination Cfg. Termination Cfg. Termination Cfg. Termination Cfg. Termination Cfg. Termination Cfg. Termination Cfg. Termination Cfg. Cell Balancing Cfg Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Charging Faults Data Data Data Data Data Data Data Offset 4 6 8 0 2 4 5 6 0 2 6 8 9 10 11 12 0 0 2 3 5 6 8 10 11 13 15 17 19 21 0 2 4 6 8 10 12 Name Delta Temp Suspend Low Temp Suspend High Temp Turn ON Voltage Turn OFF Voltage Max ON Pulse Time Min OFF Pulse Time Max OFF Voltage Maintenance Current Taper Current Taper Voltage Current Taper Window TCA Set % TCA Clear % FC Set % FC Clear % Min Cell Deviation Over Charging Voltage Over Charging Volt Time Over Charging Current Over Charging Curr Time Over Charging Curr Recov Depleted Voltage Depleted Voltage Time Depleted Recovery Over Charge Capacity Over Charge Recovery FC-MTO PC-MTO Charge Fault Cfg Rem Cap Alarm Rem Energy Alarm Rem Time Alarm Init Battery Mode Design Voltage Spec Info Manuf Date Data Type I2 I2 I2 I2 I2 U1 U1 I2 I2 I2 I2 U1 I1 I1 I1 I1 U2 I2 U1 I2 U1 I2 I2 U1 I2 I2 I2 U2 U2 H1 I2 I2 U2 H2 I2 H2 U2 Min Value 0 -400 -400 0 0 0 0 0 0 0 0 0 -1 -1 -1 -1 0 0 0 0 0 0 0 0 0 0 0 0 0 0x00 0 0 0 0x0000 7000 0x0000 0 Max Value 500 1200 1200 5000 5000 240 240 5000 1000 1000 1000 60 100 100 100 100 65535 3000 60 2000 60 2000 16000 60 16000 4000 100 65535 65535 0x3f 700 1000 30 0xffff 18000 0xffff 65535 Default Value 50 -50 550 4150 4250 240 0 4270 0 250 300 40 -1 95 -1 98 1750 500 2 500 2 100 8000 2 8500 300 2 10800 3600 0x00 300 432 10 0x0081 14400 0x0031 0 Day + Mo*32 + (Yr 1980)*256 mV mAh 10mW min Units 0.1C 0.1C 0.1C mV mV Seconds/4 Seconds/4 mV mA mA mV s % % % % s/mAh mV s mA s mA mV s mV mAh mAh s s
SBS Configuration SBS Configuration SBS Configuration SBS Configuration
48 48 48 48
Data Data Data Data
14 16 18 20
Ser. Num. Cycle Count CC Threshold CC %
H2 U2 I2 U1
0x0000 0 100 0
0xffff 65535 32767 100
0x0001 0 4400 90 Count mAh %
Submit Documentation Feedback
15
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration SBS Configuration System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data System Data Configuration Configuration Configuration Subclass ID 48 48 48 48 48 48 49 49 49 49 49 49 49 49 49 49 56 56 56 56 56 58 59 59 59 59 59 59 59 59 59 59 59 59 59 60 64 64 64 Subclass Data Data Data Data Data Data Configuration Configuration Configuration Configuration Configuration Configuration Configuration Configuration Configuration Configuration Manufacturer Data Manufacturer Data Manufacturer Data Manufacturer Data Manufacturer Data Manufacturer Info Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Data Lifetime Temp Samples Registers Registers Registers Offset 21 22 24 26 38 46 0 1 2 3 4 6 7 9 11 12 0 2 4 6 8 0 0 2 4 6 8 10 12 14 16 18 22 26 28 0 0 2 4 Name CF MaxError Limit Design Capacity Design Energy Manuf Name Device Name Device Chemistry TDA Set % TDA Clear % FD Set % FD Clear % TDA Set Volt Threshold TDA Set Volt Time TDA Clear Volt FD Set Volt Threshold FD Volt Time FD Clear Volt Pack Lot Code PCB Lot Code Firmware Version Hardware Revision Cell Revision Manuf. Info Lifetime Max Temp Lifetime Min Temp Lifetime Max Cell Voltage Lifetime Min Cell Voltage Lifetime Max Pack Voltage Lifetime Min Pack Voltage Lifetime Max Chg Current Lifetime Max Dsg Current Lifetime Max Chg Power Lifetime Max Dsg Power Life Max AvgDsg Cur Life Max AvgDsg Pow Lifetime Avg Temp LT Temp Samples Operation Cfg A Operation Cfg B Operation Cfg C Data Type U1 I2 I2 S12 S8 S5 I1 I1 I1 I1 I2 U1 I2 I2 U1 I2 H2 H2 H2 H2 H2 S9 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I4 H2 H2 H2 Min Value 0 0 0 -1 -1 -1 -1 0 0 0 0 0 0 0x0000 0x0000 0x0000 0x0000 0x0000 0 -600 0 0 0 0 -32768 -32768 -32768 -32768 -32768 -32768 -40 0 0x0000 0x0000 0x0000 Max Value 100 65535 65535 100 100 100 100 16800 60 16800 16800 60 16800 0xffff 0xffff 0xffff 0xffff 0xffff 1400 1400 32767 32767 32767 32767 32767 32767 32767 32767 32767 32767 1400 140000000 0xffff 0xffff 0xffff Default Value 100 4400 6336 Texas Inst. BQ20Z90 LION 6 8 2 5 5000 5 5500 5000 5 5500 0x0000 0x0000 0x0000 0x0000 0x0000 12345678 300 200 3500 3200 14000 12800 1500 -3000 1500 -1500 -1000 -1500 250 0 0x0f29 0x6440 0x0000 0.1C 0.1C mV mV mV mV mA mA cWatt cWatt mA cW 0.1C Count Units % mAh 10mW ASCII ASCII ASCII % % % % mV s mV mV s mV
16
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class Configuration Configuration LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support LED Support Power Power Power Power Power Power Power Power Power Power Power Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Gas Gauging Subclass ID 64 64 67 67 67 67 67 67 67 67 67 67 67 67 67 67 67 67 67 68 68 68 68 68 68 68 68 68 68 68 80 80 80 80 80 80 80 81 81 81 81 81 82 82 82 82 82 Subclass Registers Registers LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg LED Cfg Power Power Power Power Power Power Power Power Power Power Power IT Cfg IT Cfg IT Cfg IT Cfg IT Cfg IT Cfg IT Cfg Current Thresholds Current Thresholds Current Thresholds Current Thresholds Current Thresholds State State State State State Offset 6 8 0 2 4 6 7 8 9 10 11 12 13 14 15 16 17 18 19 0 2 4 5 7 9 10 12 14 15 16 0 1 45 60 62 64 66 0 2 4 6 7 0 2 4 6 8 Name Permanent Fail Cfg Non-Removable Cfg LED Flash Rate LED Blink Rate LED Delay LED Hold Time CHG Flash Alarm CHG Thresh 1 CHG Thresh 2 CHG Thresh 3 CHG Thresh 4 CHG Thresh 5 DSG Flash Alarm DSG Thresh 1 DSG Thresh 2 DSG Thresh 3 DSG Thresh 4 DSG Thresh 5 Sink Current Flash Update OK Voltage Shutdown Voltage Shutdown Time Charger Present Sleep Current Bus Low Time Cal Inhibit Temp Low Cal Inhibit Temp High Sleep Voltage Time Sleep Current Time Wake Current Reg Load Select Load Mode Term Voltage User Rate-mA User Rate-mW Reserve Cap-mAh Reserve Cap-mWh Dsg Current Threshold Chg Current Threshold Quit Current Dsg Relax Time Chg Relax Time Qmax Cell 0 Qmax Cell 1 Qmax Cell 2 Qmax Cell 3 Qmax Pack Data Type H2 H2 U2 U2 U2 U1 I1 I1 I1 I1 I1 I1 I1 I1 I1 I1 I1 I1 U1 I2 I2 U1 I2 I2 U1 I2 I2 U1 U1 H1 U1 U1 I2 I2 I2 I2 I2 I2 I2 I2 U1 U1 I2 I2 I2 I2 I2 Min Value 0x0000 0x0000 0 0 1 0 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 0 6000 5000 0 0 0 0 -400 -400 0 0 0x00 0 0 -32768 2000 3000 0 0 0 0 0 0 0 0 0 0 0 0 Max Value 0xffff 0xffff 65535 65535 65535 255 101 101 101 101 101 101 101 101 101 101 101 101 3 20000 20000 60 23000 100 255 1200 1200 100 255 0x07 255 255 32767 9000 14000 9000 14000 2000 2000 1000 255 255 32767 32767 32767 32767 32767 Default Value 0x0000 0x0000 512 1024 100 4 10 0 20 40 60 80 10 0 20 40 60 80 3 7500 7000 10 3000 10 5 50 450 5 20 0x00 3 0 12000 0 0 0 0 100 50 10 1 60 4400 4400 4400 4400 4400 mV mA 10mW mAh 10mWh mA mA mA s s mAh mAh mAh mAh mAh mV mV s mV mA s 0.1C 0.1C s s 500us 500us 500us sec % % % % % % % % % % % % Units
Submit Documentation Feedback
17
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class Gas Gauging Gas Gauging Gas Gauging Gas Gauging Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Subclass ID 82 82 82 82 88 88 88 88 88 88 88 88 88 88 88 88 88 88 88 88 89 89 89 89 89 89 89 89 89 89 89 89 89 89 89 89 90 90 90 90 90 90 90 90 90 90 90 90 90 90 Subclass State State State State R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a0 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a1 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 R_a2 Offset 12 21 23 25 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 Name Update Status Avg I Last Run Avg P Last Run Delta Voltage Cell0 R_a flag Cell0 R_a 0 Cell0 R_a 1 Cell0 R_a 2 Cell0 R_a 3 Cell0 R_a 4 Cell0 R_a 5 Cell0 R_a 6 Cell0 R_a 7 Cell0 R_a 8 Cell0 R_a 9 Cell0 R_a 10 Cell0 R_a 11 Cell0 R_a 12 Cell0 R_a 13 Cell0 R_a 14 Cell1 R_a flag Cell1 R_a 0 Cell1 R_a 1 Cell1 R_a 2 Cell1 R_a 3 Cell1 R_a 4 Cell1 R_a 5 Cell1 R_a 6 Cell1 R_a 7 Cell1 R_a 8 Cell1 R_a 9 Cell1 R_a 10 Cell1 R_a 11 Cell1 R_a 12 Cell1 R_a 13 Cell1 R_a 14 Cell2 R_a flag Cell2 R_a 0 Cell2 R_a 1 Cell2 R_a 2 Cell2 R_a 3 Cell2 R_a 4 Cell2 R_a 5 Cell2 R_a 6 Cell2 R_a 7 Cell2 R_a 8 Cell2 R_a 9 Cell2 R_a 10 Cell2 R_a 11 Cell2 R_a 12 Data Type H1 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 Min Value 0x00 -32768 -32768 -32768 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 Max Value 0x03 32767 32767 32767 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x0000 183 181 198 244 254 261 333 338 345 350 382 429 502 Default Value 0x00 -2000 -3022 0 0xff55 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0xff55 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0xff55 160 166 153 151 145 152 176 204 222 254 315 437 651 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 mA cWatt mV Units
18
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Subclass ID 90 90 91 91 91 91 91 91 91 91 91 91 91 91 91 91 91 91 92 92 92 92 92 92 92 92 92 92 92 92 92 92 92 92 93 93 93 93 93 93 93 93 93 93 93 93 93 93 93 93 Subclass R_a2 R_a2 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a3 R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a0x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x R_a1x Offset 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 Name Cell2 R_a 13 Cell2 R_a 14 Cell3 R_a flag Cell3 R_a 0 Cell3 R_a 1 Cell3 R_a 2 Cell3 R_a 3 Cell3 R_a 4 Cell3 R_a 5 Cell3 R_a 6 Cell3 R_a 7 Cell3 R_a 8 Cell3 R_a 9 Cell3 R_a 10 Cell3 R_a 11 Cell3 R_a 12 Cell3 R_a 13 Cell3 R_a 14 xCell0 R_a flag xCell0 R_a 0 xCell0 R_a 1 xCell0 R_a 2 xCell0 R_a 3 xCell0 R_a 4 xCell0 R_a 5 xCell0 R_a 6 xCell0 R_a 7 xCell0 R_a 8 xCell0 R_a 9 xCell0 R_a 10 xCell0 R_a 11 xCell0 R_a 12 xCell0 R_a 13 xCell0 R_a 14 xCell1 R_a flag xCell1 R_a 0 xCell1 R_a 1 xCell1 R_a 2 xCell1 R_a 3 xCell1 R_a 4 xCell1 R_a 5 xCell1 R_a 6 xCell1 R_a 7 xCell1 R_a 8 xCell1 R_a 9 xCell1 R_a 10 xCell1 R_a 11 xCell1 R_a 12 xCell1 R_a 13 xCell1 R_a 14 Data Type I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 Min Value 545 366 0x0 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 Max Value 545 366 0x0 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 Default Value 1001 1458 0xff55 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0xffff 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0xffff 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 Units 2^-10 2^-10
Submit Documentation Feedback
19
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table Ra Table PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status Subclass ID 94 94 94 94 94 94 94 94 94 94 94 94 94 94 94 94 95 95 95 95 95 95 95 95 95 95 95 95 95 95 95 95 96 96 96 96 96 96 96 96 96 96 96 Subclass R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a2x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x R_a3x Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Device Status Data Offset 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 0 2 4 6 8 10 12 14 16 18 20 Name xCell2 R_a flag xCell2 R_a 0 xCell2 R_a 1 xCell2 R_a 2 xCell2 R_a 3 xCell2 R_a 4 xCell2 R_a 5 xCell2 R_a 6 xCell2 R_a 7 xCell2 R_a 8 xCell2 R_a 9 xCell2 R_a 10 xCell2 R_a 11 xCell2 R_a 12 xCell2 R_a 13 xCell2 R_a 14 xCell3 R_a flag xCell3 R_a 0 xCell3 R_a 1 xCell3 R_a 2 xCell3 R_a 3 xCell3 R_a 4 xCell3 R_a 5 xCell3 R_a 6 xCell3 R_a 7 xCell3 R_a 8 xCell3 R_a 9 xCell3 R_a 10 xCell3 R_a 11 xCell3 R_a 12 xCell3 R_a 13 xCell3 R_a 14 PF Flags 1 Fuse Flag PF Voltage PF C4 Voltage PF C3 Voltage PF C2 Voltage PF C1 Voltage PF Current PF Temperature PF Batt Stat PF RC-mAh Data Type H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 H2 H2 I2 I2 I2 I2 I2 I2 I2 H2 I2 Min Value 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x0000 0x0000 0 0 0 0 0 -32768 -9999 0x0000 0 Max Value 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0xffff 183 181 198 244 254 261 333 338 345 350 382 429 502 545 366 0x6fff 0xffff 32767 9999 9999 9999 9999 32767 9999 0xffff 32767 Default Value 0xffff 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0xffff 160 166 153 151 145 152 176 204 222 254 315 437 651 1001 1458 0x0000 0x0000 0 0 0 0 0 0 0 0x0000 0 mAh mV mV mV mV mV mA 0.1 K 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 2^-10 Units
20
Submit Documentation Feedback
BQ20Z90
www.ti.com
SLUS662A - DECEMBER 2005 - REVISED JUNE 2006
Table 3. DATA FLASH VALUES (continued)
Class PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status PF Status Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Calibration Subclass ID 96 96 96 96 97 97 97 97 97 97 97 97 97 104 104 104 104 104 104 104 104 104 105 105 105 105 105 105 105 105 105 106 106 106 106 106 106 106 106 106 106 106 106 107 107 107 Subclass Device Status Data Device Status Data Device Status Data Device Status Data AFE Regs AFE Regs AFE Regs AFE Regs AFE Regs AFE Regs AFE Regs AFE Regs AFE Regs Data Data Data Data Data Data Data Data Data Config Config Config Config Config Config Config Config Config Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Temp Model Current Current Current Offset 22 24 26 28 0 1 2 3 4 5 6 7 8 0 4 8 12 14 16 18 19 20 0 2 4 6 8 10 12 14 17 0 2 4 6 8 10 12 14 16 18 20 22 0 1 2 Name PF RC-10mWh PF Chg Status PF Safety Status PF Flags 2 AFE Status AFE Output AFE State AFE Function AFE Cell Select AFE OLV AFE OLT AFE SCC AFE SCD CC Gain CC Delta Ref Voltage AFE Pack Gain CC Offset Board Offset Int Temp Offset Ext1 Temp Offset Ext2 Temp Offset CC Current Voltage Signal Temp Signal CC Offset Time ADC Offset Time CC Gain Time Voltage Time Temperature Time Cal Mode Timeout Ext Coef 1 Ext Coef 2 Ext Coef 3 Ext Coef 4 Ext Min AD Ext Max Temp Int Coef 1 Int Coef 2 Int Coef 3 Int Coef 4 Int Min AD Int Max Temp Filter Deadband CC Deadband Data Type I2 H2 H2 H2 H1 H1 H1 H1 H1 H1 H1 H1 H1 F4 F4 I2 I2 I2 I2 I1 I1 I1 I2 I2 I2 U2 U2 U2 U2 U2 U2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 I2 U1 U1 U1 Min Value 0 0x0000 0x0000 0x0000 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0.1 29826 0 0 -32768 -32767 -128 -128 -128 0 0 0 0 0 0 0 0 0 -32768 -32768 -32768 -32768 -32768 -32768 -32768 -32768 -32768 -32768 -32768 -32768 0 0 0 Max Value 32767 0xffff 0xffff 0x8000 0xff 0xff 0xff 0xff 0xff 0xff 0xff 0xff 0xff 4 1193046 32767 32767 32767 32767 127 127 127 32767 32767 32767 65535 65535 65535 65535 65535 65535 32767 32767 32767 32767 32767 32767 32767 32767 32767 32767 32767 32767 255 255 255 Default Value 0 0x0000 0x0000 0x0000 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0.9419 280932.6 24500 22050 -1667 0 0 0 0 3000 16800 2980 250 32 250 1984 32 38400 -28285 20848 -7537 4012 0 4012 0 0 -11136 5754 0 5754 239 3 34 mA 294 nV mA mV 0.1C ms ms ms ms s 1/128 s s s s s s s s s s s s s 50V V/cnt Units cWattHr
Submit Documentation Feedback
21
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jul-2006
PACKAGING INFORMATION
Orderable Device BQ20Z90DBT BQ20Z90DBTG4 BQ20Z90DBTR BQ20Z90DBTRG4
(1)
Status (1) ACTIVE ACTIVE ACTIVE ACTIVE
Package Type SM8 SM8 SM8 SM8
Package Drawing DBT DBT DBT DBT
Pins Package Eco Plan (2) Qty 30 30 30 30 60 60 Green (RoHS & no Sb/Br) TBD
Lead/Ball Finish CU NIPDAU Call TI CU NIPDAU Call TI
MSL Peak Temp (3) Level-2-260C-1 YEAR Call TI Level-2-260C-1 YEAR Call TI
2000 Green (RoHS & no Sb/Br) 2000 TBD
The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device.
(2)
Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 1
IMPORTANT NOTICE Texas Instruments Incorporated and its subsidiaries (TI) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to TI's terms and conditions of sale supplied at the time of order acknowledgment. TI warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with TI's standard warranty. Testing and other quality control techniques are used to the extent TI deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. TI assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using TI components. To minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. TI does not warrant or represent that any license, either express or implied, is granted under any TI patent right, copyright, mask work right, or other TI intellectual property right relating to any combination, machine, or process in which TI products or services are used. Information published by TI regarding third-party products or services does not constitute a license from TI to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from TI under the patents or other intellectual property of TI. Reproduction of information in TI data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. TI is not responsible or liable for such altered documentation. Resale of TI products or services with statements different from or beyond the parameters stated by TI for that product or service voids all express and any implied warranties for the associated TI product or service and is an unfair and deceptive business practice. TI is not responsible or liable for any such statements. Following are URLs where you can obtain information on other Texas Instruments products and application solutions: Products Amplifiers Data Converters DSP Interface Logic Power Mgmt Microcontrollers amplifier.ti.com dataconverter.ti.com dsp.ti.com interface.ti.com logic.ti.com power.ti.com microcontroller.ti.com Applications Audio Automotive Broadband Digital Control Military Optical Networking Security Telephony Video & Imaging Wireless Mailing Address: Texas Instruments Post Office Box 655303 Dallas, Texas 75265 Copyright 2006, Texas Instruments Incorporated www.ti.com/audio www.ti.com/automotive www.ti.com/broadband www.ti.com/digitalcontrol www.ti.com/military www.ti.com/opticalnetwork www.ti.com/security www.ti.com/telephony www.ti.com/video www.ti.com/wireless
Low Power Wireless www.ti.com/lpw


▲Up To Search▲   

 
Price & Availability of BQ20Z90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X