Part Number Hot Search : 
PD200 D45C3 33287 E220K SK231 30001 02201 P6KE11A
Product Description
Full Text Search
 

To Download BCW61B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW61A/B/C/D
GENERAL PURPOSE TRANSISTOR
PNP EPITAXIAL SILICON TRANSISTOR
SOT-23
ABSOLUTE MAXIMUM RATINGS (TA=25C)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Dissipation Storage Temperature * Refer to KS5086 for graphs Symbol VCBO VCEO VEBO IC PC T STG Rating -32 -32 -5.0 -100 350 -55 ~ 150 Unit V V V mA mW C
1. Base 2. Emitter 3. Collector
ELECTRICAL CHARACTERISTICS (TA=25C)
Characteristic Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current DC Current Gain : BCW61B : BCW61C : BCW61D : BCW61A : BCW61B : BCW61C : BCW61D : BCW61A : BCW61B : BCW61C : BCW61D Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Output Capacitance Noise Figure Turn On Time Turn Off Time Symbol BVCEO BVEBO ICES hFE Test Conditions IC= -2mA, IB=0 IE= -1A, IC=0 VCB= -32V, VBE=0 VCE= -5V, IC= -10A Min -32 -5 -20 20 40 100 120 140 250 380 60 80 100 100 Max Unit V V nA
VCE= -5V, IC= -2mA
220 310 460 630
VCE= -5V, IC= -50mA
VCE (sat) VBE (sat) VBE (on) COB NF tON tOFF
IC= -50mA, IB= -1.25mA IC= -10mA, IB= -0.25mA IC= -50mA, IB= -1.25mA IC= -10mA, IB= -0.25mA VCE= -5V, IC= -2mA VCB= -10V, IE=0 f=1MHz IC= -0.2mA, VCE= -5V RG=20K, f=1KHz IC= -10mA, IB1= -1mA VBB= -3.6V, IB2= -1mA R1=R2=50K, RL=990
0.68 0.6 0.6
-0.55 -0.25 1.05 0.85 0.75 6 6 150 800
V V V V V pF dB ns ns
Rev. B
(c)1999 Fairchild Semiconductor Corporation
BCW61A/B/C/D
MARKING CODE
TYPE MARK. BCW61A BA BCW61B BB
PNP EPITAXIAL SILICON TRANSISTOR
BCW61C BC BCW61D BD
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of BCW61B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X