Part Number Hot Search : 
MX27L256 FQB28N15 SDA5275S PT12216 5KE43 MPC94551 BA33BC0 32HDVA
Product Description
Full Text Search
 

To Download BC857C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
BC856A THRU BC858C
PNP Small Signal Transistor 310mW
SOT-23
A D
Ideally Suited for Automatic Insertion 150 C Junction Temperature For Switching and AF Amplifier Applications
o
Mechanical Data
l Case: SOT-23, Molded Plastic l Terminals: Solderable per MIL-STD-202, Method 208 l Polarity: See Diagram l Weight: 0.008 grams ( approx.)
Type BC856A BC856B BC857A BC857B
Marking Code (Note 2) Marking Type 3A BC857C 3B BC858A 3E BC858B 3F BC858C
C
B
Marking 3G 3J 3K 3L
F
E
G
H
J
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic Collector-Base Voltage Symbol BC856 BC857 BC858 BC856 BC857 BC858 VC B O Value -80 -50 -30 -65 -45 -30 -5.0 -100 -200 -200 310 Unit V
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
DIMENSIONS MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
Collector-Emitter Voltage
VC E O V EBO IC IC M IEM
V V mA mA mA mW
o
Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation@T s =50 C(Note1) Operating & Storage Temperature
o
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
Pd
Tj, T S T G -55~150
C
Note: 1. Package mounted on ceramic substrate 0.7mm X 2.5cm2 area.
2. Current gain subgroup "C" is not available for BC856
.037 .950 .037 .950
www.mccsemi.com
BC856A thru BC858C
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage (Note 3) Collector-Emitter Breakdown Voltage (Note 3) Emitter-Base Breakdown Voltage (Note 3) H-Parameters Small Signal Current Gain Input Impedance Output Admittance Reverse Voltage Transfer Ratio DC Current Gain (Note 3) Current Gain Group A B C Current Gain Group A B C Current Gain Group A B C Current Gain Group A B C Current Gain Group A B C BC856 BC857 BC858 BC856 BC857 BC858 @ TA =25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO hfe hfe hfe hie hie hie hoe hoe hoe hre hre hre hFE RqJSB RqJA VCE(SAT) VBE(SAT) VBE(ON) BC856 BC857 BC858 ICES ICES ICES ICBO ICBO fT CCBO NF Min -80 -50 -30 -65 -45 -30 -5 -- -- -- -- -- -- -- -- -- -- -- -- 125 220 420 -- -- -- -- -- -600 -- -- -- -- -- -- 100 -- -- Typ -- -- -- -- -- -- -- 200 330 600 2.7 4.5 8.7 18 30 60 1.5x10-4 2x10-4 3x10-4 180 290 520 -- -- -75 -250 -700 -850 -650 -- -- -- -- -- -- 200 3 2 Max -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 250 475 800 320 400 -300 -650 -- -750 -820 -15 -15 -15 -15 -4.0 -- -- 10 Unit V V V -- -- -- kW kW kW S S S -- -- -- -- C/W C/W mV mV mV nA nA nA nA A MHz pF dB
MCC
Test Condition IC = 10mA, IB = 0 IC = 10mA, IB = 0 IE = 1mA, IC = 0
VCE = -5.0V, IC = -2.0mA, f = 1.0kHz
VCE = -5.0V, IC = -2.0mA Note 1 Note 1 IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA VCE = -5.0V, IC = -2.0mA VCE = -5.0V, IC = -10mA VCE = -80V VCE = -50V VCE = -30V VCB = -30V VCB = -30V, TA = 150C VCE = -5.0V, IC = -10mA, f = 100MHz VCB = -10V, f = 1.0MHz VCE = -5.0V, IC = 200A, RS = 2kW, f = 1kHz, Df = 200Hz
Thermal Resistance, Junction to Substrate Backside Thermal Resistance, Junction to Ambient Collector-Emitter Saturation Voltage (Note 3) Base-Emitter Saturation Voltage (Note 3) Base-Emitter Voltage (Note 3) Collector-Cutoff Current (Note 3)
Gain Bandwidth Product Collector-Base Capacitance Noise Figure
Notes:
1. Package mounted on ceramic substrate 0.7mm x 2.5cm2 area. 2. Current gain subgroup "C" is not available for BC856. 3. Short duration pulse test to minimize self-heating effect.
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of BC857C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X