Part Number Hot Search : 
TD1955N NT3980 TC124 G1200 GF850B FDMS86 7C4255 123U010
Product Description
Full Text Search
 

To Download BC857C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856 SERIES BC857 SERIES BC858 SERIES SURFACE MOUNT PNP SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR BC856, BC857 and BC858 Series types are PNP Silicon Transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. MARKING CODE: PLEASE SEE MARKING CODE TABLE ON FOLLOWING PAGE
SOT-23 CASE
MAXIMUM RATINGS (TA=25C) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage VCEO Emitter-Base Voltage VEBO Collector Current IC Peak Collector Current ICM Peak Base Current IBM Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JA BC858 30 30
Note: Reverse Lead Codes Available, Add "R" to the end of the Part # and Marking Code.
BC857 50 45 5.0 100 200 200 350 -65 to +150 357
BC856 80 65
UNITS V V V mA mA mA mW C C/W
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO VCB= 30V ICBO VCB= 30V, TA=150C IEBO VEB=5.0V BVCBO IC=10A (BC858) 30 BVCBO IC=10A (BC857) 50 BVCBO IC=10A (BC856) 80 BVCEO IC=10mA (BC858) 30 BVCEO IC=10mA (BC857) 45 BVCEO IC=10mA (BC856) 65 BVEBO IE=10A 5.0 VCE(SAT) IC=10mA, IB=0.5mA VCE(SAT) IC=100mA, IB=5.0mA IC=2.0mA, VCE=5.0V 0.6 VBE(ON) VBE(ON) IC=10mA, VCE=5.0V fT VCE=5.0V, IC=10mA, f=100MHz 100 NF VCE=5.0V, IC=200A, RS=2K, f= 1KHz, BW=200Hz BC856A BC857A BC858A MIN MAX 125 250
TYP
MAX 15 4.0 100
0.3 0.65 0.75 0.82
UNITS nA A nA V V V V V V V V V V V MHz dB
10 BC856B BC857B BC858B MIN MAX 220 475
hFE
VCE=5.0V, IC=2.0mA
BC857C BC858C MIN MAX 420 800
R1 (10-September 2004)
Central
TM
Semiconductor Corp.
BC856 SERIES BC857 SERIES BC858 SERIES SURFACE MOUNT PNP SILICON TRANSISTOR
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: STANDARD 1) BASE 2) EMITTER 3) COLLECTOR DEVICE BC856A BC856B BC857A BC857B BC857C BC858A BC858B BC858C *REVERSE 1) EMITTER 2) BASE 3) COLLECTOR MARKING CODE 3A 3B 3E 3F 3G 3J 3K 3L
* Reverse Lead Codes Available, Add "R" to the end of the Part # and Marking Code.
R1 (10-September 2004)


▲Up To Search▲   

 
Price & Availability of BC857C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X