Part Number Hot Search : 
FS50SM LTC3880 RF840 LTC3880 B0411 T301498 AQW454 R65C51C1
Product Description
Full Text Search
 

To Download BAV70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode Array
For high-speed switching q Common cathode
q
BAV 70
Type BAV 70
Marking A4s
Ordering Code (tape and reel) Q68000-A6622
Pin Configuration
Package1) SOT-23
Maximum Ratings per Diode Parameter Reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total power dissipation, TS = 35 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF IFS Ptot Tj Tstg
Values 70 70 200 4.5 250 150 - 65 ... + 150
Unit V mA A mW C
600 460
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2.
Semiconductor Group
1
5.91
BAV 70
Electrical Characteristics per Diode at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Breakdown voltage I(BR) = 100 A Forward voltage IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA Reverse current VR = 70 V VR = 25 V, TA = 150 C VR = 70 V, TA = 150 C AC characteristics Diode capacitance VR = 0 V, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 measured at IR = 1 mA Test circuit for reverse recovery time CD trr - - - - 1.5 6 pF ns V(BR) VF - - - - IR - - - - - - 2.5 30 50 - - - - 715 855 1000 1250
A
Values typ. max.
Unit
70
-
-
V mV
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
BAV 70
Forward current IF = f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
BAV 70
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAV70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X