Part Number Hot Search : 
BAS16L 30AE3 KBPC3501 NQ03LT 27C256 HMC329 2N4232A SR160
Product Description
Full Text Search
 

To Download B125FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B 40FD ... B 380FD Fast Switching Si-Bridge Rectifiers Schnelle Si-Bruckengleichrichter
Nominal current - Nennstrom Alternating input voltage Eingangswechselspannung DIL-plastic case DIL-Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 40...380 V 8.3 x 6.4 x 3.1 [mm] 0.4 g
Standard packaging: plastic tubes Standard Lieferform: Plastik-Schienen
see page 22 siehe Seite 22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ B 40FD B 80FD B 125FD B 250FD B 380FD Alternating input voltage Eingangswechselspannung VVRMS [V] 40 80 125 250 380
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 80 160 250 600 800
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
10 A 2) 40 A 8 A2s - 50...+150/C - 50...+150/C
1 2
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if the temperature of the terminals is kept to 100/C Gultig, wenn die Temperatur der Anschlusse auf 100/C gehalten wird 11.02.2003
1
B 40FD ... B 380FD Characteristics Max. average forward rectified current Dauergrenzstrom Forward voltage - Durchlaspannung Leakage current - Sperrstrom Reverse recovery time Sperrverzug TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 1 A VR = VRRM IFAV IFAV VF IR trr RthA Kennwerte 1.0 A 2) 0.8 A 2) < 1.3 V 1) < 10 :A < 300 ns < 60 K/W 2)
IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
Type Typ B 40FD B 80FD B 125FD B 250FD B 380FD
Max. admissible load capacitor Max. zulassiger Ladekondensator CL [:F] 5000 2500 1500 800 600
Min. required protective resistor Min. erforderl. Schutzwiderstand Rt [S] 0.8 1.6 2.5 5.0 8.0
1 2
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if mounted on P.C. board with 25 mm2 copper pads at each terminal Dieser Wert gilt bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 F:\Data\WP\DatBlatt\Einzelblatter\b40fd-380fd.wpd


▲Up To Search▲   

 
Price & Availability of B125FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X