Part Number Hot Search : 
226X0 U2731B U2731B 74LS2 HMCS412C EPA3918 HMCS412C 2SC2411
Product Description
Full Text Search
 

To Download AT259 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
Features
* * * * * * * * Attenuation: 12 dB at 1 GHz Low Intermodulation Products Low DC Power Consumption: 50 W Single Voltage Control: 0 to -4 Volts Nanosecond Switching Speed Temperature Range: -40C to +85C SOT-143 Plastic Package Tape and Reel Packaging Available
AT-259 V4
Functional Schematic
4 3
Description
M/A-COM's AT-259 is a GaAs MMIC voltage variable absorptive attenuator in a low cost SOT-143 4-Lead surface mount plastic package. The AT-259 is ideally suited for use where attenuation fine tuning, fast switching and very low power consumption are required. Typical applications include radio, cellular, GPS equipment and other automatic gain/level control circuits. The AT-259 is fabricated with a monolithic GaAs MMIC using a mature 1 micron process. The process features full chip passivation for increased performance and reliability.
1
2
Pin Configuration
Pin No.
1 2
Function
Ground VC
Pin No.
3 4
Function
RF2 RF1
Ordering Information
Part Number AT-259 AT-259TR Package SOT 4-Lead Plastic Package Forward Tape and Reel
Absolute Maximum Ratings 1
Parameter
Input Power Control Voltage Absolute Maximum +21 dBm +5V, -8.5V -40C to +85C -65C to +150C
Note: Reference Application Note M513 for reel size information.
Operating Temperature Storage Temperature
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Insertion Loss
AT-259 V4
Test Conditions2
--
Frequency
DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.0 GHz DC - 2.0 GHz DC - 2.0 GHz -- -- -- -- -- -- 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz
Units
dB dB dB dB dB dB dB Ohms Ratio nS nS mV dBm dBm dBm dBm dBm dBm
Min
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 18 18.5
Typ
2.9 3.0 3.2 3.4 + 0.2 + 2.3 + 7.0 50 2.1:1 3 5 10 -- -- 34 47 313 363
Max
3.1 3.2 3.5 3.8 + 0.4 + 2.5 + 7.5 -- -- -- -- -- 13 21 -- -- -- --
Flatness (Peak to Peak) Output Impedance VSWR Trise, Tfall Ton, Toff Transients Power Handling IP2 IP3
5 dB Attenuation 10 dB Attenuation 15 dB Attenuation -- -- 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Linear Operation Absolute maximum Input Power Measured Relative to Input Power (For two-tone Input Power Up to +5 dBm) Measured Relative to Input Power (For two-tone Input Power Up to +5 dBm)
2. Control voltage: 0 to -4 volts @ 20 A typical. 3. For levels above 6 dB attenuation. For levels below 6 dB, the minimum specification numbers apply.
SOT-143
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
Typical Performance Curves
Insertion Loss vs. Frequency
4
20
AT-259 V4
Attenuation vs. Frequency
3
15
5 10 15
2
+25C -40C +85C
10
1
5
0 0.0
0.5
1.0
1.5
2.0
0 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency
2.0
15
Attenuation vs. Control Voltage, F = 950 MHz
1.8
10
1.6
0 12 5
1.4
5
1.2
1.0 0.0 0.5 1.0 1.5 2.0
0 -3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Frequency (GHz)
Control Voltage (V)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of AT259

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X