Part Number Hot Search : 
VNH3SP TMA2412D 24D05 100EP1 T45DB 100EP1 M24C64 CEM830
Product Description
Full Text Search
 

To Download AAT8660H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT8660 Series
Details are subject to change without notice.
ONE-CELL LI-ION BATTERY PROTECTION IC
FEATURES
Ideal for One-Cell Rechargeable Li-Ion Battery Packs High Accuracy Voltage Detection Low Current Consumption:
3A Supply Current (Typical) 0.1A Shutdown Current
GENERAL DESCRIPTION
The AAT8660 series are designed to protect one-cell rechargeable Li-Ion battery pack against over-charge, over-discharge, over-current and short circuit. They use CMOS process to provide high accuracy voltage detection and low current consumption. Each of the AAT8660 devices incorporates voltage comparators, bandgap reference voltage generator, signal delay circuit, short circuit detector, and digital control circuit. In the charge process, when the battery voltage is charged to a value greater than VC1 (Over-Charge Threshold Voltage), the output of C out pin switches to the low level, i.e., the VN pin level. The output of C out pin will switch to high level
3-Level Over Current Detection: Over-Current Level 1 /Over Current Level 2 / Short Circuit Wide Operating - 40o C to + 85o C Temperature Range:
Small SOT26 Package
PIN CONFIGURATION
D out
GND
VN
V DD
NULL
when the battery voltage falls lower than VC2 (Over-Charge Release Voltage), or when the charger is disconnected from the battery pack and the battery voltage level ranges between VC1 and VC2. During the discharge process, when the battery voltage drops to a value lower than VD1
C out
(Over-Discharge Threshold Voltage), the output of D out pin switches to low level immediately after the internal delay time elapses. The output of D out pin will switch to high level when the battery voltage is at a level higher than VD 2 (Over-Discharge Release Voltage).
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 1 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
Over current level 1 voltage ( VOC1 ) is used to monitor the amount of discharge current. If the discharge current is high enough to cause VN pin voltage increase to a value greater than VOC1 , the output of D out pin will switch to a low level after a delay time t OC1 . If the load is removed from battery pack, the output of D out will change to a high level again. The mechanism of short circuit protection is identical to a discharge current. If the short circuit current is high enough to cause VN pin voltage increase to greater than Vshort , the output of D out pin will move to the low level after a delay time t short , and the output of D out level will change to high when the load is removed from battery pack.
BLOCK DIAGRAM:
VDD
D out
C out
GND
VN
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 2 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
PIN DESCRIPTION
PIN NO NAME
1 2 3 4 5 6 D out VN C out NULL VDD GND
(R)
I/O
O I O I I
DESCRIPTION
Discharge Control Pin which Connects to External MOSFET Gate Voltage Detection Pin between VN and GND Charge Control Pin which Connects to External MOSFET Gate. Null Pad. Power Supply Input Pin Ground
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
Supply Voltage VN Pin Input Voltage D out Pin Output Voltage C out Pin Output Voltage Power Dissipation Operating Temperature Range Storage Temperature Range
SYMBOL
VDD VVN VDout VCout Pd TC
Tstorage
VALUE
-0.3 to 8.0 VDD - 20 to VDD + 0.3 -0.3 to VDD + 0.3 VVN - 0.3 to VDD + 0.3 150 -40 to +85 -40 to +125
UNIT
V V V V mW
o o
C
C
RECOMMENDED OPERATING CONDITIONS
TEST CONDITION
Supply Voltage,
MIN
1.5 GND VN
MAX
7.0 VDD VDD
UNIT
V V V
VDD
Voltage Defined as VDD to GND
D out Output Voltage C out Output Voltage
OPERATION VOLTAGE AND OPERATION CURRENT
PARAMETER
Supply Current at Normal Operation Mode Standby Current at Power Down Mode Operation Voltage between VDD and VN
TEST CONDITION
VDD =3.3V; VN=0V; GND=0V
MIN
1.5
TYP
3.0 -
MAX
6.0 0.1 20.0
UNIT
A A
V
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 3 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660A DETECTION VOLTAGE AND DELAY TIME ( 25 o C )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ; VN = 0V VDD = 4.5V ; C out = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ; VN = 0V VDD = 1.8V ; D out = 0.5V ; VN = 1.8V VDD = 1.8V ; VN = 0V VDD = 3.5V ; VN = 3.5V
MIN
4.275
TYP
4.325
MAX
4.375 VC1-0.15 2.580 VD1+0.5 1.300 162.5 170
UNIT
V V V V s ms mV
VC1-0.35 VC1-0.25 2.420 VD1+0.3 0.700 87.5 130 2.500 VD1+0.4 1.000 125.0 150
VOC 2
400
500
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
1 150 2.5 2.5 100 10
-1.3
2 602 5.0 5.0 300 20
-0.6
10 2,380 10.0 10.0 900 40
C out Low Level Resistance
D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 4 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660B DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C OUT = 3.0V ; VN = 0V VDD = 4.5V ; C OUT = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ; VN = 0V VDD = 1.8V ; D out = 0.5V ; VN = 1.8V VDD = 1.8V ; VN = 0V VDD = 3.5V ; VN = 3.5V
MIN
4.300
TYP
4.350
MAX
4.400
UNIT
V V V V s ms mV
VC1-0.30 VC1-0.20 VC1-0.10 2.220 VD1+0.6 0.088 22.4 130 2.300 VD1+0.7 0.125 32.0 150 2.380 VD1+0.8 0.163 41.6 170
VOC 2
400
500
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
2.8
4.0 2.0 2.0 10
5.2 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
1 150 2.5 2.5 100 10
-1.3
2 602 5.0 5.0 300 20
-0.6
10 2,380 10.0 10.0 900 40
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 5 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660C DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V
MIN
4.250
TYP
4.300
MAX
4.350
UNIT
V V V V s ms mV
VC1-0.30 VC1-0.20 VC1-0.10 2.220 VD1-0.08 0.700 87.5 2.300 VD1 1.000 125.0 100 2.380 VD1+0.08 1.300 162.5 120
VOC 2
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
Vshort
Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC1 80 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with 400 tOC2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage VDD -1.7 ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ; VN = 0V VDD = 4.5V ; C out = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ; VN = 0V VDD = 1.8V ; D out = 0.5V ; VN = 1.8V VDD = 1.8V ; VN = 0V VDD = 3.5V ; VN = 3.5V 5.6
480
600
mV
VDD - 1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
8.0 2.0 2.0 10
10.4 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
-1.3
-0.6
1 150 2.5 2.5 100 10
2 602 5.0 5.0 300 20
10 2,380 10.0 10.0 900 40
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 6 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660D DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge Voltage Detect Falling Edge Voltage Detect Falling Edge Voltage Detect Rising Edge Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response With tOC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of Supply of Supply of Supply of Supply
MIN
4.230 VC1-0.30 2.201 VD1-0.08 0.700 87.5 110
TYP
4.280 VC1-0.20 2.281 VD1 1.000 125.0 130
MAX
4.330 VC1-0.10 2.361 VD1+0.08 1.300 162.5 150
UNIT
V V V V s ms mV
VOC 2
400
490
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
Vshort t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ; VN = 0V VDD = 4.5V ; C out = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ; VN = 0V VDD = 1.8V ; D out = 0.5V ; VN = 1.8V VDD = 1.8V ; VN=0V VDD = 3.5V ; VN = 3.5V
VDD -1.7
VDD -1.3
VDD - 0.9
V ms ms ms s V k k k k k k
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50
1.4 1.1
-2.0
-1.3
-0.6
1 150 2.5 2.5 100 10
2 602 5.0 5.0 300 20
10 2,380 10.0 10.0 900 40
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 7 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660E DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge Voltage Detect Falling Edge Voltage Detect Falling Edge Voltage Detect Rising Edge Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ; VN = 0V VDD = 4.5V ; C out = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ; VN = 0V VDD = 1.8V ; D out = 0.5V ; VN = 1.8V VDD = 1.8V ; VN = 0V VDD = 3.5V ; VN = 3.5V of Supply of Supply of Supply of Supply
MIN
4.230 VC1-0.30 2.201 VD1+0.5 0.700 87.5 80
TYP
4.280 VC1-0.20 2.281 VD1+0.6 1.000 125.0 100
MAX
4.330 VC1-0.10 2.361 VD1+0.7 1.300 162.5 120
UNIT
V V V V s ms mV
VOC 2
400
480
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50 -0.6 10 2,380 10.0 10.0 900 40
ms ms ms
1.4 1.1
t short
VCHR R COH R COL R DOH R DOL R VND R VNG
s
V k k k k k k
-2.0 1 150 2.5 2.5 100 10
-1.3 2 602 5.0 5.0 300 20
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 8 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660F DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (When VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ; VN = 0V VDD = 4.5V ; C out = 0.5V ; VN = 0V VDD = 3.5V ; D out = 3.0V ;VN=0V VDD = 1.8V ; D out = 0.5V ;VN=1.8V VDD = 1.8V ; VN = 0V VDD = 3.5V ; VN=3.5V
MIN
4.275
TYP
4.325
MAX
4.375
UNIT
V V V V s ms mV
VC1-0.35 VC1-0.25 VC1-0.15 2.420 VD1+0.3 0.700 87.5 80 2.500 2.580
VD1+0.4 VD1+0.5 1.000 125.0 100 1.300 162.5 120
VOC 2
400
480
600
mV
Short Circuit Detection Voltage
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
-1.3
-0.6
1 150 2.5 2.5 100 10
2 602 5.0 5.0 300 20
10 2,380 10.0 10.0 900 40
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 9 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660G DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with tOC2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage(when VD1 O VDD O VD2) VDD = 3.5V ; C out = 3.0V ;VN=0V VDD = 4.5V ; C out = 0.5V ;VN=0V VDD = 3.5V ; D out = 3.0V ;VN=0V VDD = 1.8V ; D out = 0.5V ;VN=1.8V VDD = 1.8V ; VN=0V VDD = 3.5V ; VN=3.5V
MIN
4.300
TYP
4.350
MAX
4.400
UNIT
V V V V s ms mV
VC1-0.30 VC1-0.20 VC1-0.10 2.220 VD1+0.6 0.088 22.4 180 2.300 2.380
VD1+0.7 VD1+0.8 0.125 32.0 200 0.163 41.6 220
VOC 2
400
510
600
mV
Short Circuit Detection Voltage Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Resistance Level C out Low Resistance Level D out High Resistance Level D out Low Resistance Level Internal Resistance between VN and VDD Internal Resistance between VN and GND
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND
2.8
4 2.0 2.0 10
5.2 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
-1.3
-0.6
1 150 2.5 2.5 100 10
2 602 5.0 5.0 300 20
10 2,380 10.0 10.0 900 40
R VNG
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 10 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660H DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay time) Detect rising Edge of "VN" Pin Voltage ( D out Response With t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ;VN=0V VDD = 4.5V ; C out = 0.5V ;VN=0V VDD = 3.5V ; D out = 3.0V ;VN=0V VDD = 1.8V ; D out = 0.5V ;VN=1.8V VDD = 1.8V ; VN=0V VDD = 3.5V ; VN=3.5V
MIN
4.250
TYP
4.300
MAX
4.350
UNIT
V V V V s ms mV
VC1-0.30 VC1-0.20 VC1-0.10 2.220 VD1-0.08 0.700 87.5 130 2.300 VD1 1.000 125.0 150 2.380 VD1+0.08 1.300 162.5 170
VOC 2
400
500
600
mV
Short Circuit Detection Voltage
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Resistance Level C out Low Resistance Level D out High Resistance Level D out Low Resistance Level Internal Resistance between VN and VDD Internal Resistance between VN and GND
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50 -0.6 10 2,380 10.0 10.0 900 40
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0 1 150 2.5 2.5 100 10
-1.3 2 602 5.0 5.0 300 20
R VNG
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 11 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660I DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ;VN=0V VDD = 4.5V ; C out = 0.5V ;VN=0V VDD = 3.5V ; D out = 3.0V ;VN=0V VDD = 1.8V ; D out = 0.5V ;VN=1.8V VDD = 1.8V ; VN=0V VDD = 3.5V ; VN=3.5V
MIN
4.250
TYP
4.300
MAX UNIT
4.350 V V V V s ms mV
VC1-0.30 VC1-0.20 VC1-0.10 2.220 VD1-0.08 0.700 87.5 110 2.300 VD1 1.000 125.0 130 2.380 VD1+0.08 1.300 162.5 150
VOC 2
400
490
600
mV
Short Circuit Detection Voltage
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Resistance Level C out Low Resistance Level D out High Resistance Level D out Low Resistance Level Internal Resistance between VN and VDD Internal Resistance between VN and GND
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0
-1.3
-0.6
1 150 2.5 2.5 100 10
2 602 5.0 5.0 300 20
10 2,380 10.0 10.0 900 40
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 12 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
AAT8660J DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Charge Threshold Voltage Over Charge Release Voltage Over Discharge Threshold Voltage Over Discharge Release Voltage Over Charge Delay Time Over Discharge Delay Time Over Current Level 1 Detection Voltage Over Current Level 2 Detection Voltage
SYMBOL
VC1 VC 2 VD1 VD 2 t C1 t D1 VOC1
TEST CONDITION
Detect Rising Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Falling Edge of Supply Voltage Detect Rising Edge of Supply Voltage VDD = 3.6V to 4.5V VDD = 3.6V to 2.4V Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC1 Delay Time) Detect Rising Edge of "VN" Pin Voltage ( D out Response with t OC 2 Delay Time) VDD = 3.0V , Detect Rising Edge of "VN" Pin Voltage ( D out Response with t short Delay Time) VDD = 3.0V Room Temp. Low or High Temp. VDD = 3.0V VDD = 3.0V Detect Rising Edge of " D out " Pin Voltage (when VD1O VDDO VD2) VDD = 3.5V ; C out = 3.0V ;VN=0V VDD = 4.5V ; C out = 0.5V ;VN=0V VDD = 3.5V ; D out = 3.0V ;VN=0V VDD = 1.8V ; D out = 0.5V ;VN=1.8V VDD = 1.8V ; VN=0V VDD = 3.5V ; VN=3.5V
MIN
4.230 VC1-0.30 2.201 VD1-0.08 0.700 87.5 180
TYP
4.280
MAX UNIT
4.330 V V V V s ms mV
VC1-0.20 VC1-0.10 2.281 VD1 1.000 125.0 200 2.361 VD1+0.08 1.300 162.5 220
VOC 2
400
510
600
mV
Short Circuit Detection Voltage
Vshort
VDD -1.7
VDD -1.3
VDD - 0.9
V
Over Current Level 1 Detection Delay Time Over Current Level 2 Detection Delay Time Short Circuit Detection Delay Time Charger Detection Voltage C out High Level Resistance C out Low Level Resistance D out High Level Resistance D out Low Level Resistance Internal Resistance between VN and VDD Internal Resistance between VN and GND
t OC1 t OC 2 t short VCHR R COH R COL R DOH R DOL R VND R VNG
5.6
8.0 2.0 2.0 10
10.4 2.6 3.4 50 -0.6 10 2,380 10.0 10.0 900 40
ms ms ms
1.4 1.1
s
V k k k k k k
-2.0 1 150 2.5 2.5 100 10
-1.3 2 602 5.0 5.0 300 20
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 13 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
SUMMARY OF AAT8660 DETECTION VOLTAGE AND DELAY TIME ( 25o C )
PARAMETER
Over Charge Threshold Voltage
SYMBOL
VC1
DEVICE
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
MIN
4.275 4.300 4.250 4.230 4.230 4.275 4.300 4.250 4.250 4.230 VC1-0.35 VC1-0.30 VC1-0.30 VC1-0.30 VC1-0.30 VC1-0.35 VC1-0.30 VC1-0.30 VC1-0.30 VC1-0.30 2.420 2.220 2.220 2.201 2.201 2.420 2.220 2.220 2.220 2.201
TYP
4.325 4.350 4.300 4.280 4.280 4.325 4.350 4.300 4.300 4.280 VC1-0.25 VC1-0.20 VC1-0.20 VC1-0.20 VC1-0.20 VC1-0.25 VC1-0.20 VC1-0.20 VC1-0.20 VC1-0.20 2.500 2.300 2.300 2.281 2.281 2.500 2.300 2.300 2.300 2.281
MAX
4.375 4.400 4.350 4.330 4.330 4.375 4.400 4.350 4.350 4.330 VC1-0.15 VC1-0.10 VC1-0.10 VC1-0.10 VC1-0.10 VC1-0.15 VC1-0.10 VC1-0.10 VC1-0.10 VC1-0.10 2.580 2.380 2.380 2.361 2.361 2.580 2.380 2.380 2.380 2.361
UNIT
V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V
Over Charge Release Voltage
VC 2
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
Over Discharge Threshold Voltage
VD1
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 14 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
SUMMARY OF AAT8660 DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Discharge Release Voltage
SYMBOL
VD 2
DEVICE
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
MIN
VD1+0.3 VD1+0.6 VD1-0.08 VD1-0.08 VD1+0.5 VD1+0.3 VD1+0.6 VD1-0.08 VD1-0.08 VD1-0.08 0.700 0.088 0.700 0.700 0.700 0.700 0.088 0.700 0.700 0.700 87.5 22.4 87.5 87.5 87.5 87.5 22.4 87.5 87.5 87.5
TYP
VD1+0.4 VD1+0.7 VD1 VD1 VD1+0.6 VD1+0.4 VD1+0.7 VD1 VD1 VD1 1.000 0.125 1.000 1.000 1.000 1.000 0.125 1.000 1.000 1.000 125.0 32.0 125.0 125.0 125.0 125.0 32.0 125.0 125.0 125.0
MAX
VD1+0.5 VD1+0.8 VD1+0.08 VD1+0.08 VD1+0.7 VD1+0.5 VD1+0.8 VD1+0.08 VD1+0.08 VD1+0.08 1.300 0.163 1.300 1.300 1.300 1.300 0.163 1.300 1.300 1.300 162.5 41.6 162.5 162.5 162.5 162.5 41.6 162.5 162.5 162.5
UNIT
V V V V V V V V V V s s s s s s s s s s ms ms ms ms ms ms ms ms ms ms
Over Charge Delay Time
t C1
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
Over Discharge Delay Time
t D1
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 15 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
SUMMARY OF AAT8660 DETECTION VOLTAGE AND DELAY TIME (25J )
PARAMETER
Over Current Level 1 Detection Voltage
SYMBOL DEVICE
VOC1
MIN
130 130 80 110 80 80 180 130 110 180 400 400 400 400 400 400 400 400 400 400 5.6 2.8 5.6 5.6 5.6 5.6 2.8 5.6 5.6 5.6
TYP
150 150 100 130 100 100 200 150 130 200 500 500 480 490 480 480 510 500 490 510 8.0 4.0 8.0 8.0 8.0 8.0 4.0 8.0 8.0 8.0
MAX
170 170 120 150 120 120 220 170 150 220 600 600 600 600 600 600 600 600 600 600 10.4 5.2 10.4 10.4 10.4 10.4 5.2 10.4 10.4 10.4
UNIT
mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV ms ms ms ms ms ms ms ms ms ms
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
Over Current Level 2 Detection Voltage
VOC 2
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
Over Current Level 1 Detection Delay Time
t OC1
AAT8660A AAT8660B AAT8660C AAT8660D AAT8660E AAT8660F AAT8660G AAT8660H AAT8660I AAT8660J
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 16 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
TIMING CHART AAT8660 (CHARGE AND DISCHARGE)
V DD
VC1 VC2
VD2
VD1
t
D1
V DD
t
D1
D
out
GND
V DD
t
C1
t
C1
C out
VN
V DD
GND
VCHR
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 17 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
TIMING CHART AAT8660 (UNUSUAL CHARGE CURRENT, OVER CURRENT, SHORT CIRCUIT)
V
C1
V
V
DD
C2
VD 2 VD1
t OC
t OC 2
1
t OC
2
t short
V
t OC 1
DD
D
out
V
V
DD
t
DD
C1
C
out
V
V short
V OC 2 V OC 1
DD
V CHR
Time
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 18 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
TYPICAL APPLICATION
+
R1 100
C1 0.1F
Li Battery
VDD
VN GND
D OUT
C OUT
R2 1k
-
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 19 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
PACKAGE DIMENSION
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 20 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
PACKAGE DIMENSIONS (CONT.)
VARIATION (ALL DIMENSIONS SHOWN IN MILLIMETERS) SYMBOL MIN TYP ----------MAX
A A1 A2 b c D E E1 e e1 L L1 L2 R R1
1
NOTE:
-----------
1.45 0.15 1.30 0.50 0.22
0.90 0.30 0.08
1.15
-----------
2.90 BSC 2.80 BSC 1.60 BSC 0.95 BSC 1.90 BSC 0.30 0.45 0.60 REF 0.25 BSC 0.10 0.10 0
o
0.60
----------4o 10o
------
0.25 8o 15 o
5o
1 JEDEC OUTLINE: MO-178 AB
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 21 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
TAPE AND REEL
PACKING METHOD: 3,000PCS/REEL, 5 REELS/BOX
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 22 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
TAPE AND REEL (CONT.)
X.XXX X X.XXX X.XX X.X X
0.0025 0.006
0.025 0.10 0.25
UNIT: MILLIMETERS
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 23 of 24 V 1.0
Advanced Analog Technology, Inc.
AAT8660 Series
PART MARKING
PREVIOUS SOT26 TOP MARKING
AXXX
NOTE: SOT26 HAS NO BACK MARKING.
CURRENT SOT26 TOP MARKING
AXX
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 24 of 24 V 1.0


▲Up To Search▲   

 
Price & Availability of AAT8660H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X