Part Number Hot Search : 
TSC1141 CR1206 K3235 UPA809T 1N6330 LCE15A 78R03 1GT8607
Product Description
Full Text Search
 

To Download 74HCT595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT595 8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Product specification Supersedes data of September 1993 File under Integrated Circuits, IC06 1998 Jun 04
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
FEATURES * 8-bit serial input * 8-bit serial or parallel output * Storage register with 3-state outputs * Shift register with direct clear * 100 MHz (typ) shift out frequency * Output capability: - parallel outputs; bus driver - serial output; standard * ICC category: MSI. APPLICATIONS * Serial-to-parallel data conversion * Remote control holding register. DESCRIPTION
74HC/HCT595
The 74HC/HCT595 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The "595" is an 8-stage serial shift register with a storage register and 3-state outputs. The shift register and storage register have separate clocks. Data is shifted on the positive-going transitions of the SHCP input. The data in each register is transferred to the storage register on a positive-going transition of the STCP input. If both clocks are connected together, the shift register will always be one clock pulse ahead of the storage register. The shift register has a serial input (DS) and a serial standard output (Q7') for cascading. It is also provided with asynchronous reset (active LOW) for all 8 shift register stages. The storage register has 8 parallel 3-state bus driver outputs. Data in the storage register appears at the output whenever the output enable input (OE) is LOW.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns. TYP. SYMBOL PARAMETER tPHL/tPLH propagation delay SHCP to Q7' STCP to Qn MR to Q7' fmax CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz (CL x VCC2 x fo) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC; for HCT the condition is VI = GND to VCC - 1.5 V. maximum clock frequency SHCP, STCP input capacitance power dissipation capacitance per package notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 16 17 14 100 3.5 115 21 20 19 57 3.5 130 ns ns ns MHz pF pF HCT UNIT
1998 Jun 04
2
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME 74HC595N 74HC595D 74HC595DB 74HC595PW 74HCT595N 74HCT595D PINNING SYMBOL Q0 to Q7 GND Q7' MR SHCP STCP OE DS VCC PIN 15, 1 to 7 8 9 10 11 12 13 14 16 DIP16 SO16 SSOP16 TSSOP16 DIP16 SO16 DESCRIPTION plastic dual in-line package; 16 leads (300 mil); long body plastic small outline package; 16 leads; body width 3.9 mm
74HC/HCT595
VERSION SOT38-1 SOT109-1 SOT338-1 SOT403-1 SOT38-1 SOT109-1
plastic shrink small outline package; 16 leads; body width 5.3 mm plastic thin shrink small outline package; 16 leads; body width 4.4 mm plastic dual in-line package; 16 leads (300 mil); long body plastic small outline package; 16 leads; body width 3.9 mm
DESCRIPTION parallel data output ground (0 V) serial data output master reset (active LOW) shift register clock input storage register clock input output enable (active LOW) serial data input positive supply voltage
handbook, halfpage
11
12 9 15 1 2 3 4 5 6 7
handbook, halfpage
Q1 1 Q2 2 Q3 3 Q4 4 Q5 5 Q6 6 Q7 7 GND 8
MLA001
16 VCC 15 Q0 14 DS 13 OE
SHCP STCP Q7' Q0 Q1 Q2 14 DS Q3 Q4 Q5 Q6 Q7 MR 10 OE 13
MLA002
595
12 STCP 11 SHCP 10 MR 9 Q7'
Fig.1 Pin configuration.
Fig.2 Logic symbol.
1998 Jun 04
3
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74HC/HCT595
handbook, halfpage 13
OE
EN3 C2 R SRG8 C1/ 1D 2D 3 15 1 2 3 4 5 6 7 9
MSA698
STCP MR SHCP DS
12 10 11 14
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q7'
Fig.3 IEC logic symbol.
handbook, full pagewidth
14 11 10
DS SHCP MR Q7 ' 9 8-STAGE SHIFT REGISTER
12 STCP
8-BIT STORAGE REGISTER
Q0 Q1 Q2 Q3 13 OE 3-STATE OUTPUTS Q4 Q5 Q6 Q7
15 1 2 3 4 5 6 7
MLA003
Fig.4 Functional diagram.
1998 Jun 04
4
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74HC/HCT595
handbook, full pagewidth
STAGE 0 D FF0 CP R Q D
STAGES 1 TO 6 Q
STAGE 7 D FF7 CP R Q Q7'
DS
SHCP MR
D CP
Q
D CP
Q
LATCH
LATCH
STCP OE
Q0
Q1 Q2 Q3 Q4 Q5 Q6
Q7
MLA010
Fig.5 Logic diagram.
1998 Jun 04
5
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
FUNCTION TABLE INPUTS SHCP X X X STCP X X X OE L L H L MR L L L H DS X X X H OUTPUTS
74HC/HCT595
FUNCTON Q7' L L L Q6' QN NC L Z NC a LOW level on MR only affects the shift registers empty shift register loaded into storage register shift register clear. Parallel outputs in high-impedance OFF-state logic high level shifted into shift register stage 0. Contents of all shift register stages shifted through, e.g. previous state of stage 6 (internal Q6') appears on the serial output (Q7') contents of shift register stages (internal Qn') are transferred to the storage register and parallel output stages contents of shift register shifted through. Previous contents of the shift register is transferred to the storage register and the parallel output stages.
X
L
H
X
NC
Qn'
L
H
X
Q6'
Qn'
Notes 1. H = HIGH voltage level; L = LOW voltage level = LOW-to-HIGH transition; = HIGH-to-LOW transition Z = high-impedance OFF-state; NC = no change X = don't care.
1998 Jun 04
6
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74HC/HCT595
handbook, full pagewidth SHCP
DS
STCP
MR
OE
Q0 high-impedance OFF-state Q1
Q6
Q7
Q 7'
MLA005 - 1
Fig.6 Timing diagram.
1998 Jun 04
7
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
DC CHARACTERISTICS FOR 74HC
74HC/HCT595
For the DC characteristics see chapter "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: parallel outputs, bus driver, serial output, standard ICC category: MSI. AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF. Tamb (C) SYMBOL PARAMETER min tPHL/tPLH propagation delay SHCP to Q7' propagation delay STCP to Qn propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn shift clock pulse width HIGH or LOW storage clock pulse width HIGH or LOW master reset pulse width LOW - - - tPHL/tPLH - - - tPHL - - - tPZH/tPZL - - - - - - 75 15 13 75 15 13 75 15 13 tsu set-up time DS to SHCP set-up time SHCP to STCP 50 10 9.0 tsu 75 15 13 +25 typ 52 19 15 55 20 16 47 17 14 47 17 14 41 15 12 17 6 5 11 4 3 17 6.0 5.0 11 4.0 3.0 22 8 7 max 160 32 27 175 35 30 175 35 30 150 30 26 150 30 26 - - - - - - - - - - - - - - - -40 to +85 min - - - - - - - - - - - - - - - 95 19 16 95 19 16 95 19 16 65 13 11 95 19 16 max 200 40 34 220 44 37 220 44 37 190 38 33 190 38 33 - - - - - - - - - - - - - - - -40 to +125 min - - - - - - - - - - - - - - - 110 22 19 110 22 19 110 22 19 75 15 13 110 22 19 max 240 48 41 265 53 45 265 53 45 225 45 38 225 45 38 - - - - - - - - - - - - - - - ns ns ns ns ns ns ns ns ns TEST CONDITION UNIT V CC WAVEFORMS (V) ns 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Fig.8 Fig.9 Fig.10 Fig.8 Fig.7 Fig.11 Fig.11 Fig.10 Fig.8 Fig.7
tPHZ/tPLZ
tW
tW
tW
1998 Jun 04
8
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Tamb (C) SYMBOL PARAMETER min th hold time DS to SHCP removal time MR to SHCP maximum clock pulse frequency SHCP or STCP 3 3 3 trem 50 10 9 fmax 9 30 35 +25 typ -6 -2 -2 -19 -7 -6 30 91 108 max - - - - - - - - - -40 to +85 min 3 3 3 65 13 11 4.8 24 28 max - - - - - - - - - -40 to +125 min 3 3 3 75 15 13 4 20 24 max - - - - - - - - - MHz ns
74HC/HCT595
TEST CONDITION UNIT V CC WAVEFORMS (V) ns 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Figs 7 and 8 Fig.10 Fig.9
1998 Jun 04
9
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
DC CHARACTERISTICS FOR 74HCT
74HC/HCT595
For the DC characteristics see chapter "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: parallel outputs, bus driver; serial output, standard ICC category: MSI. Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. GND = 0 V; tr = tf = 6 ns; CL = 50 pF. INPUT DS MR SHCP STCP OE UNIT LOAD COEFFICIENT 0.25 1.50 1.50 1.50 1.50
1998 Jun 04
10
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF. Tamb (C) SYMBOL PARAMETER min tPHL/ tPLH tPHL/ tPLH tPHL tPZH/ tPZL tPHZ/ tPLZ tW tW tW tsu tsu th trem fmax propagation delay SHCP to Q7' propagation delay STCP to Qn propagation delay MR to Q7' 3-state output enable time OE to Qn 3-state output disable time OE to Qn shift clock pulse width HIGH or LOW storage clock pulse width HIGH or LOW master reset pulse width LOW set-up time DS to SHSP set-up time SHCP to STCP hold time DS to SHCP removal time MR to SHCP maximum clock pulse frequency SHCP or STCP - - - - - 16 16 20 16 16 3 10 30 +25 typ 25 24 23 21 18 6 5 8 5 8 -2 -7 52 max 42 40 40 35 30 - - - - - - - - -40 to +85 min - - - - - 20 20 25 20 20 3 13 24 max 53 50 50 44 38 - - - - - - - -
74HC/HCT595
TEST CONDITION -40 to +125 UNIT V CC WAVEFORMS (V) min max - - - - - 24 24 30 24 24 3 15 20 63 60 60 53 45 - - - - - - - - ns ns ns ns ns ns ns ns ns ns ns ns MHz 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5 Fig.7 Fig.8 Fig.10 Fig.11 Fig.11 Fig.7 Fig.8 Fig.10 Fig.9 Fig.8 Fig.9 Fig.10 Figs 7 and 8
1998 Jun 04
11
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
AC WAVEFORMS
74HC/HCT595
handbook, full pagewidth
1/fmax
SHCP INPUT
VM(1)
tW tPLH
tPHL 90%
Q7' OUTPUT 10% tTLH
VM(1)
tTHL
MSA699
(1) HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the clock (SHCP) to output (Q7') propagation delays, the shift clock pulse width and maximum shift clock frequency.
handbook, full pagewidth
SHCP INPUT
VM(1)
tsu VM(1)
1/fmax
STCP INPUT
tW tPLH
tPHL
Qn OUTPUT
VM(1)
MSA700
(1) HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the storage clock (STCP) to output (Qn) propagation delays, the storage clock pulse width and the shift clock to storage clock set-up time.
1998 Jun 04
12
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74HC/HCT595
handbook, full pagewidth
SHCP INPUT
VM(1)
tsu th
tsu th
DS INPUT
VM(1)
Q7' OUTPUT
VM(1)
MLB196
(1) HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9 Waveforms showing the data set-up and hold times for the DS input.
handbook, full pagewidth
MR INPUT
VM(1)
tW
trem
SHCP INPUT
VM(1)
tPHL
Q7' OUTPUT
VM(1)
MLB197
(1) HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the master reset (MR) pulse width, the master reset to output (Q7') propagation delay and the master reset to shift clock (SHCP) removal time.
1998 Jun 04
13
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
74HC/HCT595
handbook, full pagewidth
tr 90% OE INPUT 10% tPLZ Qn OUTPUT LOW-to-OFF OFF-to-LOW tPHZ Qn OUTPUT HIGH-to-OFF OFF-to-HIGH outputs enabled 90% VM(1)
tf
tPZL
VM(1) 10% tPZH
VM(1) outputs enabled
MSA697
outputs disabled
(1) HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.11 Waveforms showing the 3-state enable and disable times for input OE.
1998 Jun 04
14
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PACKAGE OUTLINES DIP16: plastic dual in-line package; 16 leads (300 mil); long body
74HC/HCT595
SOT38-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 16 9 MH wM (e 1)
pin 1 index E
1
8
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.7 0.19 A1 min. 0.51 0.020 A2 max. 3.7 0.15 b 1.40 1.14 0.055 0.045 b1 0.53 0.38 0.021 0.015 c 0.32 0.23 0.013 0.009 D (1) 21.8 21.4 0.86 0.84 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.9 3.4 0.15 0.13 ME 8.25 7.80 0.32 0.31 MH 9.5 8.3 0.37 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT38-1 REFERENCES IEC 050G09 JEDEC MO-001AE EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-10-02 95-01-19
1998 Jun 04
15
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
SO16: plastic small outline package; 16 leads; body width 3.9 mm
74HC/HCT595
SOT109-1
D
E
A X
c y HE vMA
Z 16 9
Q A2 A1 pin 1 index Lp 1 e bp 8 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 10.0 9.8 E (1) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 0.039 0.016 Q 0.7 0.6 0.028 0.020 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.39 0.014 0.0075 0.38
0.244 0.050 0.041 0.228
0.028 0.004 0.012
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT109-1 REFERENCES IEC 076E07S JEDEC MS-012AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-23 97-05-22
1998 Jun 04
16
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
SSOP16: plastic shrink small outline package; 16 leads; body width 5.3 mm
74HC/HCT595
SOT338-1
D
E
A X
c y HE vM A
Z 16 9
Q A2 pin 1 index Lp L 1 bp 8 wM detail X A1 (A 3) A
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2.0 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 6.4 6.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 1.00 0.55 8 0o
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT338-1 REFERENCES IEC JEDEC MO-150AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 94-01-14 95-02-04
1998 Jun 04
17
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
74HC/HCT595
SOT403-1
D
E
A
X
c y HE vMA
Z
16
9
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
8
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.10 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.40 0.06 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT403-1 REFERENCES IEC JEDEC MO-153 EIAJ EUROPEAN PROJECTION ISSUE DATE 94-07-12 95-04-04
1998 Jun 04
18
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). DIP SOLDERING BY DIPPING OR BY WAVE The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. REPAIRING SOLDERED JOINTS Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds. SO, SSOP and TSSOP REFLOW SOLDERING
74HC/HCT595
Reflow soldering techniques are suitable for all SO, SSOP and TSSOP packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. WAVE SOLDERING Wave soldering can be used for all SO packages. Wave soldering is not recommended for SSOP and TSSOP packages, because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices. If wave soldering is used - and cannot be avoided for SSOP and TSSOP packages - the following conditions must be observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end.
1998 Jun 04
19
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Even with these conditions: * Only consider wave soldering SSOP packages that have a body width of 4.4 mm, that is SSOP16 (SOT369-1) or SSOP20 (SOT266-1). * Do not consider wave soldering TSSOP packages with 48 leads or more, that is TSSOP48 (SOT362-1) and TSSOP56 (SOT364-1). During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values REPAIRING SOLDERED JOINTS
74HC/HCT595
Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Jun 04
20
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HCT595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X