Part Number Hot Search : 
A1373 1N4746 HCF4014 HMCS44C 9888C GRM188 87832 82C20
Product Description
Full Text Search
 

To Download 48680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4800 SERIES
Dual Winding Surface Mount Inductors
SELECTION GUIDE2
Nominal Inductance1 Inductance Range DC Current Continuous3 DC Resistance
H Order Code 481R0 482R2 483R3 484R7 486R8 48100
10kHz,100mV
H
10kHz, 100mV
1&3, 2&4 1.0 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100
1&3, 2&4
A MAX 1&2 S/C to 3&4 S/C 12.3 8.30 6.80 5.70 4.70 3.90 3.20 2.60 2.10 1.80 1.50 1.23
m 1&3, 2&4 9.00 13.5 19.1 29.4 39.9 61.4 77.4 119 184 274 409 503
MAX
0.66 - 1.11 1.64 - 2.73 2.29 - 3.82 4.18 - 6.27 5.22 - 7.83 7.65 - 11.5 12.2 - 18.2 17.7 - 26.6 26.7 - 40.1 37.6 - 56.4 53.8 - 80.7 81.3 - 122
FEATURES 1.0H to 400H1 Up to 12.3A IDC Bobbin Format Dual Winding Surface Mounting Integral EMI Shield Compact Size Tape and Reel Packaging DESCRIPTION
The 4800 series is a range of dual wound inductors offering flexible options. Windings can be connected in series or parallel to create a wide range of inductance combinations. They can also be used as common mode chokes or 1:1 transformers with the secondary winding used as a feedback winding in switched mode power supplies.
48150 48220 48330 48470 48680 48101
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range -40C to 85C -40C to 125C
MECHANICAL DIMENSIONS
0.4800.30 (12.200.012)
0.480 0.30 (12.20 0.012)
2 1
3 4
Recommended Footprint Details 0.039(1.00)
PIN CONNECTIONS (TOP VIEW)
0.244(6.20) MAX
0.197(5.00) 0.197 (5.00) 0.591(15.0)
1 2
4 3
All dimensions in inches (mm)
PACKAGE DETAILS
Order Code TYP Weight (g) Packaging Style
TAPE & REEL SPECIFICATIONS
Tape & Reel
Tape and reel specifications shall conform with standards IEC 60286-3 & EIA-481-C Peel force and speed of cover tape; 0.1-1.3N @30010mm/MIN, the angle between the cover tape during peel-off and the direction of unreeling shall be 165-180. The break force of the cover tape shall be 10N MIN. The carrier tape leader section shall include a minimum 100mm length of empty carrier tape sealed by the cover tape (see FIG.1). The maximum number of missing components shall be one or 0.1%, whichever is greater. In no case shall there be two or more consecutive components missing. The trailer section shall consist entirely of empty carrier tape sealed by the cover tape. The carrier tape shall be released from the reel hub as the last portion of the carrier tape unwinds from the reel. Sprocket hole pitch tolerance over any 10 pitches 0.2mm. Carrier tape camber shall not exceed 1mm/250mm in either direction.
48XXX
3.1
3 & 1 = Primary Winding 4 & 2 = Secondary Winding
REEL DIMENSIONS (SEE FIG.1)
Order Reel Code Quantity Reel Outline Dimensions N W1 W2 W3 2.362 0.961 1.197 0.914-1.079 (23.9-27 .4) (60.0) (24.4) (30.4)
1 When connecting windings in series, inductance will be 4 times the nominal figure shown. 2 Specifications typical at TA=25C 3 If current is flowing in both windings the maximum DC current occurs when either the inductance falls to 85% of its nominal value or when its temperature rise reaches 40C, whichever is sooner.
48XXX
600
All dimensions in inches(mm). Controlling dimension in mm.
TAPE DIMENSIONS (SEE FIG.2)
Order Code 48XXX Tape Outline Dimensions A0 B0 E2 F K0 P1 W 0.496 0.496 0.876 0.453 0.252 0.630 0.945 (12.6) (12.6) (22.3) (11.5) (6.4) (16.0) (24.0)
www.cdpoweronline.com
All dimensions in inches(mm). Controlling dimension in mm.
4800 SERIES
Dual Winding Surface Mount Inductors
FIG.1 REEL - OUTLINE DIMENSIONS
FIG.2 TAPE - OUTLINE DIMENSIONS
1 When connecting windings in series, inductance will be 4 times the nominal figure shown. 2 Specifications typical at TA=25C 3 If current is flowing in both windings the maximum DC current occurs when either the inductance falls to 85% of its nominal value or when its temperature rise reaches 40C, whichever is sooner.
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: info@cdtechno-ncl.com C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2004 NMP 4800.1
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from: www.cdpoweronline.com
www.cdpoweronline.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 48680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X