Part Number Hot Search : 
SMB3EZ19 GBU6K 20B5T 6047741 303B82 SMB3EZ11 20N60S5 2N390
Product Description
Full Text Search
 

To Download 2SK3634 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3634
SWITCHING N-CHANNEL POWER MOS FET
DESCRIPTION
The 2SK3634 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics, and designed for high voltage applications such as DC/DC converter.
ORDERING INFORMATION
PART NUMBER 2SK3634 2SK3634-Z PACKAGE TO-251 (MP-3) TO-252 (MP-3Z)
FEATURES
* High voltage: VDSS = 200 V * Gate voltage rating: 30 V RDS(on) = 0.60 MAX. (VGS = 10 V, ID = 3.0 A) * Low Ciss: Ciss = 270 pF TYP. (VDS = 10 V, VGS = 0 V) * Built-in gate protection diode * TO-251/TO-252 package * Avalanche capability rated (TO-251)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (Pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
200 30 6.0 18 20 1.0 150 -55 to +150 6.0 3.6 6.0 2.0
V V A A W W C C A mJ A mJ (TO-252)
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy
Note2 Note2 Note3 Note3
IAS EAS IAR EAR
Repetitive Avalanche Current
Repetitive Pulse Avalanche Energy
Notes 1. PW 10 s, Duty Cycle 1% 2. Starting Tch = 25C, VDD = 100 V, RG = 25 , VGS = 20 0 V, L = 100 H 3. Tch 125C , RG = 25 , VDD = 100 V
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D15936EJ2V0DS00 (2nd edition) Date Published August 2004 NS CP(K) Printed in Japan
The mark
shows major revised points.
2001
2SK3634
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD = 160 V VGS = 10 V ID = 6.0 A IF = 16 A, VGS = 0 V IF = 6 A, VGS = 0 V di/dt = 100 A/s TEST CONDITIONS VDS = 200 V, VGS = 0 V VGS = 30 V, VDS = 0 V VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 3.0 A VGS = 10 V, ID = 3.0 A VDS = 10 V VGS = 0 V f = 1 MHz VDD = 100 V, ID = 3.0 A VGS = 10 V RG = 0 2.5 2 3.5 4 0.47 270 75 33 4 8 14 6 9 1.5 4.5 1.0 100 320 0.60 MIN. TYP. MAX. 10 10 4.5 UNIT
A A
V S pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V BVDSS VDS VGS 0 50 L VDD
TEST CIRCUIT 2 SWITCHING TIME
D.U.T. RL PG. RG VDD ID
90% 90%
VGS VGS
Wave Form
0
10%
VGS
90%
IAS ID VDD
ID ID
Wave Form
0 10%
10%
Starting Tch = 1 s Duty Cycle 1%
td(on) ton
tr
td(off) toff
tf
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA 50 RL VDD
PG.
2
Data Sheet D15936EJ2V0DS
2SK3634
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS
25
TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
SAFE OPERATING AREA
100
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
20
80
15
60
40
10
20
5
0 0 25 50 75 100 125 150 175
0 0 25 50 75 100 125 150 175
TC - Case Temperature - C FORWARD BIAS SAFE OPERATING AREA
100 ID(DC) = 6 A 10 P W = 100 s 1 ms 10 m s
TC - Case Temperature - C
ID - Drain Current - A
RDS(on) Lim ited (V G S = 10 V )
1
0.1 P ower D issipation Lim ited 0.01 0.1 1 10 100 1000
VDS - Drain to Source Voltage - V TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1000
rth(t) - Transient Thermal Resistance - C/W
Rth( j-A) = 125C/W
100
10
Rth( j-C) = 6.25C/W
1
0.1
100
1m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
Data Sheet D15936EJ2V0DS
3
2SK3634
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
30 Pulsed VGS = 10 V 25
FORWARD TRANSFER CHARACTERISTICS
100 P ulse d V D S = 10 V 10
ID - Drain Current - A
20
ID - Drain Current - A
1
T ch = 1 25 C 75 C 25 C -25 C
15
0 .1
10
0 .0 1
5
0.0 0 1
0 0 5 10 15 20 25 30
0 .00 0 1 0 5 10 15
VDS - Drain to Source Voltage - V GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE
5
100
VGS - Gate to Source Voltage - V FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT | yfs | - Forward Transfer Admittance - S
Pulsed VDS = 10 V
VGS(off) - Gate Cut-off Voltage - V
4.5
VSD = 10 V ID = 1 mA
10
4
TA = -25C 25C 75C 125C
3.5
1
3
0.1
2.5
2 -50 -25 0 25 50 75 100 125 150
0.01 0.01
0.1
1
10
100
Tch - Channel Temperature - C DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance -
Pulsed VGS = 10 V 1.5
ID - Drain Current - A DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE RDS(on) - Drain to Source On-state Resistance -
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 8 10 12 14 16 18 20 ID = 6.0 A 3.0 A 1.5 A Pulsed
2
1
0.5
0 0.01
0.1
1
10
100
ID - Drain Current - A
VGS - Gate to Source Voltage - V
4
Data Sheet D15936EJ2V0DS
2SK3634
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE RDS(on) - Drain to Source On-state Resistance -
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -50 -25 0 25 50 75 100 125 150
ID = 6 A 3A Pulsed VGS = 10 V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
1000 Ciss VGS = 0 V f = 1 MHz
Ciss, Coss, Crss - Capacitance - pF
100
Coss
10
Crss
1 0.1 1 10 100 1000
Tch - Channel Temperature - C SWITCHING CHARACTERISTICS
100
VDS - Drain to Source Voltage - V DYNAMIC INPUT/OUTPUT CHARACTERISTICS
240 12 ID = 6.0 A 220
VDS - Drain to Source Voltage - V
td(on), tr, td(off), tf - Switching Time - ns
180 160 140 120 100 80 60 40 20 0
td(off)
10
VDD = 160 V 100 V 40 V VGS
8
tr tf td(on)
6
4
VDS
2
1 0.1 1 10 100
0 0 1 2 3 4 5 6 7 8 9 10
ID - Drain Current - A SOURCE TO DRAIN DIODE FORWARD VOLTAGE
100 Pulsed VGS = 0 V 10
1000
QG - Gate Charge - nC REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT
VGS = 0 V di/dt = 100 A /s
trr - Reverse Recovery Time - ns
IF - Diode Forward Current - A
100
1
10
0.1
0.01 0 0.5 1 1.5
1 0.1 1 10 100
VF(S-D) - Source to Drain Voltage - V
IF - Diode Forward Current - A
Data Sheet D15936EJ2V0DS
5
VGS - Gate to Drain Voltage - V
VDD = 100 V VGS = 10 V RG = 0
200
10
2SK3634
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD
100
VDD = 100 V RG = 25 VGS = 20 0 V Starting Tch = 25C
SINGLE AVALANCHE ENERGY DERATING FACTOR
100
VDD = 100 V RG = 25 VGS = 20 0 V IAS 6.0 A
IAS - Single Avalanche Current - A
10
IAS = 6.0 A
Energy Derating Factor - %
80
60
EAS = 3.6 mJ
1
40
20
0.1 0.01
0.1
1
10
0 25 50 75 100 125 150
L - Inductive Load - mH
Starting Tch - Starting Channel Temperature - C
6
Data Sheet D15936EJ2V0DS
2SK3634
PACKAGE DRAWINGS (Unit: mm)
1) TO-251 (MP-3)
2) TO-252 (MP-3Z)
1.5 -0.1
+0.2
5.0 0.2
1.6 0.2
0.5 0.1
0.8 4.3 MAX.
4
5.5 0.2 13.7 MIN.
6.5 0.2 5.0 0.2 4
1.5 -0.1
+0.2
6.5 0.2
2.3 0.2
2.3 0.2 0.5 0.1
1
2
3
7.0 MIN.
1
2
3
1.1 0.2
+0.2
0.5 -0.1
2.3 2.3
0.75
0.5 -0.1
1. Gate 2. Drain 3. Source 4. Fin (Drain)
+0.2
0.9 0.8 2.3 2.3 MAX. MAX. 0.8 1. Gate 2. Drain 3. Source 4. Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Gate Protection Diode
Source
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
0.7
1.1 0.2
2.0 MIN.
5.5 0.2 10.0 MAX.
1.0 MIN. 1.8TYP.
Data Sheet D15936EJ2V0DS
7
2SK3634
* The information in this document is current as of August, 2004. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of 2SK3634

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X