|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Specification www.jmnic.com Silicon NPN Power Transistors 2SC2305 DESCRIPTION With TO-3PN package High breakdown voltage Fast switching speed Wide safe operating area APPLICATIONS For switching regulator applications PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION Absolute maximum ratings (Ta=25ae ) SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base current (DC) Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 400 400 8 7 14 3 80 150 -55~150 ae ae UNIT V V V A A A W JMnic Product Specification www.jmnic.com Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=10mA ;RBE= IC=1m A; IE=0 IE=1m A; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=400V; IE=0 VEB=5V; IC=0 IC=0.8A ; VCE=5V IC=4A ; VCE=5V 15 8 MIN 400 400 7 SYMBOL VCEO VCBO VEBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 2SC2305 TYP. MAX UNIT V V V 1.0 1.5 10 10 50 |I |I V V A A JMnic Product Specification www.jmnic.com Silicon NPN Power Transistors PACKAGE OUTLINE 2SC2305 Fig.2 outline dimensions (unindicated tolerance:A 0.10 mm) JMnic |
Price & Availability of 2SC2305 |