Part Number Hot Search : 
M7812 88M000 SRC1204 P1500 P1500 3NL327 WSB5501W HMC590
Product Description
Full Text Search
 

To Download 2N5660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/454 Devices 2N5660 2N5661 2N5662 2N5663 Qualified Level JAN, JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Base Current Collector Current
Symbol
VCEO VCBO VCER VEBO IB IC
@ TA = +250C @ TC = +1000C Operating & Storage Junction Temperature Range Total Power Dissipation
PT TJ, Tstg 2N5660 2N5661 5.0 87.5
2N5660 2N5661 2N5662 2N5663 200 300 250 400 250 400 6.0 0.5 2.0 2N5660 2N5662 2N5661 2N5663 2.0(1) 1.0(2) (3) 20 15(4) -65 to +200 2N5662 2N5663 6.67 145.8
Unit
Vdc Vdc Vdc Vdc Adc Adc
TO-66* (TO-213AA) 2N5660, 2N5661
W W 0 C
THERMAL CHARACTERISTICS Characteristics
Thermal Resistance, Junction-to-Case Junction-to-Ambient 1) 2) 3)
Symbol
RJC
Unit
0
C/W
4)
RJA Derate linearly 11.4 mW/0C for TA >+ 250C Derate linearly 5.7 mW/0C for TA > +250C Derate linearly 200 mW/0C for TC > +1000C Derate linearly 150 mW/0C for TC > +1000C
TO-5* 2N5662, 2N5663
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Breakdown Voltage IC = 10 mAdc, RBE = 100 Emitter-Base Breakdown Voltage IE = 10 Adc 2N5660, 2N5662 2N5661, 2N5663 2N5660, 2N5662 2N5661, 2N5663 V(BR)CEO 200 300 250 400 6.0 Vdc
V(BR)CER V(BR)EBO
Vdc Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N5660, 2N5661, 2N5662, 2N5663 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Collector-Emitter Cutoff Current VCE = 200 Vdc VCE = 300 Vdc Collector-Base Cutoff Current VCB = 200 Vdc VCB = 250 Vdc VCB = 300 Vdc VCB = 400 Vdc Symbol 2N5660, 2N5662 2N5661, 2N5663 2N5660, 2N5662 2N5660, 2N5662 2N5661, 2N5663 2N5661, 2N5663 ICES Min. Max. 0.2 0.2 0.1 1.0 0.1 1.0 Unit Adc Adc Adc mAdc Adc mAdc
ICBO
ON CHARACTERISTICS (5)
Forward-Current Transfer Ratio IC = 50 mAdc, VCE = 2.0 Vdc IC = 0.5 Adc, VCE = 5.0 Vdc IC = 1.0 Adc, VCE = 5.0 Vdc IC = 2.0 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc IC = 2.0 Adc, IB = 0.4 Adc Base-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc IC = 2.0 Adc, IB = 0.4 Adc 2N5660, 2N5662 2N5661, 2N5663 2N5660, 2N5662 2N5661, 2N5663 All Types All Types 40 25 40 25 15 5.0
hFE
120 75
VCE(sat)
0.4 0.8 1.2 1.5
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 0.1 Adc, VCE = 5.0 Vdc, f = 10 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 2.0 7.0 45 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 100 Vdc; IC = 0.5 Adc; IB1 = 15 Adc 2N5660, 2N5662 VCC = 100 Vdc; IC = 0.5 Adc; IB1 = 25 Adc 2N5661, 2N5663 Turn-Off Time VCC = 100 Vdc; IC = 0.5 Adc; IB1 = -IB2 = 15 Adc 2N5660, 2N5662 VCC = 100 Vdc; IC = 0.5 Adc; IB1 = -IB2 = 25 Adc 2N5661, 2N5663
t
on
0.25 0.25 0.85 1.2
s
t
off
s
SAFE OPERATING AREA
DC Tests TC = +1000C, 1 Cycle, t 1.0 s Test 1 VCE = 10 Vdc, IC = 2.0 Adc 2N5660, 2N5661 VCE = 7.5 Vdc, IC = 2.0 Adc 2N5662, 2N5663 Test 2 VCE = 40 Vdc, IC = 500 mAdc 2N5660, 2N5661 VCE = 25 Vdc, IC = 600 mAdc 2N5662, 2N5663 Test 3 VCE = 200 Vdc, IC = 36 mAdc 2N5660 VCE = 200 Vdc, IC = 27 mAdc 2N5662 Test 4 VCE = 300 Vdc, IC = 19 mAdc 2N5661 VCE = 300 Vdc, IC = 14 mAdc 2N5663 (5) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2N5660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X