Part Number Hot Search : 
E6600 10A01 5962F9 MACPE C114Y C1206 ACT4088 LF723RW
Product Description
Full Text Search
 

To Download 1830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
I
I
Meets the T1 pulse mask as per ANSI T1.403 and the E1 mask per ITU G.703 The protectors utilize PTC resistor technology for automatic resetting overcurrent protection and gas discharge tube technology for overvoltage protection
I I I
Both protectors can be on-site configured for either powered or unpowered spans Simplicity of DIN-3 rail mounting; the rail also serves as protector ground Vibration proof screw-type clamping connector interface
1830 T1/E1 Surge Protector
The Model 1830 Surge Protectors are designed for use on T1 and E1 lines entering Customer Premises and Wireless Transmission Facilities. The 1830 provides Secondary Protection as per UL497A. The principal use is for protection of telephone equipment against direct and induced lightning surges, power-line disturbances and ground potential rises. One Protector is used for the transmit pair and a second Protector is for the receive pair.
Characteristics
Powered Span Maximum System Voltage Tip-Ring .................................................................................................. 12 Vp-p ...................................... Tip/Ring-Gnd .......................................................................................... 170 Vpk ..................................... DC Breakdown Rating @ <2000V/s (Tip-Ring-Gnd) ................................... 6.5 Vdc ...................................... Impulse Voltage Rating @ 100V/ms (Tip/Ring-Gnd) ................................... 475 Vpk ..................................... Peak Clamping Voltage (Tip-Ring) 14 A1 10/1000s ..................................................................................... 20 Vpk ....................................... 1 kA 8/20s ............................................................................................ 30 Vpk ....................................... 5 kA 8/20s ............................................................................................ 45 Vpk ....................................... Maximum Current, per line @ 65C ................................................................................................... 100 mA ...................................... @ 85C ................................................................................................... 66 mA ........................................ Surge Life Tip/Ring-Gnd 14 A1 10/1000 s .................................................................................... 100 Operations .......................... 500 A1 2/10 s ........................................................................................ 1 Operation ................................ 100 A 10/1000 s ................................................................................... 300 Operations .......................... 10 kA 8/20 s ......................................................................................... 10 Operations ............................ 20 kA 8/20 s ......................................................................................... 1 Operation ................................ Pulse Mask ANSI T1.403(1.544 Mbits/s) ................................................................... Complies ................................... CCITT G.703 (2.048 Mbits/s) ................................................................. Complies ................................... Data Attenuation 1.544 Mbits/s ......................................................................................... 0.6 dB ........................................ 2.048 Mbits/s ......................................................................................... 1.4 dB ........................................ Capacitance @ 1.0 MHz, Tip-Ring .............................................................. <75 pF ....................................... Series Resistance, per line .......................................................................... 10 ........................................... Operating Temperature ............................................................................... -40C to +85C .......................... Response Time ........................................................................................... < 1 ns ......................................... Wire Size, Input and Output ........................................................................ AWG 14 - 22 ............................. Warranty ...................................................................................................... 1 Year .........................................
1
Unpowered Span 12 Vp-p 6 Vpk 15 Vdc 20 Vpk 20 Vpk 30 Vpk 45 Vpk 100 mA 66 mA 100 Operations 1 Operation 300 Operations 10 Operations 1 Operation Complies Complies 0.6 dB 1.4 dB <75 pF 10 -40C to +85C < 1 ns AWG 14 - 22 1 Year
applies to model 1830
Product Dimensions
DIMENSIONS:
45.72 (1.8) 18.80 (.74) 83.0 (3.3)
SPAN
RING RING
MM (INCHES)
TIP
TIP
POWERED
UNPOWERED
48.0 (1.9)
REV. F Specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 1830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X