Part Number Hot Search : 
90160 102M5 035CT PBYR240 19001 2SJ220L EFM32 020DI
Product Description
Full Text Search
 

To Download 12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ISSUE 2 - FEBRUARY 1997 DEVICE DESCRIPTION
The ZRA125 uses a bandgap circuit design to achieve a precision micropower voltage reference of 1.25 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements. The ZRA125 design provides a stable voltage without an external capacitor and is stable with capacitive loads. The ZRA125 is recommended for operation between 50A and 5mA and so is ideally suited to low power and battery powered applications. Excellent performance is maintained to a suggested absolute maximum of 25mA, however the rugged design and 20 volt processing allows the reference to withstand transient effects and currents up to 200mA. Superior switching capability allows the device to reach stable operating conditions in only a few microseconds.
ZRA125
* * * * * * * * * * * * *
Typical TC 30ppm/C Typical slope resistance 0.65 3%,2% and 1% tolerance Industrial temperature range Operating current 50A to 5mA Transient response, stable in less than 10s Optional extended current range Battery powered and portable equipment. Metering and measurement systems. Instrumentation. Data acquisition systems. Precision power supplies. Test equipment.
APPLICATIONS
FEATURES
* *
Small outline SOT23, SO8 and TO92 style packages No stabilising capacitor required
SCHEMATIC DIAGRAM
V
R
G nd
1 - 24
ZRA125
ABSOLUTE MAXIMUM RATING
Reverse Current Forward Current Operating Temperature Storage Temperature 25mA 25mA -40 to 85C -55 to 125C Power Dissipation (Tamb=25C) SOT23 330mW E-Line, 3 pin (TO92) 500mW E-Line, 2 pin (TO92) 500mW SO8 625mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated) Tamb=25C
SYMBOL PARAMETER CONDITIONS MIN VR Reverse Breakdown Voltage IR=150A 1.228 1.225 1.21 0.05 30 LIMITS TYP MAX 1.24 1.252 1.25 1.275 1.25 1.29 30 50 5 90 1 2 3 V TOL. % UNITS
IMIN IR TC
Minimum Operating Current Recommended Operating Current Average Reverse Breakdown Voltage Temp. Co. Slope Resistance Reverse Dynamic Impedance IR = 1mA f = 100Hz IAC= 0.1 IR Wideband Noise Voltage IR = 150A f = 100Hz to 10kHZ IR(min) to IR(max)
A mA ppm/C
RS ZR
0.65 2 0.5 1

EN
40
V(rms)
60
Reverse Current (A)
TC =
VR Change x 1000000 VR x Temperature Change
50
40
30
VR Change (IR (min) to IR (max)) RS = IR (max) - IR (min)
20
T)
=8
C 5
)=
2 5
C 0 -4 C
10
T
T
)=
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Reverse Voltage (V)
Reverse Characteristics
1 - 45
ZRA125
TYPICAL CHARACTERISTICS
1.4 1.27 IR=150A to 5mA
Reference voltage (V)
Forward Voltage (V)
1.2
1.26
1.0
1.25
0.8
1.24
0.6
1.23
1.22
0.4
0.2 0.1 1 10 100 1000
1.21 -40 -20 0 20 40 60 80
Forward Current (mA)
Temperature (C)
Forward Characteristics
Temperature Drift
1000
1.0
Slope resistance ()
100
Slope resistance ()
TA=-40C
I4=150A
10
I4=1mA
0.5
TA=25C
TA=85C
1
I4=5mA
0.1 0 0.1 1 10 0.01 0.1 1 10 100
Reference Current (mA)
Frequency (kHz)
Slope Resistance v Current
Slope Resistance v Frequency
1.5
1.5
VR - (V)
1.0
VR - (V)
INPUT 58K O UTPUT
1.0
INPUT 1 K8 O UTPUT
0.5
0.5
0
0
- (V)
VI
N
0
1
2
3
4
VI
0
- (V)
N
10
10
0
0
2
4
6
8
Time (s)
Time (s)
Transient Response (I4=150A)
Transient Response (I4=5mA)
1 - 26
ZRA125
CONNECTION DIAGRAMS
E-Line, 2 pin Package Suffix Y E-Line, 3 pin,Rev Package Suffix R
Bottom View
Bottom View Pin 3 floating or connected to pin 1
E-Line, 3 pin Package Suffix A
SO8 Package Suffix N8
Bottom View Pin 1 floating or connected to pin 3
Top View
SOT23 Package Suffix F
Top View Pin 1 floating or connected to pin 2
ZRA125
ORDERING INFORMATION
Part No ZRA125A03 ZRA125A02 ZRA125A01 ZRA125F03 ZRA125F02 ZRA125F01 ZRA125N803 ZRA125N802 ZRA125N801 Tol% Package 3 2 1 3 2 1 3 2 1 E-Line * E-Line * E-Line * SOT23 SOT23 SOT23 SO8 SO8 SO8 Partmark ZRA12503 ZRA12502 ZRA12501 12A 12B 12D ZRA12503 ZRA12502 ZRA12501 Part No ZRA125R03 ZRA125R02 ZRA125R01 ZRA125Y03 ZRA125Y02 ZRA125Y01 Tol% Package 3 2 1 3 2 1 E-Line * E-Line * E-Line * E-Line E-Line E-Line Partmark ZRA125R3 ZRA125R2 ZRA125R1 ZRA12503 ZRA12502 ZRA12501
* E-Line 3 pin Reversed E-Line 2 pin * E-Line 3 pin


▲Up To Search▲   

 
Price & Availability of 12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X