Part Number Hot Search : 
LZ802 LZ805 LZ801 GPDP2350 AT1312AX PAN301A 1A28A NCP1582
Product Description
Full Text Search
 

To Download XRT6164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XRT6164
Digital Line Interface Transceiver
September 2003
APPLICATIONS FEATURES
l l l
Data Adaption Unit (DAU) General Purpose TTL Compatible Line Interface
Single 5V Supply CCITT G.703 Compatible When Used With Either XR-T6165 or XR-T6166 Low Power TTL Compatible Digital Inputs and Outputs Links Remote Equipment at Distances up to 500 Meters Without Equalization Receive Data Comparator Threshold Storage Provides Ping-Pong Operation Capability Loss of Signal Alarm Dual Matched Driver Outputs
l
l l l
l
l l
GENERAL DESCRIPTION The XRT6164 is a bipolar analog chip intended for general purpose line interface applications at bit rates up to 1.544Mbps (T1). It contains both receive and transmit circuitry in a 16-pin dual-in-line plastic package. The receiver is designed for short line applications having a cable loss up to 10dB measured at the half bit rate. The transmitter has open collector line driver outputs that are capable of handling up to 40mA. When used in conjunction with either XRT6165 or XRT6166, the chip set provides a 64Kbps codirectional interface as specified in CCITT G.703.
ORDERING INFORMATION
Part No. XRT6164CP XRT6164CD Package 16-Lead 300 Mil PDIP 16-Lead 300 Mil JEDEC SOIC Operating Temperature Range 0C to +70C 0C to +70C
Rev. 3.0.0 EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 * (510) 668-7000 * FAX (510) 668-7017
XRT6164
Block DIagram
PEAK CAP
14
Positive Data Comparator
12
S+R
RX+I/P RX-I/P
16 1
Peak Detector
Threshold Generator
TTL Buffer
5
S-R
TCM CON
15
TCM Control
Negative Data Comparator
TTL Buffer RX ALARM
3
TTL Buffer
VCCA GNDA
13
Bias
4
2
I/P BIAS
Open Collector Driver TX+I/P
11 10
TX + O/P
TX-I/P
6
8
TX - O/P
Open Collector Driver VCCD GNDD
9
7
Figure 1. XRT6164 Block Diagram
Rev. 3.0.0
2
XRT6164
PIN CONFIGURATION
16 Lead PDIP (0.300")
16 Lead SOIC (Jedec, 0.300")
PIN DESCRIPTION
Pin# Symbol Type 1 RX-I/P I 2 I/P BIAS O 3 RX ALARM O 4 GNDA 5 S-R O 6 TX-I/P I 7 GNDD 8 TX-O/P O 9 V CCD 10 TX+O/P O 11 TX+I/P I 12 S+R O 13 V CCA 14 PEAKCAP 15 TCM CON I 16 RX+I/P I Description Receiver Negative Bipolar Input. Line analog input. Receive Input Bias. Connects to center tap of input transformer secondary winding. Loss of Signal Alarm. Active low. Analog Ground. Receive Negative Data Output. Output from negative bipolar input pulses (active low). Transmit Negative Input Data. Input for negative output driver (active high). Digital Ground. Transmit Negative Output Driver. Open collector, drives output transformer primary. +5V +/-5% Digital Supply. Transmit Positive Output Driver. Open collector, drives output transformer primary. Transmit Positive Input Data. Input for positive output driver (active high). Receive Positive Data Output. Output from positive bipolar input pulses (active low). +5V +/-5% Analog Supply. Peak Detector Capacitor. Stores peak detector voltage. Time Compression Multiplex Control. When active, disconnects peak detector charge and discharge paths (active low). Receiver Positive Bipolar Input. Line analog input.
Rev. 3.0.0
3
XRT6164
ELECTRICAL CHARACTERISTICS Test Conditions: V CC = 5V +/- 5%, T A = 25C, Unless Otherwise Specified
Parameters DC Electrical Characteristics Supply Voltage Analog Supply Current Digital Supply Current Receiver Input Signal Dynamic Range Input Impedance Input Slicing Threshold Input Bias Voltage Loss of Signal Alarm Threshold Loss of Signal Alarm Level Hysteresis Peak Detector Leakage Data Output Low Data Output High Alarm Output Low Alarm Output High TCM Input Low Voltage Transmitter Input Low Voltage Input High Voltage Output Low Voltage Output Low Current Output Leakage Current AC Electrical Characteristics Receiver Input Level Output Rise Time Output Fall Time Min. 4.75 4 13 Typ. 5 Max. Units 5.25 8 20 2.2 10 V mA mA Vp dB k % V mVp dB A V V V V V Measured from Pins 1 or 16 with Respect to Pin 2 Maximum Cable Loss Range Measured Between Pins 1 and 16 Percent of Peak Input Signal Amplitude Measured at Pin 2 Measured from Pins 1 or 16 with Respect to Pin 2 Difference Between Alarm-on and Alarm-off Levels Measured at Pins 5 or 12, I OUT = +1.6mA Measured at Pins 5 or 12, I OUT = -40A Measured at Pin 3; I OUT = +1.6mA Measured at Pin 3; I OUT = -40A Measured at Pin 15; I IN Min = -500A, I IN Max = +5A Measured at Pins 6, 11; I IN = -700A Measured at Pins 6, 11; I IN = +5A Measured at Pins 8, 10; I OUT = -40mA Measured at Pins 8, 10; V OUT = 1V Measured at Pins 8, 10; V OUT = 10V Outputs in off state Conditions
1 20 50 1.45 150 +/-1.5 -80
0.4 3.6 0.4 V CC 0.5 0.8
0.8 2.2 1 40 -100
V V V mA A
1
2.2 50 50
Vp ns ns
Pin 1, 16 with Respect to Pin 2 1 Pins 5, 12; C L = 15pF, 10% to 90% Pins 5, 12; C L =15pF, 90% to 10%
Notes: 1. Higher input voltages are possible if a resistive input attenuator is used. Bold face parameters are covered by production test and guaranteed over operating temperature range.
Rev. 3.0.0
4
XRT6164
ELECTRICAL CHARACTERISTIC (CONT'D)
Parameters Min. Typ. Max. Units Conditions AC Electrical Characteristics (Cont'd) Transmitter Output Rise Time 50 ns Pins 8, 10; R L = 130, C L = 15pF, 10% to 90% Output Fall Time 50 ns Pins 8, 10; R L = 130, C L = 15pF, 90% to 10% Rising Edge Delay 100 ns Pins 8, 10; R L = 130, C L = 15pF, 50% to 50% (I/P to O/P) Falling Edge Delay 100 ns Pins 8, 10; R L = 130, C L = 15pF, 50% to 50% (I/P to O/P)
Notes: Bold face parameters are covered by production test and guaranteed over operating temperature range. Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS Supply Voltage 20V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature -65C to +150C . . . . . . . ..... Magnetic Supplier Information: Transpower Technologies, Inc. Pulse 24 Highway 28, Suite 202 Telecom Product Group Crystal Bay, NV 89402-0187 P.O. Box 12235 Tel. (702) 831-0140 San Diego, CA 92112 Fax. (702) 831-3521 Tel. (619) 674-8100 Fax. (619) 674-8262
Rev. 3.0.0
5
XRT6164
SYSTEM DESCRIPTION The XRT6164 is a general purpose line interface chip that contains the receive and transmit circuitry necessary to convert TTL logic levels to a bipolar signal both to and from a twisted pair cable. Receiver The XRT6164 receiver section converts a balanced bipolar signal that has been attenuated and distorted by up to 10dB of twisted pair cable to active-low TTL compatible logic levels. The cable is transformer coupled to the receiver differential inputs (RX+IP, RX-IP) which are biased through the input transformer secondary winding by a voltage generated on-chip (I/P BIAS). The bipolar receive signal is applied to a peak detector, and to a pair of data comparators. The peak detector output voltage charges an external capacitor connected to PEAK CAP. This voltage generates a data comparator bias level that is approximately 50% of the peak input pulse amplitude. Thus, data slicing is automatically accomplished at the optimum level over the full cable loss range. TTL compatible output stages buffer the receiver digital outputs (S+R, S-R) and provide active low signals corresponding to received positive and negative input pulses. Loss of input signal is detected by a comparator that monitors input signal level. An active-low TTL compatible logic level (RX ALARM) indicates signal loss. Comparator hysteresis prevents chatter on this output. Ping-pong operation is made possible by the time compression multiplex control input (TCM CON). A logic 0 applied to this pin during transmission stores the peak detector output voltage by disconnecting the peak detector storage capacitor charge and discharge paths. Since the receive data comparator bias voltage is stored during transmit mode, it is immediately available when receive mode resumes. Transmitter The XRT6164 transmitter section contains two matched open collector output drivers that are capable of driving the line transformer directly with a current up to 40mA. The transmitter output drivers include diode clamps to ensure non-saturating operation. Transmitter digital inputs, which are active-high, are TTL compatible. External resistors are used between the transmitter outputs and the output transformer primary to set the output pulse amplitude. APPLICATION INFORMATION Figure 2 shows a general line driver application circuit using the XRT6164. This device converts bipolar transmit and receive signals in the 64Kbps to 1.544Mbps range to active-low TTL compatible logic levels. Bipolar signals that have been attenuated and distorted by twisted pair cable are transformer-coupled to the line side of the XRT6164 as shown on the left side of Figure 2. Suggested transformers for both the input and output applications are the Pulse types PE-65535 or TTI-7147 for 64Kbps use and the PE-65835 for 1.544Mbps applications. The right side of Figure 2 shows the TTL compatible digital inputs and outputs. Please refer to the pin description section of this data sheet for detailed information about each signal.
Rev. 3.0.0
6
XRT6164
XRT6164
Figure 2. XRT6164 Line Driver Application
Rev. 3.0.0
7
XRT6164
16 LEAD PLASTIC DUAL-IN-LINE (300 MIL PDIP)
Rev. 1.00
INCHES SYMBOL MIN MAX
MILLIMETERS MIN MAX
A A1 A2 B B1 C D E E1 e eA eB L
0.145 0.210 0.015 0.070 0.115 0.195 0.014 0.024 0.030 0.070 0.008 0.014 0.745 0.840 0.300 0.325 0.240 0.280 0.100 BSC 0.300 BSC 0.310 0.430 0.115 0.160 0 15
3.68 5.33 0.38 1.78 2.92 4.95 0.36 0.56 0.76 1.78 0.20 0.38 18.92 21.34 7.62 8.26 6.10 7.11 2.54 BSC 7.62 BSC 7.87 10.92 2.92 4.06 0 15
Note: The control dimension is the inch column
Rev. 3.0.0
8
XRT6164
16 LEAD SMALL OUTLINE (300 MIL JEDEC SOIC)
Rev. 1.00
INCHES SYMBOL MIN MAX
MILLIMETERS MIN MAX
A A1 B C D E e H L
0.093 0.104 0.004 0.012 0.013 0.020 0.009 0.013 0.398 0.413 0.291 0.299 0.050 BSC 0.394 0.419 0.016 0.050
2.35 2.65 0.10 0.30 0.33 0.51 0.23 0.32 10.10 10.50 7.40 7.60 1.27 BSC 10.00 10.65 0.40 1.27
0
8
0
8
Note: The control dimension is the millimeter column
Rev. 3.0.0
9
XRT6164
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circum-stances. Copyright 2003 EXAR Corporation Datasheet September 2003 Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited. Rev. 3.0.0
10


▲Up To Search▲   

 
Price & Availability of XRT6164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X