Part Number Hot Search : 
TE4935 BZV85130 TE4935 74LVC245 13005D 1N5235BT 24496 1N472
Product Description
Full Text Search
 

To Download XRAH-01H1A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
XRAH-01H1A0
* * * Non-Isolated output Trim function Low profile package (7.82 mm)
RoHS Compliant
* * * Remote On/Off OCP/SCP Under-voltage lockout (UVLO)
Description
The Bel XRAH-01H1A0 is part of the low cost non-isolated dc/dc converter series. The modules use a SMD or vertical mount package for ease of layout and space savings. The output is widely trimmed from 1.2 V to 3.3 V. Typical features include remote on/off, input under voltage lockout, over current protection and short circuit protection.
Part Selection
Output Voltage 1.2 V - 3.3 V Input Voltage 4.5 V - 32 V Max. Output Current 1A Max. Output Power 3.3 W Typical Efficiency 86% Part Number Surface Mount SRAH-01H1A0 Part Number Vertical Mount VRAH-01H1A0
Note: Add "0" suffix at the end of the model number to indicate "Tube Packaging", and "R" for "Reel Packaging", and "G" for "Tray Packaging".
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Output Enable Terminal Voltage Ambient Temperature Storage Temperature Min -0.3 V -0.3 V -40 C -40 C Typ Max 34 V 12 V 85 C 125 C Notes
Input Specifications
Parameter Input Voltage Input Current (no load) Input Current (full load) VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Remote Off Input Current Input Reflected Ripple Current (pk-pk) Input Reflected Ripple Current (RMS) 2 I t Inrush Current Transient Turn on Voltage Threshold Turn off Voltage Threshold Min 4.5 V Typ 20 V 5 mA 2 mA 300 mA 100 mA 0.02 A s 4.1 V 3.3 V
2
Max 32 V 8 mA 0.20 A 0.16 A 0.12 A 0.11 A 0.09 A 5 mA 420 mA 160 mA 0.1 A s 4.5 V 4.0 V
2
Notes
Tested with simulated source impedance of 500 nH, 5 Hz to 20 MHz and one 100 F/50 V electrolytic capacitor and a 3.3 uF/50 V ceramic capacitor at the input
Note: All specifications are typical at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
Output Specifications
Parameter Output Voltage Set Point VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Line Regulation VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Load Regulation VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Regulation Over Temperature (-40 C to +85 C) Output Current Current Limit Threshold Short Circuit Surge Transient Ripple and Noise (rms) Ripple and Noise (pk-pk) Turn on Time Overshoot at Turn on Output Capacitance Transient Response Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time Overshoot 50% ~ 100% Max Load Settling Time Overshoot 100% ~ 50% Max Load Settling Time 0A 2A 0 uF Min 3.234 V 2.450 V 1.764 V 1.470 V 1.176 V Typ 3.3 V 2.5 V 1.8 V 1.5 V 1.2 V 3 mV 2 mV 2 mV 1 mV 1 mV 3 mV 2 mV 2 mV 1 mV 1 mV 10 mV 0.02 A s 6 mV 60 mV 6 mS 2% 80 mV 150 uS 80 mV 150 uS 70 mV 120 uS 70 mV 120 uS 60 mV 100 uS 60 mV 100 uS 60 mV 100 uS 60 mV 100 uS 60 mV 100 uS 60 mV 100 uS
2
Max 3.366 V 2.550 V 1.836 V 1.530 V 1.224 V 6 mV 5 mV 4 mV 3 mV 2 mV 6 mV 5 mV 4 mV 3 mV 2 mV 20 mV 1A 3A 0.1 A s 10 mV 100 mV 30 mS 5% 400uF 120 mV 200 uS 120 mV 200 uS 110 mV 160 uS 110 mV 160 uS 100 mV 130 uS 100 mV 130 uS 100 mV 130 uS 100 mV 130 uS 100 mV 130 uS 100 mV 130 uS
2
Notes Test conditions: Vin=20 V, Io=50% full load
Test condition: 0-20 MHz BW
VO=3.3 V
VO=2.5 V
VO=1.8 V
Test conditions: di/dt = 0.5 A/uS; Vin = 20 V
VO=1.5 V
VO=1.2 V
Note: All specifications are typical at 20 V input, full load at 25 C unless otherwise stated.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
General Specifications
Parameter Efficiency VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Switching Frequency VO=3.3 V VO=2.5 V VO=1.8 V VO=1.5 V VO=1.2 V Output Trim Range MTBF Dimensions (surface mount) Inches (L x W x H) Millimeters (L x W x H) Dimensions (vertical) Inches (L x W x H) Millimeters (L x W x H) Weight 270 kHz 190 kHz 150 kHz 130 kHz 100 kHz 1.2 V 290 kHz 220 kHz 170 kHz 150 kHz 120 kHz 8,040,762 hours 0.78 x 0.70 x 0.32 19.81 x 17.78 x 8.13 0.70 x 0.308 x 0.65 17.78 x 7.82 x 16.51 5.1 g 310 kHz 250 kHz 190 kHz 170 kHz 140 kHz 3.3 V Vo=1.2 V when trim pin open. Calculated Per Bell Core SR-332 (IO =0.8 A, Vin=20 V; Ta = 25 C) 83% 80% 76% 73% 70% 86% 83% 79% 76% 73% Measured at Vin=20 V, full load. Min Typ Max Notes
Note: All specifications are typical at 20V input, full load at 25 C unless otherwise stated.
Control Specifications
Parameter Remote On/Off Signal Low (Unit On) Signal High (Unit Off) Min -0.3 V 2.8 V Typ Max 1V 12 V Notes
Remote on/off pin open, unit on.
Output Trim Equations
Equations for calculating the trim resistor (in k) given the desired adjusted voltage (Vadj) and the nominal output voltage of the converter (Vo) are shown below. The Trim Down resistor should be connected between the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the resistors should be used for any given application.
Vout
RTrimDown =
8. 7 - 21.5 Vo - Vadj
Rtrimdown Module Trim GND
RTrimUp =
17.2 Vadj - Vo
Vout Module Trim Rtrimup GND
Note: Output voltage Vo=1.205 V
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
Efficiency Data
Efficiency Curve 95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 65.0% 60.0% 55.0% 50.0% 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Current (A)
95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 65.0% 60.0% 55.0% 50.0%
Efficiency Curve
Efficiency
4.5 V 20 V 32 V
Efficiency
4.5 V 20 V 32 V
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Current (A)
Vo = 3.3 V
Vo = 2.5 V
Efficiency Curve 95.0% 90.0% 85.0% Efficiency 80.0% 75.0% 70.0% 65.0% 60.0% 55.0% 50.0% 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Current (A) 4.5 V 20 V 32 V
Efficiency Curve 95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 65.0% 60.0% 55.0% 50.0% 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Current (A)
Efficiency
4.5 V 20 V 32 V
Vo = 1.8 V
Efficiency Curve 95.0% 90.0% 85.0% 80.0% 75.0% 70.0% 65.0% 60.0% 55.0% 50.0% 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Output Current (A)
Vo = 1.5 V
Efficiency
4.5 V 20 V 32 V
Vo = 1.2 V
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
Thermal Derating Curve
Test Condition: Derating curve is tested at nominal input voltage.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
Mechanical Outline SRAH-01H1A0
Pin Connections
Pin 1 Function Remote On/Off (option) Vin Ground Vout Trim (option) N/A N/A
bel
2 3 4 5 6 7
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
Mechanical Outline (continued) VRAH-01H1A0
bel
bel
Pin Connections
Pin 1 2 3 4 5 Function Remote On/Off (option) Vin Ground Vout Trim (option)
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other hazardous substances from electronic products. These parts are not however compatible with the higher temperatures associated with lead free solder processes and must be soldered using a reflow profile with a peak temperature of no more than 240 C.
(c)2005 Bel Fuse Inc. Specifications subject to change without notice. 112305
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of XRAH-01H1A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X