Part Number Hot Search : 
1N4002 MAX20271 LC03C 11F04 1V102 T1501 CNY17 ATR06
Product Description
Full Text Search
 

To Download XP4113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP4113
Silicon PNP epitaxial planer transistor
Unit: mm
0.425 1.250.1 0.425
0.20.05
For switching/digital circuits
2.10.1
0.65
q
q
Two elements incorporated into one package. (Transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
2.00.1
s Features
0.65
1 2 3
6 5 4
0.2
0.90.1
s Basic Part Number of Element
q
0 to 0.1
UN1113 x 2 elements
0.70.1
0.20.1
s Absolute Maximum Ratings
Parameter Collector to base voltage Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings -50 -50 -100 150 150 -55 to +150 Unit V V mA mW C C
1 : Emitter (Tr1) 4 : Emitter (Tr2) 2 : Base (Tr1) 5 : Base (Tr2) 3 : Collector (Tr2) 6 : Collector (Tr1) EIAJ : SC-88 S-Mini Type Package (6-pin)
Marking Symbol: 6S Internal Connection
1 2 3 Tr1 6 5 4
Tr2
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -3.5V, RL = 1k VCB = -10V, IE = 1mA, f = 200MHz -30% 0.8 80 47 1.0 +30% 1.2 -4.9 - 0.2 80 - 0.25 V V V MHz k min -50 -50 - 0.1 - 0.5 - 0.1 typ max Unit V V A A mA
0.12 -0.02
+0.05
1
Composite Transistors
PT -- Ta
250
XP4113
Total power dissipation PT (mW)
200
150
100
50
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
IC -- VCE
-160 IB=-1.0mA -140
VCE(sat) -- IC
-100
hFE -- IC
IC/IB=10
400 VCE= -10V
Ta=25C
Collector to emitter saturation voltage VCE(sat) (V)
Collector current IC (mA)
-120 -100 -80 -60 -40 -20 0 0 -2 -4 -6
-0.9mA -0.8mA -0.7mA -0.6mA -0.5mA
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3 Ta=75C
Forward current transfer ratio hFE
300
Ta=75C
25C 200 -25C
-0.4mA -0.3mA -0.2mA
25C
100
-0.1mA
-8
-10
-12
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C -10000 -3000 VO=-5V Ta=25C -100 -30
VIN -- IO
VO=-0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-0.6 -0.8 -1.0 -1.2 -1.4
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2


▲Up To Search▲   

 
Price & Availability of XP4113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X