Part Number Hot Search : 
M35V6 SD1080 CM312 BAXXCC0T 24VDC MMC4043 H45N03E 1232034
Product Description
Full Text Search
 

To Download XN121M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN121M
NPN epitaxial planer transistor
Unit: mm
For switching/digital circuits
2.8 -0.3 0.650.15
+0.2 +0.25
1.5 -0.05 5
0.650.15 1
0.95
2.9 -0.05
q
q
Two elements incorporated into one package. (Emitter-coupled transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
1.90.1
+0.2
4
0.95
3
2 0.3 -0.05 0.40.2 0.16 -0.06
+0.1
1.1 -0.1
q
UN221M x 2 elements
0.8
s Basic Part Number of Element
+0.2
s Absolute Maximum Ratings
Parameter Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Collector to base voltage Symbol VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings 50 50 100 300 150 -55 to +150 Unit V V mA mW C C
1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2)
0 to 0.1
0.1 to 0.3
4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini Type Pakage (5-pin)
Marking Symbol: EM Internal Connection
5 4 3 2 Tr1 1
Tr2
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Input resistance Resistance ratio Transition frequency
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (small/large) VCE(sat) VOH VOL R1 R1/R2 fT VCB = 10V, IE = -2mA, f = 200MHz Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 VCB = 50V, IE = 0 VCE = 50V, IB = 0 VEB = 6V, IC = 0 VCE = 10V, IC = 5mA VCE = 10V, IC = 5mA IC = 10mA, IB = 0.3mA VCC = 5V, VB = 0.5V, RL = 1k VCC = 5V, VB = 2.5V, RL = 1k -30% 2.2 0.047 150 MHz 4.9 0.2 +30% 80 0.5 0.99 0.06 0.25 V V V k min 50 50 0.1 0.5 0.2 typ max Unit V V A A mA
+0.1
1.450.1
s
Features
1
Composite Transistors
PT -- Ta
500
XN121M
Total power dissipation PT (mW)
400
300
200
100
0 0 40 80 120 160
Ambient temperature Ta (C)
IC -- VCE
240 10
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
Ta=25C IC/IB=10 500
hFE -- IC
VCE=10V
3 1 0.3 Ta=75C 0.1 0.03 0.01 0.003 0.001 25C
200
Collector current IC (mA)
IB=1.0mA 0.9mA 0.8mA 0.7mA
Forward current transfer ratio hFE
400
160 0.6mA 0.5mA 0.4mA 0.3mA 0.2mA
300 Ta=75C 25C 200 -25C
120
80
-25C
40
0.1mA
100
0 0 2 4 6 8 10 12
0 1 3 10 30 100 300 1000 1 3 10 30 100 300 1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
5
104
IO -- VIN
f=1MHz IE=0 Ta=25C
VO=5V Ta=25C
VIN -- IO
100 30 VO=0.2V Ta=25C
Collector output capacitance Cob (pF)
4
Output current IO (A)
Input voltage VIN (V)
103
10 3 1 0.3 0.1 0.03
3
102
2
101
1
0 0.1
0.3
1
3
10
30
100
1 0.4
0.6
0.8
1.0
1.2
1.4
0.01 0.1
0.3
1
3
10
30
100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2


▲Up To Search▲   

 
Price & Availability of XN121M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X