Part Number Hot Search : 
LF441CN NC7NZ 16220 03A137 SMA661AS BU1508AX N2546 04TR68
Product Description
Full Text Search
 

To Download XN1112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN1112
Silicon PNP epitaxial planer transistor
Unit: mm
For switching/digital circuits
2.8 -0.3 0.650.15
+0.2 +0.25
1.5 -0.05 5
0.650.15 1
0.95
2.9 -0.05
q
q
Two elements incorporated into one package. (Emitter-coupled transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half.
1.90.1
+0.2
4
0.95
3
2 0.3 -0.05 0.40.2 0.16 -0.06
+0.1
1.1 -0.1
q
UN1112 x 2 elements
0.8
s Basic Part Number of Element
+0.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg
(Ta=25C)
Ratings -50 -50 -100 300 150 -55 to +150 Unit V V mA mW C C
1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2)
0 to 0.1
0.1 to 0.3
4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini Type Pakage (5-pin)
Marking Symbol: 7K Internal Connection
5 4 3 2 Tr1 1
Tr2
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio
*1
(Ta=25C)
Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (small/large)*1 VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -2.5V, RL = 1k VCB = -10V, IE = 1mA, f = 200MHz -30% 0.8 80 22 1.0 +30% 1.2 -4.9 - 0.2 60 0.5 0.99 - 0.25 V V V MHz k min -50 -50 - 0.1 - 0.5 - 0.2 typ max Unit V V A A mA
Ratio between 2 elements
+0.1
1.450.1
s
Features
1
Composite Transistors
PT -- Ta
500
XN1112
Total power dissipation PT (mW)
400
300
200
100
0 0 40 80 120 160
Ambient temperature Ta (C)
IC -- VCE
-160 -140 Ta=25C IB=-1.0mA -0.9mA -0.8mA -0.7mA -0.6mA -0.5mA -80 -60 -40 -20 0 0 -2 -4 -6 -8 -10 -12 -0.4mA -0.3mA -0.2mA -0.1mA
VCE(sat) -- IC
-100
hFE -- IC
IC/IB=10
400 VCE= -10V
Collector to emitter saturation voltage VCE(sat) (V)
-30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3
Forward current transfer ratio hFE
Collector current IC (mA)
-120 -100
300
Ta=75C 200 25C -25C 100
25C
Ta=75C
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100 -300 -1000
Collector to emitter voltage VCE (V)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
6
IO -- VIN
f=1MHz IE=0 Ta=25C -10000 -3000 VO=-5V Ta=25C -100 -30
VIN -- IO
VO=-0.2V Ta=25C
Collector output capacitance Cob (pF)
5
Output current IO (A)
4
Input voltage VIN (V)
-1000 -300 -100 -30 -10 -3
-10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3
3
2
1
0 -0.1 -0.3
-1
-3
-10
-30
-100
-1 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1
-3
-10
-30
-100
Collector to base voltage
VCB (V)
Input voltage VIN (V)
Output current IO (mA)
2


▲Up To Search▲   

 
Price & Availability of XN1112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X