Part Number Hot Search : 
6675BZ PINAB25 G9001 K500FA R68FF N800104 IRF7807Z FT5767M
Product Description
Full Text Search
 

To Download X76F102H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 7816 Compatible 1K
X76F102
Secure SerialFlash
DESCRIPTION
128 x 8 bit
FEATURES * 64-bit Password Security * One Array (112 Bytes) Two Passwords (16 Bytes) --Read Password --Write Password * Programmable Passwords * Retry Counter Register --Allows 8 tries before clearing of the array * 32-bit Response to Reset (RST Input) * 8 byte Sector Write mode * 1MHz Clock Rate * 2 wire Serial Interface * Low Power CMOS --2.0 to 5.5V operation --Standby current Less than 1A --Active current less than 3 mA * High Reliability Endurance: --100,000 Write Cycles * Data Retention: 100 years * Available in: --8 lead PDIP, SOIC, MSOP, TSSOP, and Smart Card Module
The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array. Access to the memory array can be controlled by two 64-bit passwords. These passwords protect read and write operations of the memory array. The X76F102 features a serial interface and software protocol allowing operation on a popular two wire bus. The bus signals are a clock Input (SCL) and a bidirectional data input and output (SDA). The X76F102 also features a synchronous response to reset providing an automatic output of a hard-wired 32-bit data stream conforming to the industry standard for memory cards. The X76F102 utilizes Xicor's proprietary Direct WriteTM cell, providing a minimum endurance of 100,000 cycles and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
Retry Counter CHIP ENABLE DATA TRANSFER Data Transfer ARRAYAccess Array ACCESS ENABLE Enable 8K BYTE SerialFlash ARRAY Erase Logic 0 ARRAY (PASSWORD PROTECTED)
CS SCL SCL SDA SDA
INTERFACE Interface LOGIC Logic
PASSWORD ARRAY Password Array AND PASSWORD and Password VERIFICATION LOGIC Verification Logic RST RST RESET ISO Reset RESPONSE Register Response REGISTER
32 BYTE 112 Byte SerialFlash ARRAY EEPROM Array ARRAY 1 (PASSWORD PROTECTED)
RETRY COUNTER 7025 FM 01
(c)Xicor, Inc. 1999 Patents Pending 9900-5004.2 1/26/99 EP
1
Characteristics subject to change without notice
X76F102
PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is an open drain serial data input/output pin. During a read cycle, data is shifted out on this pin. During a write cycle, data is shifted in on this pin. In all other cases, this pin is in a high impedance state. Reset (RST) RST is a device reset pin. When RST is pulsed high the X76F102 will output 32 bits of fixed data which conforms to the standard for "synchronous response to reset". The part must not be in a write cycle for the response to reset to occur. See Figure 7. If there is power interrupted during the Response to Reset, the response to reset will be aborted and the part will return to the standby state. The response to reset is "mask programmable" only! The basic sequence is illustrated in Figure 1. DEVICE OPERATION The X76F102 memory array consists of fourteen 8-byte sectors. Read or write access to the array always begins at the first address of the sector. Read operations then can continue indefinitely. Write operations must total 8 bytes. There are two primary modes of operation for the X76F102; Protected READ and protected WRITE. Protected operations must be performed with one of two 8-byte passwords. The basic method of communication for the device is generating a start condition, then transmitting a command, followed by the correct password. All parts will be shipped from the factory with all passwords equal to `0'. The user must perform ACK Polling to determine the validity of the password, before starting a data transfer (see Acknowledge Polling.) Only after the correct password is accepted and a ACK polling has been performed, can the data transfer occur. To ensure the correct communication, RST must remain LOW under all conditions except when running a "Response to Reset sequence". Data is transferred in 8-bit segments, with each transfer being followed by an ACK, generated by the receiving device. If the X76F102 is in a nonvolatile write cycle a "no ACK" (SDA=High) response will be issued in response to loading of the command byte. If a stop is issued prior to the nonvolatile write cycle the write operation will be terminated and the part will reset and enter into a standby mode. PIN NAMES Symbol
SDA SCL RST Vcc Vss NC
Description
Serial Data Input/Output Serial Clock Input Reset Input Supply Voltage Ground No Connect
PIN CONFIGURATION
PDIP VCC NC NC Vss 1 2 3 4 SOIC VSS NC SDA NC 1 2 3 4 MSOP VSS NC NC SDA 1 2 3 4 TSSOP VCC NC NC VSS 1 2 3 4 8 7 6 5 SCL RST SDA NC 8 7 6 5 VCC NC RST SCL 8 7 6 5 VCC RST SCL NC VCC RST SCL NC 8 7 6 5 RST SCL SDA NC
Smart Card Module GND NC SDA NC
2
X76F102
After each transaction is completed, the X76F102 will reset and enter into a standby mode. This will also be the response if an unsuccessful attempt is made to access a protected array. Figure 1. X76F102 Device Operation
LOAD COMMAND/ADDRESS BYTE
Clock and Data Conventions Data states on the SDA line can change only during SCL LOW. SDA changes during SCL HIGH are reserved for indicating start and stop conditions. Refer to Figure 2 and Figure 3. Start Condition All commands are preceeded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The X76F102 continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition is met. A start may be issued to terminate the input of a control byte or the input data to be written. This will reset the device and leave it ready to begin a new read or write command. Because of the push/pull output, a start cannot be generated while the part is outputting data. Starts are inhibited while a write is in progress. Stop Condition All communications must be terminated by a stop condition. The stop condition is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to reset the device during a command or data input sequence and will leave the device in the standby power mode. As with starts, stops are inhibited when outputting data and while a write is in progress. Acknowledge Acknowledge is a software convention used to indicate successful data transfer. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. The X76F102 will respond with an acknowledge after recognition of a start condition and its slave address. If both the device and a write condition have been selected, the X76F102 will respond with an acknowledge after the receipt of each subsequent eight-bit word.
LOAD 8-BYTE PASSWORD
VERIFY PASSWORD ACCEPTANCE BY USE OF ACK POLLING
READ/WRITE DATA BYTES
Retry Counter The X76F102 contains a retry counter. The retry counter allows 8 accesses with an invalid password before any action is taken. The counter will increment with any combination of incorrect passwords. If the retry counter overflows, the memory area and both of the passwords are cleared to "0". If a correct password is received prior to retry counter overflow, the retry counter is reset and access is granted. Device Protocol The X76F102 supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as a receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the X76F102 will be considered a slave in all applications.
3
X76F102
Figure 2. Data Validity
SCL
SDA Data Stable Data Change
Figure 3. Definition of Start and Stop Conditions
SCL
SDA
Start Condition
Stop Condition
Table 1. X76F102 Instruction Set Command after Start
1 0 0 S3 S2 S1 S00 1 0 0 S3 S2 S1 S0 1 11111100 11111110 01010101 Sector Write Sector Read Change Write Password Change Read Password Password ACK Command
Command Description
Password used
Write Read Write Write None
Illegal command codes will be disregarded. The part will respond with a "no-ACK" to the illegal byte and then return to the standby mode. All write/read operations require a password.
PROGRAM OPERATIONS Sector Write The sector write mode requires issuing the 8-bit write command followed by the password and then the data bytes transferred as illustrated in figure 4. The write command byte contains the address of the sector to be written. Data is written starting at the first address of a sector and eight bytes must be transferred. After the last byte to be transferred is acknowledged a stop condition is issued
which starts the nonvolatile write cycle. If more or less than 8 bytes are transferred, the data in the sector remains unchanged. ACK Polling Once a stop condition is issued to indicate the end of the host's write sequence, the X76F102 initiates the internal nonvolatile write cycle. In order to take advantage of the typical 5ms write cycle, ACK polling can begin immediately. This involves issuing the start condition followed by
4
X76F102
the new command code of 8 bits (1st byte of the protocol.) If the X76F102 is still busy with the nonvolatile write operation, it will issue a "no-ACK" in response. If the nonvolatile write operation has completed, an "ACK" will be returned and the host can then proceed with the rest of the protocol. Data ACK Polling Sequence
Write sequence completed Enter ACK Polling ISSUE PASSWORD ACK COMMAND ISSUE START ACK RETURNED? NO
Password ACK Polling Sequence
PASSWORD LOAD COMPLETED ENTER ACK POLLING
ISSUE START
ISSUE NEW COMMAND CODE
YES PROCEED
ACK RETURNED?
NO
YES PROCEED
READ OPERATIONS Read operations are initiated in the same manner as write operations but with a different command code.
After the password sequence, there is always a nonvolatile write cycle. This is done to discourage random guesses of the password if the device is being tampered with. In order to continue the transaction, the X76F102 requires the master to perform a password ACK polling sequence with the specific command code of 55h. As with regular Acknowledge polling the user can either time out for 10ms, and then issue the ACK polling once, or continuously loop as described in the flow. If the password that was inserted was correct, then an "ACK" will be returned once the nonvolatile cycle in response to the passwrod ACK polling sequence is over. If the password that was inserted was incorrect, then a "no ACK" will be returned even if the nonvolatile cycle is over. Therefore, the user cannot be certain that the password is incorrect until the 10ms write cycle time has elapsed.
Sector Read With sector read, a sector address is supplied with the read command. Once the password has been acknowledged data may be read from the sector. An acknowledge must follow each 8-bit data transfer. A read operation always begins at the first byte in the sector, but may stop at any time. Random accesses to the array are not possible. Continuous reading from the array will return data from successive sectors. After reading the last sector in the array, the address is automatically set to the first sector in the array and data can continue to be read out. After the last bit has been read, a stop condition is generated without sending a preceding acknowledge.
5
X76F102
Figure 4. Sector Write Sequence (Password Required)
START Write Password 7 Write Password 0
Host Commands X76F102 Response
WRITE COMMAND
SDA S ACK ACK ACK ACK STOP P ACK ACK
Wait tWC OR Password ACK Command
If ACK, Then Password Matches ACK Password ACK COMMAND ACK Host Commands START
S X76F102 Responce no-ACK ACK ACK
...
Wait tWC Data ACK Polling
Figure 5. Acknowledge Polling
SCL
8th clk. of 8th pwd. byte
`ACK' clk
8th clk
`ACK' clk
SDA
`ACK' START condition
8th bit ACK or no ACK
Figure 6. Sector Read Sequence (Password Required)
START Read Password 7 Read Password 0
Host Commands X76F102 Response
READ COMMAND
SDA S ACK ACK ACK ACK Data n STOP P
Wait tWC OR Password ACK Command
If ACK, Then Password Matches ACK Password ACK COMMAND ACK Host Commands START
S no-ACK ACK X76F102 Responce Data 0
...
6
X76F102
PASSWORDS Passwords are changed by sending the "change read password" or "change write password" commands in a normal sector write operation. A full eight bytes containing the new password must be sent, following successful transmission of the current write password and a valid password ACK response. The user can use a repeated ACK Polling command to check that a new password has been written correctly. An ACK indicates that the new password is valid. There is no way to read any of the passwords. RESPONSE TO RESET (DEFAULT = 19 02 AA 55) The ISO Response to reset is controlled by the RST and CLK pins. When RST is pulsed high during a clock pulse, the device will output 32 bits of data, one bit per clock, and it resets to the standy state. This conforms to the ISO standard for "synchronous response to reset". The part must not be in a write cycle for the response to reset to occur. After initiating a nonvolatile write cycle the RST pin must not be pulsed until the nonvolatile write cycle is complete. If not, the ISO response will not be activated. If the RST is pulsed HIGH and the CLK is within the RST pulse (meet the tNOL spec.) in the middle of an ISO transaction, it will output the 32 bit sequence again (starting at bit 0). Otherwise, this aborts the ISO operation and the part returns to standby state. If the RST is pulsed HIGH and the CLK is outside the RST pulse (in the middle of an ISO transaction), this aborts the ISO operation and the part returns to standby state. If there is power interrupted during the Response to Reset, the response to reset will be aborted and the part will return to the standby state. A Response to Reset is not available during a nonvolatile write cycle.
Figure 7. Response to RESET (RST)
RST
SCK
SO
10011000 LSB Byte 0
0
10000
00
010
10101
10101010 MSB 3
MSB LSB 1
MSB LSB 2
MSB LSB
ABSOLUTE MAXIMUM RATINGS* Temperature under Bias ..................... -65C to +135C Storage Temperature ..........................-65C to +150C Voltage on any Pin with Respect to VSS .......................................-1V to +7V D.C. Output Current..................................................5mA Lead Temperature (Soldering, 10 seconds).................................. 300C
*COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
7
X76F102
RECOMMENDED OPERATING CONDITIONS Temp
Commercial Industrial
Min.
0C -40C
Max.
+70C +85C
Supply Voltage
X76F102 X76F102 - 2
Limits
4.5V to 5.5V 2.0V to 5.5V
7025 FM T06
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Symbol
ICC1
Parameter
VCC Supply Current (Read)
Limits Min. Max.
1
Units
mA
Test Conditions
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz, SDA = Open RST = VSS fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 KHz, SDA = Open RST = VSS VIL = VCC x 0.1, VIH = VCC x 0.9 fSCL = 400 KHz, fSDA = 400 KHz VSDA = VSCC = VCC Other = GND or VCC-0.3V VIN = VSS to VCC VOUT = VSS to VCC
ICC2
(3)
VCC Supply Current (Write) VCC Supply Current (Standby) VCC Supply Current (Standby) Input Leakage Current Output Leakage Current Input LOW Voltage Input HIGH Voltage Output LOW Voltage -0.5
3
mA
ISB1(1) ISB2(1) ILI ILO VIL
(2)
1 1 10 10 VCC x 0.1
A A A A V V V
VIH(2) VOL
VCC x 0.9 VCC + 0.5 0.4
IOL = 3mA
CAPACITANCE TA = +25C, f = 1MHz, VCC = 5V Symbol
COUT
(3)
Test
Output Capacitance (SDA) Input Capacitance (RST, SCL)
Max.
8 6
Units
pF pF
Conditions
VI/O = 0V VIN = 0V
CIN(3)
NOTES:(1) Must perform a stop command after a read command prior to measurement (2) VIL min. and VIH max. are for reference only and are not tested. (3) This parameter is periodically sampled and not 100% tested. EQUIVALENT A.C. LOAD CIRCUIT
5V 1.53KW OUTPUT 100pF OUTPUT 100pF 3V 1.3KW
A.C. TEST CONDITIONS
Input Pulse Levels Input Rise and Fall Times Input and Output Timing Level Output Load VCC x 0.1 to VCC x 0.9 10ns VCC x 0.5 100pF
8
X76F102
AC CHARACTERISTICS (TA = -40C to +85C, VCC = +3.0V to +5.5V, unless otherwise specified.) Symbol
fSCL tAA(2) tBUF tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF tSU:STO tDH tNOL tRDV tCDV tRST tSU:RST SCL Clock Frequency SCL LOW to SDA Data Out Valid Time the Bus Must Be Free Before a New Transmission Can Start Start Condition Hold Time Clock LOW Period Clock HIGH Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Condition Setup Time Data Out Hold Time RST to SCL Non-Overlap RST LOW to SDA Valid During Response to Reset CLK LOW to SDA Valid During Response to Reset RST High Time RST Setup Time
Parameter
Min
0 0.1 1.2 0.6 1.2 0.6 0.6 10 100 20+0.1XCb(1) 20+0.1XCb(1) 0.6 0 500 0 0 1.5 500
Max
1 0.9
Units
MHz s s s s s s ns ns
300 300
ns ns s s ns
450 450
ns ns s ns
Notes: 1. Cb = total capacitance of one bus line in pF 2. tAA = 1.1s Max below VCC = 3.0V.
RESET AC SPECIFICATIONS Power Up Timing Symbol
tPUR
(1)
Parameter
Time from Power Up to Read Time from Power Up to Write
Min.
Typ(2)
Max.
1 5
Units
mS mS
tPUW(1)
Notes: 1. Delays are measured from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled and not 100% tested. 2. Typical values are for TA = 25C and VCC = 5.0V
Nonvolatile Write Cycle Timing Symbol
tWC(1)
Parameter
Write Cycle Time
Min.
Typ.(1)
5
Max.
10
Units
mS
Notes: 1. tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used. 9
X76F102
Bus Timing
tF SCL tSU:STA SDA IN tAA SDA OUT t DH t BUF t HD:STA tHD:DAT t SU:DAT t SU:STO t HIGH t LOW tR
Write Cycle Timing
SCL
SDA
8th bit of last byte
ACK tWC Stop Condition Start Condition
RST Timing Diagram - Response to a Synchronous Reset
RST
tRST tNOL tNOL
1st clk pulse
tHIGH_RST
2nd clk pulse
CLK
tRDV
I/O
tSU:RST
DATA BIT (1)
tCDV
tLOW_RST
DATA BIT (2)
3rd clk pulse
10
X76F102
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
100 80 60 40 20 R RMIN 20 40 60 80 100 MAX RMAX R MIN V CCMAX = ------------------------- = 1.8K I OLMIN
Pull Up Resistance in K
t R = ----------------C BUS
Bus capacitance in pF
tR = maximum allowable SDA rise time
11
X76F102
8-LEAD MINIATURE SMALL OUTLINE GULL WING PACKAGE TYPE M
0.118 0.002 (3.00 0.05) 0.012 + 0.006 / -0.002 (0.30 + 0.15 / -0.05) 0.0256 (0.65) TYP
R 0.014 (0.36)
0.118 0.002 (3.00 0.05)
0.030 (0.76) 0.0216 (0.55)
0.036 (0.91) 0.032 (0.81)
7 TYP
0.040 0.002 (1.02 0.05)
0.008 (0.20) 0.004 (0.10)
0.007 (0.18) 0.005 (0.13)
0.150 (3.81) REF. 0.193 (4.90) REF.
NOTE: 1. ALL DIMENSIONS IN INCHES AND (MILLIMETERS)
12
X76F102
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
0.430 (10.92) 0.360 (9.14)
0.260 (6.60) 0.240 (6.10) PIN 1 INDEX PIN 1 0.300 (7.62) REF. 0.060 (1.52) 0.020 (0.51)
HALF SHOULDER WIDTH ON ALL END PINS OPTIONAL SEATING PLANE 0.150 (3.81) 0.125 (3.18)
0.145 (3.68) 0.128 (3.25)
0.025 (0.64) 0.015 (0.38) 0.065 (1.65) 0.045 (1.14) 0.020 (0.51) 0.016 (0.41)
0.110 (2.79) 0.090 (2.29)
0.015 (0.38) MAX.
0.325 (8.25) 0.300 (7.62)
TYP .0.010 (0.25)
0 15
NOTE: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
13
X76F102
8-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
0.150 (3.80) 0.158 (4.00) PIN 1 INDEX
0.228 (5.80) 0.244 (6.20)
PIN 1
0.014 (0.35) 0.019 (0.49)
0.188 (4.78) 0.197 (5.00)
(4X) 7
0.053 (1.35) 0.069 (1.75)
0.050 (1.27)
0.004 (0.19) 0.010 (0.25)
0.010 (0.25) 0.020 (0.50) X 45
0.050" TYPICAL
0- 8 0.0075 (0.19) 0.010 (0.25) 0.016 (0.410) 0.037 (0.937) 0.250"
0.050" TYPICAL
FOOTPRINT
0.030" TYPICAL 8 PLACES
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
14
X76F102
8-LEAD PLASTIC, TSSOP PACKAGE TYPE V ,
.025 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.114 (2.9) .122 (3.1)
.047 (1.20)
.0075 (.19) .0118 (.30)
.002 (.05) .006 (.15)
.010 (.25) Gage Plane 0 - 8 .019 (.50) .029 (.75) Detail A (20X) (4.16) (1.78) .031 (.80) .041 (1.05) (0.42) All MEASUREMENTS ARE TYPICAL See Detail "A" Seating Plane (7.72)
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
15
X76F102
X76F102 8 PAD CHIP ON BOARD SMART CARD MODULE TYPE X
0.465 0.002 (11.81 0.05) 0.088 (2.24) MIN EPOXY FREE AREA (TYP.) 0.285 (7.24) MAX. SEE NOTE 7 SHT. 2
R. 0.078 (2.00)
0.069 (1.75) MIN EPOXY FREE AREA (TYP.)
0.270 (6.86) MAX. SEE NOTE 7 SHT. 2 0.420 0.002 (10.67 0.05)
A
A
0.008 0.001 (0.20 0.03)
0.210 0.002 (5.33 0.05)
0.233 0.002 (5.92 0.05)
SECTION A-A
GLOB SIZE FR4 TAPE
DIE
0.0235 (0.60) MAX. 0.015 (0.38) MAX. 0.008 (0.20) MAX.
SEE DETAIL SHEET 3
COPPER, NICKEL PLA TED, GOLD FLASH
0.146 0.002 (3.71 0.05)
0.174 0.002 (4.42 0.05) R. 0.013 (0.33) (8x)
Vcc
0.105 0.002 TYP . (2.67 0.05)
Vss
RST
NC
(8x)
SCL
SDA
0.105 0.002(8x) (2.67 0.05)
NC
NC
NOTE: 1. ALL DIMENSIONS IN INCHES AND (MILLIMETERS)
16
X76F102
8 CONTACT MODULE
11.4
6 CONTACT MODULE
8
0.15 1.62
1. 59 1
1.215
0.2 1.31
12.6
90
1.62
1.31
1.3
1.3
2.54
2.54
35mm TAPE
35mm TAPE
1.422
1.422
REJECT PUNCH POSITION
35
23.02
8.82
NOTE: ALL MEASUREMENTS IN MILLIMETERS
17
4.75
14.25
0.2
10.62
X76F102
ORDERING INFORMATION X76F102 Device X X -X VCC Limits Blank = 5V 10% 2.0 = 2.0V to 5.5V Temperature Range Blank = Commercial = 0C to +70C I = Industrial= -40C to +85C Package S8 = 8-Lead SOIC M8 = 8-Lead MSOP P = 8-Lead PDIP V8 - 8-Lead TSSOP H = Die in Waffle Packs W = Die in Wafer Form X = Smart Card Module
Part Mark Convention
8-Lead MSOP EYWW XXX ACG = 2.0 to 5.5V, 0 to +70C ACH = 2.0 to 5.5V, -40 to +85C ABS = 4.5 to 5.5V, 0 to +70C ABT = 4.5 to 5.5V, -40 to +85C LIMITED WARRANTY
8-Lead SOIC/PDIP X76F102 X XX F = 2.0 to 5.5V, 0 to +70C G = 2.0 to 5.5V, -40 to +85C Blank = 4.5 to 5.5V, 0 to +70C I = 4.5 to 5.5V, -40 to +85C Blank = 8-Lead SOIC
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurence.
18


▲Up To Search▲   

 
Price & Availability of X76F102H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X