Part Number Hot Search : 
Z1SMA5V1 MPSR120 MC141 UTC8121 KLT15F TBB1005 ATMEG RM13TR
Product Description
Full Text Search
 

To Download UTCM2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC M2100
LINEAR INTEGRATED CIRCUIT
SINGLE OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M2100 is a low supply voltage and low saturation output voltage (+-2.0V p-p at supply voltage +-2.5V) operational amplifier. It is applicable to handy type CD, radio cassette CD, and portable DAT, that are digital audio apparatus which require the 5V single supply operation and high output voltage.
SOP-8
FEATURES
*Single Supply Operation *Operating Voltage (+-1.0V~+-3.5V) *Low Saturation Output Voltage *High Slew Rate (4V/ s typ.) *Package Outline *Bipolar Technology
DIP-8
PIN CONFIGURATION
A OUTPUT
1 A -+
8
V+
A -INPUT
2 B +-
7
B OUTPUT
A +INPUT
3
6
B -INPUT
V-
4
5
B +INPUT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R105-011,A
UTC M2100
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
ABSOLUTE MAXIMUM RATINGS (Ta=25C )
PARAMETER
Supply Voltage Differential Input Voltage Power Dissipation Operating Temperature Range Storage Temperature Range
SYMBOL
V+/VVID PD Topr Tstg
VALUE
+-3.5 +-7 500 (DIP8) 250 (SOP8) -20~+75 -40~+125
UNIT
V V mW C C
ELECTRICAL CHARACTERISTICS (Ta=25C )
(V+=5V,Ta=25C,unless otherwise specified)
PARAMETER
Input Offset Voltage Input Bias Current Large Signal Voltage Gain Maximum Output Voltage Swing Input Common Mode Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio Operating Current Slew Rate Gain-Bandwidth product
SYMBOL
VIO IIB Av VOM VICM CMR SVR Icc SR GB
TEST CONDITIONS
Rs<=10k RL>=10k RL>=2.5k
MIN
TYP.
1 100 80 +-2.2 74 80 3.5 4 12
MAX
6 300
UNIT
mV nA dB V V dB dB mA V/S MHz
60 +-2 +-1.5 60 60
VIN=0,RL= Av=1,VIN=+-1V f=10kHz
5
NOTE1: Applied circuit voltage gain is desired to be operated within the range of 3 dB to 30dB. NOTE2: Special care being required for input common mode voltage range and the oscillation due to the capacitive load when operating on voltage follower. NOTE3: Special care being required for the oscillation, yet having the gain when the supply voltage is applied at more than 5V (single supply voltage 5V)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-011,A
UTC M2100
LINEAR INTEGRATED CIRCUIT
TYPICAL CHARACTERISTICS
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-011,A
UTC M2100
LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-011,A


▲Up To Search▲   

 
Price & Availability of UTCM2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X