Part Number Hot Search : 
EA1507P RABF154 BGY68 2SC5029 090663 ST7687A 0040BPSL 74ALVC1
Product Description
Full Text Search
 

To Download UPB581B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIVIDE- BY- 2 PRESCALER
UPB581B UPB581C
FEATURES
* HIGH FREQUENCY OPERATION TO 2.8 GHz * WIDE BAND OPERATION * SINGLE SUPPLY VOLTAGE: VCC = 5 V 10% * COMPLEMENTARY OUTPUTS
TEST CIRCUIT
UPB581B,C
VCC
1 IN 2 3 4
8 7 6 5
*
OUT
DESCRIPTION
The UPB581 series of devices are divide-by-2 silicon bipolar digital prescalers. They feature high frequency response and operate from a single 5 volt supply. The series is available in two package styles: 8 lead ceramic flat package (UPB581B) and an 8 pin DIP (UPB581C). Applications include: frequency synthesis, division and scaling.
Note: All capacitors are 2200 pF, All resistors are 50 Ohms. *Pin 8 is not connected for UPB581C.
ELECTRICAL CHARACTERISTICS (VCC = 5.0 0.5 V, ZS = ZL = 50 )
PART NUMBER PACKAGE OUTLINE SYMBOLS ICC fIN PARAMETERS AND CONDITIONS Power Supply Current Frequency Response at PIN = -10 to -5 dBm1 PIN = -5 to 0 dBm1 PIN = 0 to +5 dBm1 PIN = -5 to +10 dBm2 PIN = -5 to +10 dBm3 PIN = -3 to +10 dBm4 Input Power at fIN = 0.5 to 2.4 GHz1 fIN = 0.5 to 2.6 GHz1 fIN = 0.5 to 2.8 GHz1 fIN = 0.5 to 2.2 GHz2 fIN = 0.5 to 2.4 GHz3 fIN = 0.5 to 2.4 GHz4 Output Power5 Thermal Resistance, Junction to Case UNITS mA GHz GHz GHz GHz GHz GHz dBm dBm dBm dBm dBm dBm dBm C/W MIN 15 0.5 0.5 0.5 UPB581B BF08 TYP 30 MAX 40 2.4 2.6 2.8 0.5 0.5 0.5 -10 -5 0 +5 +5 +5 -5 -5 -3 -12 -8 25 -12 -8 +10 +10 +10 2.2 2.4 2.4 MIN 15 UPB581C C08 TYP 30 MAX 40
PIN
POUT RTH (J-C)
Notes: 1. TA = -40 to +85C. 4. TA = -20 to +70 C, VCC = 5.0 0.25 Volts. 2. TA = -35 to +85C. 5. TA = +25C, fIN = 2.0 GHz, PIN = 0 dBm. 3. TA = -20 to +65 C, VCC = 5.0 0.25 Volts.
California Eastern Laboratories
UPB581B, UPB581C ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC VIN PIN PD PARAMETERS Supply Voltage Input Voltage Input Power Power Dissipation UPB581B2 UPB581C Operating Temperature UPB581B UPB581C Storage Temperature UPB581B UPB581C UNITS V V dBm mW mW C C C C RATINGS -0.5 to 6.0 -0.5 to VCC + 0.5 +10 1500 600 -55 to +125 -55 to +85 -65 to +200 -55 to +125
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC TOP PARAMETER Supply Voltage Operating Temperature UPB581B UPB581C UNITS V C C RATINGS 4.5 to 5.5 -40 to +85 -20 to +75
TOP
TSTG
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. TA = Absolute Maximum Operating Temperature.
TYPICAL PERFORMANCE CURVES
(TA = 25C unless otherwise noted.) UPB581B INPUT POWER vs. FREQUENCY
20
Note: Because of the high internal gain and gain compression of the UPB581, this device is prone to self-oscillation in the absence of an RF input signal. If the device will be used in an application where DC power will be applied in the absence of an RF input signal, this self-oscillation can be suppressed by any of the following means: * Add a shunt resistor from the RF input line to ground. The blocking capacitor should be between the resistor and the UPB581, but physical separation should be minimized. Typically a resistor value between 50 and 100 ohms will suppress the selfoscillation. * Apply a DC offset voltage of +3.0 volts to the INPUT pin. The voltage source should be isolated from the INPUT pin by a series 1000 ohm resistor. * Apply a DC offset voltage of +1.5 volts to the BYPASS pin. The voltage source should be isolated from the BYPASS pin by a series 1000 ohm resistor. All these approaches reduce the input sensitivity of the UPB581 (by as much as 3 dB for the example of a 50 ohm shunt resistor), but otherwise have no affect on the reliability or other electrical characteristics of this device. UPB581C INPUT POWER vs. FREQUENCY
20 PIN MAX
Input Power, PIN (dBm)
Input Power, PIN (dBm)
10
10
0
Guaranteed Operating Window
0
Guaranteed Operating Window
*
-10
-10 PIN MIN -20 VCC = 5 V -30
-20 RESPONSE CURVE CONDITION VCC = 5 V -30 0 0.5 1 1.5 2 2.5 3 3.5
0.5
1
2
5
Frequency, f (GHz) UPB581 SSB PHASE NOISE vs. OFFSET FROM CARRIER fIN = 500 MHz
-80 -90
Frequency, f (GHz) * See special conditions in Electrical Characteristics Table. UPB581C OUTPUT POWER vs. INPUT POWER
0 VCC = 5 V fIN = 2 GHz
SSB Phase Noise (dBc/Hz)
Output Power, POUT (dBm)
-100 -110 -120 -130 -140 -150 -160 -170 -180 0 1 10 100 1K 10K 100K 1M
-10
1/2 fIN
-20
-30
-40
fIN
-20
-10
0
10
20
Offset from Carrier (Hz)
Input Power, PIN (dBm)
UPB581B, UPB581C TYPICAL PERFORMANCE CURVES
UPB581B INPUT POWER vs. FREQUENCY AND TEMPERATURE
20
20 TA = 75C TA = 25C TA = -25C
UPB581C INPUT POWER vs. FREQUENCY AND TEMPERATURE
Input Power, PIN (dBm)
Input Power, PIN (dBm)
10 TA = 85C TA = 25C TA = -20C VCC = 5 V -10
10 VCC = 5 V 0
0
-10
-20
-20
-30
-30
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
2
3
Frequency, f (GHz)
Frequency, f (GHz)
UPB581C OUTPUT POWER vs. TEMPERATURE AND VOLTAGE
VCC = 5.5 V VCC = 5.0 V VCC = 4.5 V
80
UPB581C CIRCUIT CURRENT vs. TEMPERATURE AND VOLTAGE
VCC = 5.5 V VCC = 5.0 V VCC = 4.5 V
Output Power, POUT (dBm)
10
Circuit Current, ICC (mA)
0
60
-10
40
-20
20
-30 -25 0 25 50 75
0 -25 0 25 50 75
Ambient Temperature, TA (C)
Ambient Temperature, TA (C)
UPB581B, UPB581C OUTLINE DIMENSIONS (Units in mm)
UPB581B PACKAGE OUTLINE BF08
7.00.5 1.27 1.27 1.27 0.1 0.1 0.1
UPB581C PACKAGE OUTLINE C08
8
1.7 MAX
7
6
5
8
7
6
5
PIN CONNECTIONS 1. VCC 5. GND 2. Input 6. Output 1 3. Bypass 7. Output 2 4. GND 8. NC
1
10.40.5 2.6 4.40.2
3 2 4 10.16 MAX 0.9 MIN
7.62 6.4
4.31 MAX 5.08 MAX
1 2 0.4 5.00.2 3 4 +0.05 0.2 -0.02
0.51 MIN 3.2 0.3 1.4 MIN 2.54 0.50 1.27 +0.10 0.25 -0.05 0 ~15
PIN CONNECTIONS 1. VCC 5. GND 2. Input 6. Output 1 3. Bypass 7. Output 2 4. GND 8. VCC
INTERNAL SCHEMATIC UPB581B INPUT AND OUTPUT S-PARAMETERS
VCC = 5.0 V, ICC = 30 mA
Q2 VCC Q4 Q1 Q6 Q7 Q8 Q9 Q17 Q18 Q19 Q20 Q26 Q27 Q5 Q15 Q16 Q29 Q30
Freq (GHz) 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 2.80 3.00 MAG 0.732 0.713 0.691 0.674 0.659 0.655 0.642 0.617 0.583 0.537 0.488 0.435 0.377 0.305 0.245
S11 ANG -16 -32 -47 -62 -77 -92 -108 -125 -142 -159 -176 167 149 132 115
Freq (GHz) 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 1.10 1.20 1.30 1.40 1.50 MAG 0.174 0.207 0.227 0.257 0.284 0.310 0.332 0.347 0.377 0.367 0.386 0.389 0.406 0.363 0.428
S22 ANG 168 138 114 96 81 67 55 41 33 17 11 -10 -10 -28 -30
VIN Q10 Q11 Q22 Q21 Q31 Q33
Q32 Q3 Q14 Q24
Q34 OUT1
OUT2
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -11/97 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of UPB581B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X