Part Number Hot Search : 
KAQV212S 68HC1 CM800 ETCA29 TEGRA DS2415 412D24MA IMH5A
Product Description
Full Text Search
 

To Download TM12832ABC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 w
w
4U et he
aS at D . w




om .c




w
w
w
t a .D
S a

e h
U t4 e




.c

m o
S
w
w
w
.D
ta a
ee h
4U t
om .c



!
" #
$% #


! " # $ % $ &' ( )) *$+ , %-&
%. -, /0 12 32-)4 5# 5 .6 " )7*) " )71) )6 " 8 # 9 +9 5: ! )&):)&5;""< , )&:)*;""< &= , *

2 ,
, >
" $$

&' # (

)* +'# '! !













, ' -#!

.#' +/!'! ? "
' /2$' 6 " 8 " 8

"> ' '
'
+ ) )
+9 -) *) 7*)
4 '
8 "

) 71)
2
0# # ' -0 , ? "
">
' ;/<
' ;/2$ < 3, ' '
' ' '@*) ' '@*) ? '@*) ) * -) "( "( "( )' ' + &1*
*) +9 ** 4 '
)
'
? '
)5'
'7)
'
/

;/<
;/2$ <
;/0$ <
? '' @) ? ;'@&<
-? # & * - 1 5 . ) & * - 1 5 . )
"> ' '
' ) & * - 1 2 8 8%= %? 0 BA 2 /07 /0 / $ *)' )' 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ 3%/ &' )'
$ #/2;7< A >) > > > >& >* >- >1 2, 8 ?;3 / ?< 2, > B" ,
;7< ,
;<
1)' 6 $ #/2;<
, = % #1
tCYC E PWEL tr R/W VIHT VILT VIHT VILT tDDR DB0-DB7 VIHT VILT tDHR tAS tAS CS1-CS3 D/I tAH tAH PWEH tf
1!5$ #
tCYC E VIHT VILT PWEL tr R/W VIHT VILT VIHT VILT tDSW DB0-DB7 VIHT VILT tDHW tAS tAS CS1-CS3 D/I tAH PWEH tf tAH
1!5 #
+11
MPU Interface (GND = 0V, VCC = 2.7 to 5.5V, Ta = -30 to +75C)*
Item E cycle time E high level width E low level width E rise time E fall time Address setup time Address hold time Data setup time Data delay time Data hold time (write) Data hold time (read) Symbol t CYC PWEH PWEL tr tf t AS t AH t DSW t DDR t DHW t DHR Min 1000 450 450 -- -- 140 10 200 -- 10 20 Typ -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- 25 25 -- -- -- 320 -- -- Unit ns ns ns ns ns ns ns ns ns ns ns
Code D/I 0 0 0 0 0 RESET 1: Reset 0: Normal Busy 0 ON/ Reset 0 OFF 0 0 0 Reads the status. 0 1 Y address (0-63) 1 0 1 1 1 Page (0-7) 1 1 Display start line (0-63) 0 0 1 1 1 1 1 1/0 Controls display on/off. RAM data and internal status are not affected. 1: on, 0: off. Specifies the RAM line displayed at the top of the screen. Sets the page (X address) of RAM at the page (X address) register. Sets the Y address in the Y address counter. DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Functions
Instructions
R/W
,(=1
Display on/off
0
Display start line
0
Set page (X address)
0
Set Y address
0
Status read
1
Busy 1 Write data
1 Read data
ON/OFF 1: Display off 0: Display on 1: Internal operation 0: Ready
Write display data
0
Writes data DB0 (LSB) to DB7 (MSB) on the data bus into display RAM.
Reads data DB0 (LSB) to DB7 (MSB) from the display RAM to the data bus.
Read display data
1
Has access to the address of the display RAM specified in advance. After the access, Y address is increased by 1.
Note: Busy time varies with the frequency (fCLK) of o1, and o2. (1/fCLK TBUSY 3/fCLK)








! !! " (% !" !! " " ! ! ! ! ! " " !
#$%&%

'


)
* * ++


)


1 ##62, 1 ##' (
" " 1 ##28






+ 2 <("> " * 1 ##8 "
C 1)3!
" ! @ 7 ##" "" @ 7 + 2 1)3!
2## 52 #8 >
@* ? " 2 # 3, " 0
, ,, 1) " #" &)3 / " 0
, ) " #" &)3 0
, 3, " ;$ <, *) 6 , " , " # &)3 " 0
, / " ) & " # 6 &)3 " 0
, ,, &) 3, " * " ,,,"
.*E83 %3"
#" &)3 0
, ,, "
" ) %1) * 1) * ) - 2
)" *" )" *" )

1 5 .

'> ; < , ; < (",
0
, $> 0
, , 0
, ", >
)3!F*))3!G ))"%G )" 3# $ G ))"%G 5" * -3
5B H" 2 2 ? " # 0 # + , # 6 2, 8 "

? " & * - 1 5 .
B H " 2
6#, > # 6#, # 6#, " , #





6#, #
B " # 5 # @ 6 # 7 + , #
345*67** 09" (@* ; , < + ? +9 4 ?/ (I/
4 " +J 09 "
, ) ' G , ( 9( ?? + ? >
/2 * *" 4 " +J
"
, ) ( 9 ?? # G
+ * +J # 6 " ""G,G " G/ + # 6, "#"A55

$8' 5* +'#
)3 ) ,
" # >J " , ,>
#",, G )?#,
" , D
> G>
",G#, > " ,
, G"
,## )
9 $ # ,
# , J ,"
, $
)&, ! $ ,
# #, /2" #
, 3 ,! #
)* ?# ,
# " G > , , #
, #
, ?# "
G " , , #, #$ ?
, 0,
, $ , , , " >$ "
" , ! 0
G , # = K ("$ )- " "> , /2+ )1?#, ##G
, )5 $ # , " >

G > # """ $" , >
, ,, /2+ > D # ">
G , G " >
, " #
G ">
,
, /2+ ,#" ,
# , ##, $ #"
"
>

) )=, , /2" G$ 9 ,, ,## " ), /2" ,> , " ?# , /2 " > # " G , "" " ) &) 8 $
,"
5)E ), /2 " , > , " , G ,"# ) , /2 " , > # $ , G , $ 9 $ G G " ,

/ ? " # #
? " / 8> !
2 =! ," >> > ! , # !
2 " (, " " " L)"" +9 # )"" )*""
;$ <
(, " " +9 :L)"" :@;7><% +9 L))"" " ))"" ))*"" > )"" )"" : )*"" +9 ; <
;$ <
$

/- ? " #
#
? "
2
2 " " " (, " " (, " " :L)"" :@;7><% (L)"" +9 )"" ( )"" L)*"" +9 ; < +9 )"" : )"" +9
6 " "" , =$ 2 $ 2
, " ;6<
; $ <
+9 :L)"" :@;7><% )"" : )""
; $ <
+9 L))"" ))"" ))*"" > )*""
/- ? " # " # " ? " #
# ; < 2 2 9 )"" +9 # )"" 9 )"" +9 #
9@;7><% )"" +9 # )"" )"" M)
+9 # )5= = @" $ #, =@"$ #,


▲Up To Search▲   

 
Price & Availability of TM12832ABC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X