Part Number Hot Search : 
LT1001MH D221K SI7430D CXD3068Q FRS140R EP310 EP310 101MP
Product Description
Full Text Search
 

To Download SS12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS12-S100
SS12 - S100
Features * * *
Glass passivated junctions. High current capability, low VF. For use in low voltage, high frequency inverters free wheeling, and polarity protection applications.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
1.0 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
Symbol
IF(AV) IFSM PD RJA Tstg TJ
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient ** Storage Temperature Range Operating Junction Temperature
Value
1.0 40 1.1 11 88 -65 to +150 -65 to +125
Units
A A W mW/C C/W C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on FR-4 PCB 0.013 mm.
Electrical Characteristics
Symbol
VRRM VRMS VR IRM
TA = 25C unless otherwise noted
Parameter
12 Maximum Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Instantaneous Reverse Current TA = 25C (Note 1) @ rated VR TA = 100C Maximum Instantaneous Forward Voltage @ 1.0 A 20 14 20 13 30 21 30 14 40 28 40
Device
15 50 35 50 16 60 42 60 18 80 56 80 19 90 64 90 100 100 71 100
Units
V V V mA mA 850 mV
0.2 10 500 700
VFM
Note: Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
2001 Fairchild Semiconductor Corporation
SS12-S100, Rev. A1
SS12-S100
Schottky Barrier Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
1 FORWARD CURRENT (A)
Forward Characteristics
20 FORWARD CURRENT (A) 10 5
SS15 - SS16 SS12 - SS14
0.75
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2x0.2"(5.0x5.0mm) COPPER PAD AREAS
0.5
1
SS18 - S100
0.25
0
T J = 25C Pulse Width = 300S 1% Duty Cycle
0
20
40 60 80 100 LEAD TEMPERATURE ( C)
120
140
0.1
0
0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 FORWARD VOLTAGE (V)
2
Non-Repetitive Surge Current
30 FORWARD SURGE CURRENT (A) 25 CAPACITANCE (pF) 20 15 10 5 0
8.3ms Single Half Sine-Wave JEDEC Method
Junction Capacitance
400 200
T J = 25C
100 50 40 30 20 10 0.1
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
0.5 1 5 10 REVERSE VOLTAGE (V)
50 100
SS12-S100, Rev. A1
DO-214AC(SMA) Tape and Reel Data
DO-214AC(SMA) Packaging Configuration: Figure 1.0
Packaging Description:
DO-214AC(SMA) parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. Alternate carrier tape is made of antistatic plastic. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 7,500 units per 13" or 330cm diameter reel. The reel comes in plastic or carton which is made of polystyrene plastic (anti-static coated) and thick white paper respectively. Further information is described in the Packaging Information table. These full reels are individually labeled and placed inside a bleach box (illustrated in figure 1.0) made of recyclable carton paper with a Fairchild logo printing. One box contains two reels maximum. Certain number of these boxes are placed inside shipping box which comes in different sizes depending on the number of parts shipped.
Antistatic Cover Tape
Embossed Carrier Tape Human Readable /Barcode Label
Cathode
F924 18L3
F924 18L3
DO-214AC(SMA) unit orientation
DO-214AC(SMA) Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size (inch diameter) Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Under package code P5 TNR 7,500 13 336X336X38 15,000 0.064 0.860 Human readable label Under package code MA TNR 5,000 13 340X350X340 10,000 0.064 0.750 Barcode label
336mm x 336mm x 38mm Intermediate container for 13" reel option
Human readable/barcode Label Human Readable Label sample
CAUTION: This container provides protection for static sensitive devices. Handle devices with caution upon removal. MADE IN ONE OR MORE OF THE FOLLOWING COUNTRIES: PHILIPPINES (MACTAN, EXPORT PROCESSING ZONE), MALAYSIA, CHINA, S. KOREA, TAIWAN, THAILAND, SINGAPORE AND JAPAN.
F63TNR Label sample
I.D.
F924 18L3
F924 18L3
F924 18L3
Human Readable/Barcode Label (on top)
FMKA140
ANTI-STATIC
D/C
Qty 7500
T0012
Lot
CBVK741B019
LOT: CBVK741B019 FSID: FMKA140
QTY: 7500 SPEC:
DO-214AC(SMA) Tape Leader and Trailer Configuration: Figure 2.0
D/C1: T0012 QTY1: SPEC REV: D/C2: QTY2: CPN: FAIRCHILD SEMICONDUCTOR INTERNATIONAL
(F63TNR)3.2
Carrier Tape Cover Tape
Trailer Tape 160mm minim m or
Components
Leader Tape 390mm minim m
(c)2000 Fairchild Semiconductor International
July 2000, Rev. A
DO-214AC(SMA) Tape and Reel Data, continued
DO-214AC(SMA) Embossed Carrier Tape Configuration: Figure 3.0
T E1
P0
D0
F K0 Wc E2 B0 W
Tc A0 P1 D1
User Direction of Feed
Dimensions are in millimeter Pkg type
DO-214AC(SMA) (12mm)
A0
2.72 +/-0.10
B0
5.25 +/-0.10
W
12.0 +/-0.3
D0
1.55 +/-0.05
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
10.25 min
F
5.5 +/-0.05
P1
4.0 +/-0.1
P0
4.0 +/-0.1
K0
2.45 +/-0.10
T
0.23 +/-0.10
Wc
9.3 +/-0.025
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0
Typical component center line
Sketch C (Top View)
Component lateral movement
Sketch B (Top View)
DO-214AC(SMA) Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
B Min Dim C
Dim A max
Dim N
Dim D min
DETAIL AA
See detail AA
13" Diameter Option
W2 max Measured at Hub
Dimensions are in inches and millimeters
Tape Size
12mm
Reel Option
13" Dia
Dim A
13.0 330
Dim B
0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2
Dim N
1.97 50 min
Dim W1
0.331 +0.059/-0.000 8.4 +1.5/0
Dim W2
0.567 14.4
July 2000, Rev. A
DO-214AC(SMA) Package Dimensions
DO-214AC(SMA) (FS PKG Code P5)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.064
0.181 (4.597) 0.157 (3.988) 0.062 (1.575) 0.055 (1.397)
3.93 3.73
2
1
0.114 (2.896) 0.098 (2.489)
1.67 1.47
+
2.38 2.18 5.49 5.29
0.208 (5.283) 0.188 (4.775)
0.096 (2.438) 0.078 (1.981)
Minimum Recommended Land Pattern
0.060 (1.524) 0.030 (0.762)
0.008 (0.203) 0.002 (0.051)
0.012 (0.305) 0.006 (0.152)
(c)2000 Fairchild Semiconductor International
August 1999, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of SS12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X