Part Number Hot Search : 
M3321 BL537 60NF06 MLX90 HA1221 60NF06 54F175DM 144205
Product Description
Full Text Search
 

To Download SN65012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN65012
One Channel Direct Drive Speech Controller
INTRODUCTION
SN65012 is a 12 seconds one-channel single chip voice synthesizer IC which contains a PWM Direct Drive Circuit. There is one 4-bit I/O port and built in a tiny controller. By programming through the tiny controller, user's applications including section combination, trigger modes, output status, and other logic functions can be easily implemented.
FEATURES
Single power supply 2.4V - 5.1V 12 seconds voice capacity is provided Built in a tiny controller One 4-bit I/O port is provided 64*4 bits RAM are provided Maximum 16k program ROM is provided Readable ROM code data Built in a high quality speech synthesizer Adaptive playing speed from 2.5k-20kHz is provided Built in a PWM Direct Drive circuit output BUO1 and BUO2 directly connected to Speaker for sound output System clock : 1MHz
PIN ASSIGNMENT
Symbol P20 P21 P22 P23 VDD OSC TEST GND BUO1 BUO2 I/O I/O I/O I/O I/O I I I I O O Function Description Bit0 of I/O port 2 Bit1 of I/O port 2 Bit2 of I/O port 2 Bit3 of I/O port 2 Positive power supply Oscillation component connection pin For testing only Negative power supply PWM output 1 PWM output 2
1
December 20, 2000
SN65012
One Channel Direct Drive Speech Controller
ABSOLUTE MAXIMUM RATINGS
Items Supply Voltage Input Voltage Operating Temperature Storage Temperature Symbol VDD-V VIN TOP TSTG Min -0.3 GND-0.3 -20.0 -55.0 Max 6.0 VDD+0.3 70.0 125.0 Unit. V V
o o
C C
ELECTRICAL CHARACTERISTICS
Item Operating Voltage Standby current Operating Current Input current of P2 Drive current of P2 Sink Current of P2 Drive current of Buo1 Sink Current of Buo1 Drive Current of Buo2 Sink Current of Buo2 Oscillation Freq. Sym. Min. Typ. Max. Unit VDD ISBY IOPR IIH IOD IOS IOD IOS IOD IOS FOSC 2.4 1.5 2.0 100 100 100 100 3.0 3.0 2 3 120 120 120 120 1.0 5.1 1.0 250 10.0 V uA uA uA mA mA mA mA Condition VDD=3V, no load VDD=3V, no load VDD=3V,VIN=3V VDD=3V,VO=2.4V VDD=3V,VO=0.4V VDD=3V,Buo1=1.5V VDD=3V,Buo1=1.5V
mA VDD=3V,Buo2=1.5V mA VDD=3V,Buo2=1.5V MHz VDD=3V
2
December 20, 2000
SN65012
One Channel Direct Drive Speech Controller
APPLICATION CIRCUIT
SN65012 Note: Please bonds all of VDD and VSS pins.
3
December 20, 2000
SN65012
One Channel Direct Drive Speech Controller
BONDING PAD
SN65012
Note: The substrate MUST be connected to Vss in PCB layout.
4
December 20, 2000
SN65012
One Channel Direct Drive Speech Controller
DISCLAIMER The information appearing in SONiX web pages ("this publication") is believed to be accurate. However, this publication could contain technical inaccuracies or typographical errors. The reader should not assume that this publication is error-free or that it will be suitable for any particular purpose. SONiX makes no warranty, express, statutory implied or by description in this publication or other documents which are referenced by or linked to this publication. In no event shall SONiX be liable for any special, incidental, indirect or consequential damages of any kind, or any damages whatsoever, including, without limitation, those resulting from loss of use, data or profits, whether or not advised of the possibility of damage, and on any theory of liability, arising out of or in connection with the use or performance of this publication or other documents which are referenced by or linked to this publication. This publication was developed for products offered in Taiwan. SONiX may not offer the products discussed in this document in other countries. Information is subject to change without notice. Please contact SONiX or its local representative for information on offerings available. Integrated circuits sold by SONiX are covered by the warranty and patent indemnification provisions stipulated in the terms of sale only. The application circuits illustrated in this document are for reference purposes only. SONIX DISCLAIMS ALL WARRANTIES, INCLUDING THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR ANY PURPOSE. SONIX reserves the right to halt production or alter the specifications and prices, and discontinue marketing the Products listed at any time without notice. Accordingly, the reader is cautioned to verify that the data sheets and other information in this publication are current before placing orders. Products described herein are intended for use in normal commercial applications. Applications involving unusual environmental or reliability requirements, e.g. military equipment or medical life support equipment, are specifically not recommended without additional processing by SONIX for such application.
5
December 20, 2000


▲Up To Search▲   

 
Price & Availability of SN65012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X