Part Number Hot Search : 
L1154ND MSM6434 286FK 6F20V LC7980 6F20V F2015 ML1220
Product Description
Full Text Search
 

To Download RP03-1205DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

2:1 Wide Input Voltage Range 3 Watts Regulated Output Power 1.6kVDC Isolation Over Current Protection Continuous Low Profile, 10.2 mm Height No other Components required Five-Sided Shield International Safety Standard Approvals Standard DIP24 and SMD-Pinning 2 Year Warranty No Derating to 71C Efficiency to 80%
POWERLINE
DC/DC-Converter
RP03S_DC Series
3 Watt DIP24 & SMD, Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number DIP24 (SMD) RP03-1205SC** RP03-1212SC** RP03-1215SC** RP03-2405SC** RP03-2412SC** RP03-2415SC** RP03-4805SC** RP03-4812SC** RP03-4815SC** RP03-1205DC** RP03-1212DC** RP03-1215DC** RP03-2405DC** RP03-2412DC** RP03-2415DC** RP03-4805DC** RP03-4812DC** RP03-4815DC** Input Range VDC 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 500 250 200 500 250 200 500 250 200 250 125 100 250 125 100 250 125 100 Input (4) Current mA 290 329 334 151 169 171 75 84 84 290 334 334 151 174 171 76 85 86 Efficiency(5) % 76 80 79 73 78 77 73 79 80 76 79 79 73 76 77 73 78 77 Capacitive(6) Load max. F 1000 220 150 1000 220 150 1000 220 150 470 100 68 470 100 68 470 100 68
** add Suffix SMD for SMD package
174
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
RP03-S_DC Series
RP03-4805SC/M1
125 100
Derating-Graph (Ambient Temperature)
RP03-4805SC
125 100 75 Output Power (%) 50 25 50 60 70 80 90 100 75 Ambient Temperature Range (C) 0 -25 -10 0
Output Power (%)
Natural Convection
75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100 85 Ambient Temperature Range (C)
Natural Convection
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input 9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 20mAp-p 350ms typ. 3W max. 2% 10% of FL 0.2% Single Dual 0.2% 1% 5% 50mVp-p 0.02%/C, max. 200S 180% typ Continuous, automatic recovery see Selection Guide" table continued on next page www.recom-international.com April-2005 175
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) Start Up Time (nominal Vin and constant resistor load) Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (LL-HL at full load) Load Regulation (25% to 100% FL) Cross Regulation (asymmetrical load 25%/100% FL) Ripple and Noise (20MHz bandwith) Temperature Coefficient Transient Response (25% load step change) Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Isolation Voltage In to out I/O to case I/O to case
RP03-S_DC Series
1.600VDC min. DIP type 1.600VDC min. SMD type 1.000VDC min. 109 min. 300pF max. 300kHz typ. Standard M1 (see note 3) -25C to +85C (with derating) -40C to +85C (non-derating) +100C -55C to +105C Natural convection 20C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel-Coated copper Non-conductive black plastic Epoxy (UL94-V0) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 DIP SMD DIP SMD Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 16g 18g 31.8 x 20.3 x 10.2mm 32.0 x 20.3 x 10.9mm 3.139 x 106 Hours
Isolation Resistance Isolation Capacitance Operating Frequency Operating Temperature Range Maximum Case Temperature Storage Temperature Range Thermal Impedance Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see note 2)
Notes :
1. The RP03 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40C (Ground fixed and controlled environment). 3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. See application notes for EMI-filtering.
176
April-2005
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
DIP24 Package Style
RP03-S_DC Series
3rd angle projection 20.30
31.80 10.20 3.8 2 22.90 2.54
15.20
Pin Connections Pin # Single 1 +Vin 2 +Vin 10 NC 11 NC 12 -Vout 13 +Vout 15 NC 23 -Vin 24 -Vin NC = No Connection Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
0.25 x 0.50 Rectangular Pin 12 Bottom View 24 23 15 13 10 11 12
Pin Pitch Tolerance 0.35 mm
SMD Package Style
32.00 31.40 20.30
SMD Package Style
11.20 10.90 3.81 6.35 21.30 25.40
Pin Connections Pin # Single 1 +Vin 2 +Vin 10 NC 11 NC 12 -Vout 13 +Vout 15 NC 23 -Vin 24 -Vin Others NC NC = No Connection Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin NC Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin.
2.54
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.60 2.40
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.54 24.14
1
Top View
Pin Pitch Tolerance 0.35 mm
27.94
11 x 2.54
www.recom-international.com
April-2005
177


▲Up To Search▲   

 
Price & Availability of RP03-1205DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X