Part Number Hot Search : 
120N1 TYN606 E28F400 3LC76BT FDG63 PCP1203 FSM105 LA1175
Product Description
Full Text Search
 

To Download RJ-032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUMBER:RD-SDRJ-032 DATE : 2003/04/08 -C(REV:1)
Single 10/100 BASE-TX Filtered Connector Module MODEL NO. : RJ-032
Features Fully shielded magnetics protect data from internally generated digital noise Reduces the overall length of the signal path for improved common mode performance Implements full common mode termination scheme with used and unused twisted pairs Meets IEEE802.3 Baseline Wander Compensation specification Integrates high voltage capacitor to chassis ground Supports all major transceivers with matched turns ration and complete integration of specified termination DESIGNFOR 100 BASE-TX TRANSMISSION OVER UTP-5 CABLE OPERATING TEMP RANGE:-40 TO +85 STORAGE TEMP RANGE:-55 TO +125 PRIMARY OCL INDUCTANCE: 350uH MIN AT100KHz/0.1Vrms 8mA DC BIAS
Typical Performance Characteristics
Differential to Insertion Loss (dB MAX) Return Loss (dB Min @100) Common Mode Rejection (dB MIN) MHz 0.3~100 -0.8 100~125 0.5~40 -1.2 -18 MHz 60 80 100 MHz 0.3~100 -35 20 MHz 40 60 80 100 MHz 0.3~100 -30 1500 Cross talk (dB MIN) CMRR (dB MIN) Isolation Voltage (Vrms min)
-14.5 -12 -10
-47 -40 -37 -35 -33
Schematic: Design on MDI Interface Circuitry
Taimag USA
55 Charles Drive Tewksbury Ma 01876 tel: 978.777.7725 fax: 978.777.4877 http://www.Taimagusa.com
NUMBER:RD-SDRJ-032 DATE : 2003/04/08 -C(REV:1)
Dimension: mm
TOLERANCE: 0.30
Ordering Information
RJ
RJ45
- 032
Series NO.
Taimag USA
55 Charles Drive Tewksbury Ma 01876 tel: 978.777.7725 fax: 978.777.4877 http://www.Taimagusa.com
NUMBER:RD-SDRJ-032 DATE : 2003/04/08 -C(REV:1)
Requirements
1.Design and Construction
Product shall be of design, construction and physical dimensions specified on applicable product drawing.
2.Materials and Finish
A. Contact: RJ Contact : Phosphor Bronze, Thickness=0.30mm Finish : (a) Contact Area : 30"min. Gold (b) Solder tail Area : 100"min. Tin/Lead(9:1) (c) Under plating : 50"min. Nickel over all RJ Joint Contact : Brass, Thickness=0.35mm Finish : 100"min. Tin/Lead(9:1) over 50"min. Nickel B. Plastic Part : (1) Set Housing : Thermoplastic, PBT, Black UL FILE NO. : E130155 Manufacturer : NAN YA PLASTICS CORP. Grade :1403G3 Flame Class : UL 94V-0 (2) Insert : Thermoplastic, PBT, Black UL FILE NO. : E130155 Manufacturer : MITSUI Petrochemical Industries Grade : CH230N Flame Class : UL 94V-0 (3) Spacer : Thermoplastic, PBT, Black UL FILE NO. : E130155 Manufacturer : NAN YA PLASTICS CORP. Grade : 1403G3 Flame Class : UL 94V-0 C. Shield Material :
Cartridge t=0.25mm
10"-20" Thick Nickel over 10"-20" min Thick Nickel
3. Ratings
(1) Voltage rating : 125 VAC (2) Current rating : 1.5A
Durability : 1000 cycles with no function damage for RJ-45 . Abnormalities shall be present after the test.
Low Level Contact Resistance : R=300m maximum (final)
The sample should be mounted in the tester and fully mated and unmated 500 times per hour at the rate of 25mm/min. EIA-364-09C.
Taimag USA
55 Charles Drive Tewksbury Ma 01876 tel: 978.777.7725 fax: 978.777.4877 http://www.Taimagusa.com


▲Up To Search▲   

 
Price & Availability of RJ-032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X