Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download QED123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QED121/122/123
PLASTIC INFRARED LIGHT EMITTING DIODE
PACKAGE DIMENSIONS
0.195 (4.95)
FEATURES
* = 880 nm
REFERENCE SURFACE 0.305 (7.75)
* Chip material = AlGaAs * Package type: T-1 3/4 (5mm lens diameter) * Matched Photosensor: QSD122/123/124
0.040 (1.02) NOM 0.800 (20.3) MIN
* Narrow Emission Angle, 18 * High Output Power * Package material and color: Clear, peach tinted, plastic
0.050 (1.25)
CATHODE 0.100 (2.54) NOM
0.240 (6.10) 0.215 (5.45) 0.020 (0.51) SQ. (2X)
NOTES:
1. Derate power dissipation linearly 2.67 mW/C above 25C. 2. RMA flux is recommended. 3. Methanol or isopropyl alcohols are recommended as cleaning agents. 4. Soldering iron 1/16" (1.6mm) minimum from housing.
SCHEMATIC
ANODE
1. Dimensions for all drawings are in inches (mm). 2. Tolerance of .010 (.25) on all non-nominal dimensions unless otherwise specified.
CATHODE
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Soldering Temperature (Iron)(2,3,4) Soldering Temperature (Flow)(2,3) Continuous Forward Current Reverse Voltage Power Dissipation(1)
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL-I TSOL-F IF VR PD (TA =25C)
MIN TYP MAX UNITS
Rating -40 to +100 -40 to +100 240 for 5 sec 260 for 10 sec 100 5 200
Unit C C C C mA V mW
ELECTRICAL / OPTICAL CHARACTERISTICS
PARAMETER TEST CONDITIONS
SYMBOL
PE
Peak Emission Wavelength Emission Angle Forward Voltage Reverse Current Radiant Intensity QED121 Radiant Intensity QED122 Radiant Intensity QED123 Rise Time Fall Time
IF = 20 mA IF = 100 mA IF = 100 mA, tp = 20 ms VR = 5 V IF = 100 mA, tp = 20 ms IF = 100 mA, tp = 20 ms IF = 100 mA, tp = 20 ms IF = 100 mA
-- -- -- -- 16 32 50 -- --
880 9 -- -- -- -- -- 800 800
-- -- 1.7 10 40 100 -- -- --
nm Deg. V A mW/sr mW/sr mW/sr ns ns
www.fairchildsemi.com
VF IR IE IE IE tr tf
1 OF 3
2001 Fairchild Semiconductor Corporation DS300336 4/19/01
QED121/122/123
PLASTIC INFRARED LIGHT EMITTING DIODE
TYPICAL PERFORMANCE CURVES
NORMALIZED COLLECTOR CURRENT
10
1 IF = 100 mA Normalized to: Pulse Width = 100 s Duty Cycle = 0.1% VCC = 5 V RL = 100 TA = 25C
NORMALIZED RADIANT INTENSITY
Normalized to: IF= 100 mA, TA = 25C Pulse Width = 100 s 1
0.8
0.6 IF = 20 mA
0.1
0.4
0.01
0.2
0.001 1 10 100 1000
0 0 1 2 3 4 5 6
IF - INPUT CURRENT (mA)
LENS TIP SEPERATION (INCHES)
Fig. 1 Normalized Radiant Intensity vs. Input Current
Fig. 2 Coupling Characteristics of QED12X and QSD12X
1.0
2.5
NORMALIZED RADIANT INTENSITY
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VF - FORWARD VOLTAGE (V)
IF = 50 mA 2
IF = 100 mA
1.5
1
IF = 10 mA Pulse Width = 100 s Duty Cycle = 0.1%
IF = 20 mA
0.5
0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 775 800 825 850 875 900 925 950
TA - TEMPERATURE (C)
(nm)
Fig. 3 Forward Voltage vs. Temperature
Fig. 4 Normalized Radiant Intensity vs. Wavelength
Fig. 5 Radiation Pattern
20 30 40 50 60 70 80 90 100 80 60 40 20 0 20 40 60 80 100 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90
www.fairchildsemi.com
2 OF 3
4/19/01
DS300336
QED121/122/123
PLASTIC INFRARED LIGHT EMITTING DIODE
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
DS300336
4/19/01
3 OF 3
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of QED123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X