Part Number Hot Search : 
HAF1009 TSH95 A105K 29LV160B SD200 IRF40B C4927 ST7812R
Product Description
Full Text Search
 

To Download PT2322-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Channel Audio Processor IC DESCRIPTION
PT2322
PT2322 is a 6-Channel Audio Processor IC utilizing CMOS Technology specially designed for audio applications. 6-channel individual input, 6-channel master volume control, 6-channel individual volume trim control, 3-band tone control (treble, middle, and bass), mute function, 3D effect function, tone defeat function are all built into a single chip having the highest performance and reliability with the least components. Furthermore, the pin assignments and application circuit are optimized for easy PCB Layout and cost saving benefits. Housed in 28 pins, DIP or SO Package, PT2322 is the ultimate answer to your every audio system needs.
FEATURES
* * * * * * * * * * * * * * * Very Low Power Consumption (DC=9V) I2 C Bus Control 6-Channel Individual Input 6-Channel Master Volume Control: 0 to -79 dB (1 dB/step) 6-Channel Individual Output TRIM Volume Control: 0 to -15 dB (1dB/step) 3-Band Tone Control (Treble, Middle, Bass): + 14dB , 2dB/step Mute Function 3D Effect Function Tone Defeat Function Low Noise High Channel Separation Low Harmonic Distortion Least External Components Easy to Use Available in 28-pin, DIP or SO Package
APPLICATIONS
* * * * * Audio/Video System Multi-Media Speakers TV System PC Audio AC3 Amplifier System
PT2322 v1.0
Page 1
November 2002
APPLICATION CIRCUIT
6-Channel Audio Processor IC
PT2322 v1.0
VC C C 23 22u F T O M R C N RO LE IC O O T L R R4 1 3K .3 I2C D T AA I2CC O K LC C4 C7 C 1 1 18 C 1 C 2 22 2 0p0.0 0 u 0.1 0.1u 20 1u .01 u DN GD C 7 3 IC P 2 2 1 T 32 1FR 0u 7 10 0K C 8 1 2 F O TR RN UA 2 F O TL RN R 16 6 .2K 1FR 0u 8 10 0K C 9 6 1FR 0u 9 10 0K C 10 4 5 S B O FR U W OE UB 2 C NE E TR Cr ef 10u F 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 R M 2 R B S _F C ID CA1 R R M 1 R B S _F C ID CA2 R CR_R TEF GD N IN F _R SA D IN S _R SL C IN S B _U OT R U _F VE RF OT R U _S GD N O TS B U_ U IN C _T VC C IN S _L OT T U _C IN F _L OT L U _S CR_L TEF OT L U _F R M 1_ R B S _F C ID FLC A 2 L R M 2_ R B S _F C ID FLC A 1 L 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1FR 0u 10 10 0K C 11 9 1 F R1 0u 1 10 0K C 12 7 8 1FR 0u 12 10 0K C3 C5 C 1 1 16 C 9 C 1 20 2 0p0.0 0 u 0.1 0.1u 20 1u .01 u S RO N R URUD UC 2 S RO N L URUD R3 1 3K .3 R 15 6 .2K
Page 2
U 1A F O TL RN 3
C 1
1
F O TR RN
2
R 10 1 uF 1 00K C 2
U 1B CNE ETR 6
R 10 2 uF 1 00K C 3
4
SB O FR U W OE
5
R 10 3 uF 1 00K C 4
U 1C SRO N L URUD 9
R 10 4 uF 1 00K C 5
7
SRO N R URUD
8
R 10 5 uF 1 00K C 6
R 10 J 74
R 10 6 uF 1 00K
PT2322
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
November 2002
Tel : 886-2-66296288 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
6-Channel Audio Processor IC ORDER INFORMATION
O rder Part Number PT2322 PT2322-S Package Type 28 Pins, DIP Package (600 mil) 28 Pins, SO Package (330 mil)
PT2322
Top Code PT2322 PT2322-S
PT2322 v1.0
Page 3
November 2002


▲Up To Search▲   

 
Price & Availability of PT2322-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X