Part Number Hot Search : 
TCXNL 14D220K DG428 HBR20100 MBR24045 AX150 ST115006 HN58C
Product Description
Full Text Search
 

To Download PG160128A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 160128-A
OUTLINE DIMENSION & BLOCK DIAGRAM
64.5 4.0 10.0 116.5 101.0(V/A) 95.96 2.5 14.0MAX H1 H2
4- 1.0 5.0 17.7
(P2.54 x 9)
160 x 128 Dots
2 1
52.25
5.0 5.0 97.5 104.5 0.5
96.5 82.0(V/A) 76.76
A K K A
20
19
3.5
20- 1.0 PAD20- 1.8 122.0 129.0 0.5
4.0
3.0
11.0 3.5
2.54
DB0-DB7 WR RD CE C/D RST FS Vdd Vss VL(Vo) FG A K
4
LCD CONTROLLER T6963C
3
Segment Driver
80 64 Y1~Y64 X1 80
Common Driver
64 Y1~Y64
64
X1
80 27
8K SRAM
4
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11-18 19 20 Symbol FGND Vss Vdd VL(Vo) WR RD CE C/D NC RST DB0-DB7 FS NC
Function Frame ground Power supply(GND) Power supply(+) Contrast Adjust Data write Data read
w
w
w
.D
129.0 x 104.5 101.0 x 82.0 0.56 x 0.56 0.60 x 0.60
t a
S a
e h
0.3mm
LCD PANEL (160 x 128 Dots)
80
t e
X160 X160
U 4
.c
m o
1.6
0.56 0.04 0.04 0.56
Segment Driver BACKLIGHT
Module W /O B/L EL B/L LED B/L
22.86
H2 / H1 7.0 / 14.0 7.0 / 14.0 /
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
Min. -0.3 -0.3 -0.3
Max. Units V 7.0 28.0 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Symbol Condition Min. Typical Max. Units V Power supply voltage Vdd-Vss 4.5 25oC 5.5 Top N WNW NW V 9.9 10.4 10.9 -20oC V LCD operation voltage Vop
0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
Chip enable Command / data select No connection Reset Data bus line Font selection No connection
11
11.6
10.3 9.8 10.9 10.3 11.5 10.8
9.6 9.6
10.2
Idd
Vdd=5V
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
w
w
w
.D
ta a
Sh
3 500
10.4
et e
10.8
12.2
4U
10.6
.
om c
6
V V V V mA mA mA


▲Up To Search▲   

 
Price & Availability of PG160128A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X