Part Number Hot Search : 
OPF480 CS485XX VNP28N04 MA3180 00051 HIROSE 1410517 ST150A13
Product Description
Full Text Search
 

To Download PD25012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Commn and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
250A/1200,1600V
PC25012, PC25016 PD25012, PD25016
OUTLINE DRAWING
PC
TYPICAL APPLICATIONS
* Rectified For General Use
PD
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Approx Net Weight:530g Symbol VRRM VRSM
Type / Grade
PC/D25012 1200 1300 PC/PD25016 1600 1700
Max Rated Value
Unit
V
Parameter
Average Rectified Output Current RMS Forward Current Surge Forward Current I Squared t Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=68C 50 Hz Half Sine Wave,1cycle Non-repetitive 2msec to 10msec
Unit
A A A
250 390 5000
125000 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M6 Screw 2.5 to 3.5 N*m M8 Screw 9.0 to 10.0
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Test Conditions Max. Unit 30 1.35 0.18 0.1 mA V C/W IRM VRM= VRRM, Tj= 125C VFM IFM= 800A, Tj=25C Rth(j-c) Junction to Case Base Plate to Heat Sink with Thermal Rth(c-f) Compound
PC/D2501x OUTLINE DRAWING (Dimensions in mm)
PC
PD


▲Up To Search▲   

 
Price & Availability of PD25012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X