Part Number Hot Search : 
UPD8749H PMKC03 TG322430 24305 ZPD36 BDV65 74HC4060 BA01232
Product Description
Full Text Search
 

To Download OP162DRU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Wide Bandwidth: 15 MHz Low Offset Voltage: 325 V max Low Noise: 9.5 nV//Hz @ 1 kHz Single-Supply Operation: +2.7 V to +12 V Rail-to-Rail Output Swing Low TCVOS: 1 V/ C typ High Slew Rate: 13 V/ s No Phase Inversion Unity Gain Stable APPLICATIONS Portable Instrumentation Sampling ADC Amplifier Wireless LANs Direct Access Arrangement Office Automation
15 MHz Rail-to-Rail Operational Amplifiers OP162/OP262/OP462
PIN CONFIGURATIONS 8-Lead Narrow-Body SO (S Suffix)
NULL -IN A +IN A V- 1 8 NULL V+ OUT A NC
OP162
4 5
NC = NO CONNECT
8-Lead TSSOP (RU Suffix)
NULL -IN A +IN A V-
1
8 5
OP162
4
NC = NO CONNECT
NULL V+ OUT A NC
8-Lead Narrow-Body SO (S Suffix) GENERAL DESCRIPTION
The OP162 (single), OP262 (dual), OP462 (quad) rail-to-rail 15 MHz amplifiers feature the extra speed new designs require, with the benefits of precision and low power operation. With their incredibly low offset voltage of 45 mV (typ) and low noise, they are perfectly suited for precision filter applications and instrumentation. The low supply current of 500 mA (typ) is critical for portable or densely packed designs. In addition, the rail-to-rail output swing provides greater dynamic range and control than standard video amplifiers provide. These products operate from single supplies as low as +2.7 V to dual supplies of 6 V. The fast settling times and wide output swings recommend them for buffers to sampling A/D converters. The output drive of 30 mA (sink and source) is needed for many audio and display applications; more output current can be supplied for limited durations. The OP162 family is specified over the extended industrial temperature range (-40C to +125C). The single OP162 and dual OP262 are available in 8-lead SOIC and TSSOP packages. The quad OP462 is available in 14-lead narrow-body SOIC and TSSOP packages.
OUT A -IN A +IN A V-
1
8
V+ OUT B -IN B +IN B
OP262
4 5
8-Lead TSSOP (RU Suffix)
OUT A -IN A +IN A V-
1
8 5
OP262
4
V+ OUT B -IN B +IN B
14-Lead Narrow-Body SO (S Suffix)
OUT A -IN A +IN A V+ +IN B -IN B OUT B 1 14 OUT D -IN D +IN D V- +IN C -IN C OUT C
OP462
7
8
14-Lead TSSOP (RU Suffix)
OUT A -IN A +IN A V+ +IN B -IN B OUT B
1
14
OP462
7 8
OUT D -IN D +IN D V- +IN C -IN C OUT C
REV. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
OP162/OP262/OP462-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = +5.0 V, V
S CM
= 0 V, TA = +25 C, unless otherwise noted)
Min Typ 45 Max 325 800 1 3 5 600 650 25 40 +4 Units mV mV mV mV mV nA nA nA nA V dB V/mV V/mV V/mV mV mV/C pA/C V V mV mV mA mA dB dB mA mA mA mA V/ms ns MHz Degrees mV p-p nV//Hz pA//Hz
Parameter INPUT CHARACTERISTICS Offset Voltage
Symbol VOS
Conditions OP162G, OP262G, OP462G, -40C TA +125C H Grade, -40C TA +125C D Grade, -40C TA +125C -40C TA +125C -40C TA +125C 0 V VCM +4.0 V, -40C TA +125C RL = 2 kW, 0.5 VOUT 4.5 V RL = 10 kW, 0.5 VOUT 4.5 V RL = 10 kW, -40C TA +125C G Grade1 Note 2
0.8 360 2.5 0 70 65 40 110 30 88
Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Large Signal Voltage Gain
IB IOS VCM CMRR AVO VOS DVOS/DT DIB/DT VOH VOL ISC IOUT PSRR ISY
Long-Term Offset Voltage Offset Voltage Drift Bias Current Drift OUTPUT CHARACTERISTICS Output Voltage Swing High Output Voltage Swing Low Short Circuit Current Maximum Output Current POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier
600 1 250 4.95 4.85 4.99 4.94 14 65 80 30 120 90 600 500 750 1 700 850
IL = 250 mA, -40C TA +125C IL = 5 mA IL = 250 mA, -40C TA +125C IL = 5 mA Short to Ground
50 150
VS = +2.7 V to +7 V -40C TA +125C OP162, VOUT = 2.5 V -40C TA +125C OP262, OP462, VOUT = 2.5 V -40C TA +125C 1 V < VOUT < 4 V, RL = 10 kW To 0.1%, AV = -1, VO = 2 V Step
DYNAMIC PERFORMANCE Slew Rate Settling Time Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density
SR tS GBP fm en p-p en in
10 540 15 61 0.5 9.5 0.4
0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz
NOTES 1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125 C, with an LTPD of 1.3. 2 Offset voltage drift is the average of the -40C to +25C delta and the +25C to +125C delta. Specifications subj]ect to change without notice.
-2-
REV. D
OP162/OP262/OP462-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V = +3.0 V, V
S CM
OP162/OP262/OP462
Min Typ 50 0.8 360 2.5 110 20 30 600 2.95 2.85 2.99 2.93 14 66 Max 325 1 3 5 600 25 +2 Units mV mV mV mV nA nA V dB V/mV V/mV mV V V mV mV
= 0 V, TA = +25 C, unless otherwise noted)
Parameter INPUT CHARACTERISTICS Offset Voltage
Symbol VOS
Conditions OP162G, OP262G, OP462G H Grade, -40C TA +125C D Grade, -40C TA +125C
Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Large Signal Voltage Gain Long-Term Offset Voltage OUTPUT CHARACTERISTICS Output Voltage Swing High Output Voltage Swing Low POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier
IB IOS VCM CMRR AVO VOS VOH VOL
0 V VCM +2.0 V, -40C TA +125C RL = 2 kW, 0.5 V VOUT 2.5 V RL = 10 kW, 0.5 V VOUT 2.5 V G Grade1 IL = 250 mA IL = 5 mA IL = 250 mA IL = 5 mA VS = +2.7 V to +7 V, -40C TA +125C OP162, VOUT = 1.5 V -40C TA +125C OP262, OP462, VOUT = 1.5 V -40C TA +125C RL = 10 kW To 0.1%, AV = -1, VO = 2 V Step
0 70 20
50 150
PSRR ISY
60
110 600 500
700 1 650 850
dB mA mA mA mA V/ms ns MHz Degrees mV p-p nV//Hz pA//Hz
DYNAMIC PERFORMANCE Slew Rate Settling Time Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density
SR tS GBP fm en p-p en in
10 575 15 59 0.5 9.5 0.4
0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz
NOTES 1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125 C, with an LTPD of 1.3. Specifications subject to change without notice.
REV. D
-3-
OP162/OP262/OP462-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V =
S
5.0 V, VCM = 0 V, TA = +25 C, unless otherwise noted)
Min Typ 25 Max 325 800 1 3 5 500 650 25 40 +4 Units mV mV mV mV mV nA nA nA nA V dB V/mV V/mV V/mV mV mV/C pA/C V V V V mA mA
Parameter INPUT CHARACTERISTICS Offset Voltage
Symbol VOS
Conditions OP162G, OP262G, OP462G -40C TA +125C H Grade, -40C TA +125C D Grade, -40C TA +125C -40C TA +125C -40C TA +125C -4.9 V VCM +4.0 V, -40C TA +125C RL = 2 kW, -4.5 V VOUT 4.5 V RL = 10 kW, -4.5 V VOUT 4.5 V -40C TA +125C G Grade1 Note 2
0.8 260 2.5 -5 70 75 25 110 35 120
Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Large Signal Voltage Gain
IB IOS VCM CMRR AVO VOS DVOS/DT DIB/DT VOH VOL ISC IOUT PSRR ISY
Long-Term Offset Voltage Offset Voltage Drift Bias Current Drift OUTPUT CHARACTERISTICS Output Voltage Swing High Output Voltage Swing Low Short Circuit Current Maximum Output Current POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier
600 1 250 4.95 4.85 4.99 4.94 -4.99 -4.94 80 30
IL = 250 mA, -40C TA +125C IL = 5 mA IL = 250 mA, -40C TA +125C IL = 5 mA Short to Ground
-4.95 -4.85
Supply Voltage Range DYNAMIC PERFORMANCE Slew Rate Settling Time Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Voltage Noise Density Current Noise Density
VS SR tS GBP fm en p-p en in
VS = 1.35 V to 6 V, -40C TA +125C OP162, VOUT = 0 V -40C TA +125C OP262, OP462, VOUT = 0 V -40C TA +125C
60
110 650 550
+3.0 ( 1.5) 13 475 15 64 0.5 9.5 0.4
800 1.15 775 1 +12 ( 6)
dB mA mA mA mA V V/ms ns MHz Degrees mV p-p nV//Hz pA//Hz
-4 V < VOUT < 4 V, RL = 10 kW To 0.1%, AV = -1, VO = 2 V Step
0.1 Hz to 10 Hz f = 1 kHz f = 1 kHz
NOTES 1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125 C, with an LTPD of 1.3. 2 Offset voltage drift is the average of the -40C to +25C delta and the +25C to +125C delta. Specifications subject to change without notice.
-4-
REV. D
OP162/OP262/OP462
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V Input Voltage1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . 0.6 V Internal Power Dissipation SOIC (S) . . . . . . . . . . . . . . . . . . . Observe Derating Curves TSSOP (RU) . . . . . . . . . . . . . . . . Observe Derating Curves Output Short-Circuit Duration . . . . Observe Derating Curves Storage Temperature Range . . . . . . . . . . . . -65C to +150C Operating Temperature Range . . . . . . . . . . -40C to +125C Junction Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 10 sec) . . . . . . . +300C
Package Type
3 JA JC
ABSOLUTE MAXIMUM RATINGS
ORDERING GUIDE Temperature Range Package Description Package Option
Model
Units
OP162GS OP162DRU OP162HRU OP262DRU OP262GS OP262HRU OP462DRU OP462DS OP462GS OP462HRU
-40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C
8-Lead SOIC 8-Lead TSSOP 8-Lead TSSOP 8-Lead TSSOP 8-Lead SOIC 8-Lead TSSOP 14-Lead TSSOP 14-Lead SOIC 14-Lead SOIC 14-Lead TSSOP
RN-8 RU-8 RU-8 RU-8 RN-8 RU-8 RU-14 RN-14 RN-14 RU-14
8-Lead SOIC (S) 8-Lead TSSOP (RU) 14-Lead SOIC (S) 14-Lead TSSOP (RU)
158 240 120 180
43 43 36 35
C/W C/W C/W C/W
NOTES 1 For supply voltages greater than 6 volts, the input voltage is limited to less than or equal to the supply voltage. 2 For differential input voltages greater than 0.6 volts the input current should be limited to less than 5 mA to prevent degradation or destruction of the input devices. 3 qJA is specified for the worst case conditions, i.e., qJA is specified for device soldered in circuit board for SOIC and TSSOP packages.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the OP162/OP262/OP462 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, p roper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. D
-5-
OP162/OP262/OP462-Typical Performance Characteristics
250 VS = 5V 200
QUANTITY - Amplifiers
100 VS = 5V 80
QUANTITY - Amplifiers
420 VS = 5V
INPUT BIAS CURRENT - nA
TA = 25 C COUNT = 720 OP AMPS
TA = 25 C COUNT = 360 OP AMPS
340
150
60
260
100
40
180
50
20
0 -200 -140 -80 -20 40 100 160 INPUT OFFSET VOLTAGE - V
0
0.2
0.3 0.5 0.7 0.9 1.1 1.3 1.5 INPUT OFFSET DRIFT, TCVOS - V/ C
100
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 COMMON-MODE VOLTAGE - Volts
Figure 1. OP462 Input Offset Voltage Distribution
Figure 2. OP462 Input Offset Voltage Drift (TCVOS)
Figure 3. OP462 Input Bias Current vs. Common-Mode Voltage
125
0
15
V
INPUT OFFSET VOLTAGE -
INPUT BIAS CURRENT - nA
100
-100
INPUT OFFSET CURRENT - nA
VS = 5V
VS = 5V
VS = 5V
75
10
-200
50
-300
5
25
-400
0 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
-500 -50
-25
0
25 50 75 100 125 150 TEMPERATURE - C
0 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
Figure 4. OP462 Input Offset Voltage vs. Temperature
Figure 5. OP462 Input Bias Current vs. Temperature
Figure 6. OP462 Input Offset Current vs. Temperature
5.12
0.100 VS = 5V VS = 5V
100 RL = 10k
OPEN-LOOP GAIN - V/mV
OUTPUT HIGH VOLTAGE - Volts
5.06 IOUT = 250 A
OUTPUT LOW VOLTAGE - mV
0.080 IOUT = 5mA 0.060
80 VS = 5V 60
5.00
4.94 IOUT = 5mA 4.88
0.040
40 RL = 2k 20 RL = 600 0 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C
0.020 IOUT = 250 A
4.82 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
0.000 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
Figure 7. OP462 Output High Voltage vs. Temperature
Figure 8. OP462 Output Low Voltage vs. Temperature
Figure 9. OP462 Open-Loop Gain vs. Temperature
-6-
REV. D
OP162/OP262/OP462
100
1.0 0.9
0.7
OUTPUT VOLTAGE - mV
SUPPLY CURRENT - mA
0.7 0.6 0.5 0.4 0.3 0.2 0.1
VS = 10V VS = 5V VS = 3V
SUPPLY CURRENT - mA
80
0.8
TA = 25 C 0.6
60 VS = 10V 40 VS = 3V
0.5
20
0.4 0 2 4 6 8 10 SUPPLY VOLTAGE - Volts 12
0
0
1
2 3 4 5 6 LOAD CURRENT - mA
7
0 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
Figure 10. Output Low Voltage to Supply Rail vs. Load Current
Figure 11. Supply Current/Amplifier vs. Temperature
Figure 12. OP462 Supply Current/ Amplifier vs. Supply Voltage
50 40 30 GAIN - dB 20 10 0 PHASE GAIN VS = 5V TA = 25 C 45 PHASE SHIFT - dB 90 135 180 225 270 10M 1M FREQUENCY - Hz 100M
60 VS = 5V
5
CLOSED-LOOP GAIN - dB
40
TA = +25 C RL = 830 CL 5pF
MAXIMUM OUTPUT SWING - V p-p
4
20
3 VS = 5V 2 AVCL = 1 RL = 10k 1 CL = 15pF TA = 25C DISTORTION < 1% 1M 100k FREQUENCY - Hz 10M
0
-10 -20 -30 100k
-20
-40 10k
100k
1M 10M FREQUENCY - Hz
100M
0 10k
Figure 13. Open-Loop Gain and Phase vs. Frequency (No Load)
Figure 14. Closed-Loop Gain vs. Frequency
Figure 15. Maximum Output Swing vs. Frequency
4 3
60 0.1% 0.01% 50
70 60 VS = 5V TA = 25 C 50 40 30 20 10 0
100 CAPACITANCE - pF 1000
STEP SIZE - Volts
OVERSHOOT - %
TA = 25 C 1 0 -1 -2 0.1% -3 -4 0 200 400 600 800 SETTLING TIME - ns 1000 0.01%
40 30 20 10 0 10
TA = 25 C VIN = 50mV +OS -OS RL = 10k
NOISE DENSITY - nV/ Hz
2
VS = 5V
VS = 5V
1
10 100 FREQUENCY - Hz
1k
Figure 16. Settling Time vs. Step Size
Figure 17. Small-Signal Overshoot vs. Capacitance
Figure 18. Voltage Noise Density vs. Frequency
REV. D
-7-
OP162/OP262/OP462
7 6
NOISE DENSITY - pA/ Hz
300
90
VS = 5V TA = 25 C
VS = 5V TA = 25 C
OUTPUT IMPEDANCE -
250 200
80 70
CMRR - dB
VS = 5V TA = 25 C
5 4 3 2 1 0 1 10 100 FREQUENCY - Hz 1k
60 50 40 30 20 1k
150 AVCL = 10 100 AVCL = 1 50 0 100k
1M FREQUENCY - Hz
10M
10k
100k 1M FREQUENCY - Hz
10M
Figure 19. Current Noise Density vs. Frequency
Figure 20. Output Impedance vs. Frequency
Figure 21. CMRR vs. Frequency
90 80 70
PSRR - dB
VS = 5V TA = 25 C
100 90
20mV
2s
100 90
2V
VIN = 12V p-p VS = AV = 1 5V
60 +PSRR 50 40 30 20 1k
10 0%
-PSRR
VS = 5V AV = 100k en = 0.5 V p-p
10 0%
2V
20 s
10k
100k 1M FREQUENCY - Hz
10M
Figure 22. PSRR vs. Frequency
Figure 23. 0.1 Hz to 10 Hz Noise
Figure 24. No Phase Reversal; [VIN = 12 V p-p, VS = 5 V, AV = 1]
VS = 5V
100 90
VS = 5V AV = 1 TA = 25 C CL = 100pF
100 90
AV = 1 TA = 25 C CL = 100pF
10 0%
10 0%
20mV
200ns
500mV
100 s
Figure 25. Small Signal Transient Response
Figure 26. Large Signal Transient Response
-8-
REV. D
OP162/OP262/OP462
APPLICATIONS SECTION Functional Description
The OPx62 family is fabricated using Analog Devices' high speed complementary bipolar process, also called XFCB. The process includes trench isolating each transistor to lower parasitic capacitances thereby allowing high speed performance. This high speed process has been implemented without trading off the excellent transistor matching and overall dc performance characteristic of Analog Devices' complementary bipolar process. This makes the OPx62 family an excellent choice as an extremely fast and accurate low voltage op amp. Figure 27 shows a simplified equivalent schematic for the OP162. A PNP differential pair is used at the input of the device. The cross connecting of the emitters is used to lower the transconductance of the input stage, which improves the slew rate of the device. Lowering the transconductance through cross connecting the emitters has another advantage in that it provides a lower noise factor than if emitter degeneration resistors were used. The input stage can function with the base voltages taken all the way to the negative power supply, or up to within 1 V of the positive power supply.
VCC
VCC. It is important to avoid accidentally connecting the wiper to VEE, as this will damage the device. The recommended value for the potentiometer is 20 kW.
+5V
1 8 3
20k 7
OP162
2 4
6
VOS
-5V
Figure 28. Schematic Showing Offset Adjustment
Rail-to-Rail Output
The OP162/OP262/OP462 has a wide output voltage range that extends to within 60 mV of each supply rail with a load current of 5 mA. Decreasing the load current will extend the output voltage range even closer to the supply rails. The commonmode input range extends from ground to within 1 V of the positive supply. It is recommended that there be some minimal amount of gain when a rail-to-rail output swing is desired. The minimum gain required is based on the supply voltage and can be found as:
AV, min = VS VS - 1
+IN -IN VOUT
where VS is the positive supply voltage. With a single supply voltage of +5 V, the minimum gain to achieve rail-to-rail output should be 1.25.
Output Short-Circuit Protection
VEE
To achieve a wide bandwidth and high slew rate, the output of the OP162/OP262/OP462 is not short-circuit protected. Shorting the output directly to ground or to a supply rail may destroy the device. The typical maximum safe output current is 30 mA. Steps should be taken to ensure the output of the device will not be forced to source or sink more than 30 mA.
Figure 27. Simplified Schematic
Two complementary transistors in a common-emitter configuration are used for the output stage. This allows the output of the device to swing to within 50 mV of either supply rail at load currents less than 1 mA. As load current increases, the maximum voltage swing of the output will decrease. This is due to the collector-to-emitter saturation voltages of the output transistors increasing. The gain of the output stage, and consequently the open-loop gain of the amplifier, is dependent on the load resistance connected at the output. And because the dominant pole frequency is inversely proportional to the open-loop gain, the unity-gain bandwidth of the device is not affected by the load resistance. This is typically the case in rail-to-rail output devices.
Offset Adjustment
In applications where some output current protection is needed, but not at the expense of reduced output voltage headroom, a low value resistor in series with the output can be used. This is shown in Figure 29. The resistor is connected within the feedback loop of the amplifier so that if VOUT is shorted to ground and VIN swings up to +5 V, the output current will not exceed 30 mA. For single +5 V supply applications, resistors less than 169 W are not recommended.
+5V
VIN
169
OPx62
VOUT
Because the OP162/OP262/OP462 has such an exceptionally low typical offset voltage, adjustment to correct offset voltage may not be needed. However, the OP162 does have pinouts where a nulling resistor can be attached. Figure 28 shows how the OP162 offset voltage can be adjusted by connecting a potentiometer between Pins 1 and 8, and connecting the wiper to
Figure 29. Output Short-Circuit Protection
REV. D
-9-
OP162/OP262/OP462
Input Overvoltage Protection
MAXIMUM POWER DISSIPATION - Watts
The input voltage should be limited to 6 V or damage to the device can occur. Electrostatic protection diodes placed in the input stage of the device help protect the amplifier from static discharge. Diodes are connected between each input as well as from each input to both supply pins as shown in the simplified equivalent circuit in Figure 27. If an input voltage exceeds either supply voltage by more than 0.6 V, or if the differential input voltage is greater than 0.6 V, these diodes begin to energize and overvoltage damage could occur. The input current should be limited to less than 5 mA to prevent degradation or destruction of the device. This can be done by placing an external resistor in series with the input that could be overdriven. The size of the resistor can be calculated by dividing the maximum input voltage by 5 mA. For example, if the differential input voltage could reach 5 V, the external resistor should be 5 V/5 mA = 1 kW. In practice, this resistance should be placed in series with both inputs to balance any offset voltages created by the input bias current.
Output Phase Reversal
Figures 30 and 31 provide a convenient way to see if the device is being overheated. The maximum safe power dissipation can be found graphically, based on the package type and the ambient temperature around the package. By using the previous equation, it is a simple matter to see if PDISS exceeds the device's power derating curve. To ensure proper operation, it is important to observe the recommended derating curves shown in Figures 30 and 31.
2.0
1.5
1.0
8-PIN SOIC PACKAGE
0.5
8-PIN TSSOP PACKAGE
MAXIMUM POWER DISSIPATION - Watts
The OP162/OP262/OP462 is immune to phase reversal as long as the input voltage is limited to 6 V. Figure 24 shows a photo of the output of the device with the input voltage driven beyond the supply voltages. Although the device's output will not change phase, large currents due to input overvoltage could result, damaging the device. In applications where the possibility of an input voltage exceeding the supply voltage exists, overvoltage protection should be used, as described in the previous section.
Power Dissipation
0 -40
-20
0
20 40 60 80 100 AMBIENT TEMPERATURE - C
120
Figure 30. Maximum Power Dissipation vs. Temperature for 8-Pin Package Types
2.0
1.5 14-PIN SOIC PACKAGE 1.0
The maximum power that can be safely dissipated by the OP162/OP262/OP462 is limited by the associated rise in junction temperature. The maximum safe junction temperature is 150C, and should not be exceeded or device performance could suffer. If this maximum is momentarily exceeded, proper circuit operation will be restored as soon as the die temperature is reduced. Leaving the device in an "overheated" condition for an extended period can result in permanent damage to the device. To calculate the internal junction temperature of the OPx62, the following formula can be used: TJ = PDISS qJA + TA where: TJ = OPx62 junction temperature; PDISS = OPx62 power dissipation; qJA = OPx62 package thermal resistance, junction-toambient; and TA = Ambient temperature of the circuit. The power dissipated by the device can be calculated as: PDISS = ILOAD (VS - VOUT) where: ILOAD is the OPx62 output load current; VS is the OPx62 supply voltage; and VOUT is the OPx62 output voltage.
0.5
14-PIN TSSOP PACKAGE
0 -40
-20
0
20 40 60 80 100 AMBIENT TEMPERATURE - C
120
Figure 31. Maximum Power Dissipation vs. Temperature for 14-Pin Package Types
Unused Amplifiers
It is recommended that any unused amplifiers in a dual or a quad package be configured as a unity gain follower with a 1 kW feedback resistor connected from the inverting input to the output and the noninverting input tied to the ground plane.
Power On Settling Time
The time it takes for the output of an op amp to settle after a supply voltage is delivered can be an important consideration in some power-up sensitive applications. An example of this would be in an A/D converter where the time until valid data can be produced after power-up is important. The OPx62 family has a rapid settling time after power-up. Figure 32 shows the OP462 output settling times for a single supply voltage of VS = +5 V. The test circuit in Figure 33 was used to find the power on settling times for the device.
-10-
REV. D
OP162/OP262/OP462
2V
100 90
500ns
100 90
VS = 5V AV = 1 CL = 300pF RL = 10k WITH SNUBBER: RX = 140 CX = 10nF
VS = 5V
10 0%
AV = 1 RL = 10k 50mV
10 0%
50mV
1s
Figure 32. Oscilloscope Photo of VS and VOUT
+1 0 TO +5V SQUARE + -
Figure 36. A Photo of a Nice Square Wave at the Output
OP462
10k
VOUT
The network operates in parallel with the load capacitor, CL, and provides compensation for the added phase lag. The actual values of the network resistor and capacitor are determined empirically to minimize overshoot while maximizing unity-gain bandwidth. Table I shows a few sample snubber networks for large load capacitors:
Table I. Snubber Networks for Large Capacitive Loads
Figure 33. Test Circuit for Power On Settling Time
Capacitive Load Drive
CLOAD
RX
CX
The OP162/OP262/OP462 is a high speed, extremely accurate device and can tolerate some capacitive loading at its output. As load capacitance increases, however, the unity-gain bandwidth of the device will decrease. There will also be an increase in overshoot and settling time for the output. Figure 35 shows an example of this with the device configured for unity gain and driving a 10 kW resistor and 300 pF capacitor placed in parallel. By connecting a series R-C network, commonly called a "snubber" network, from the output of the device to ground, this ringing can be eliminated and overshoot can be significantly reduced. Figure 34 shows how to set up the snubber network, and Figure 36 shows the improvement in output response with the network added.
+5V
<300 pF 500 pF 1 nF 10 nF
140 W 100 W 80 W 10 W
10 nF 10 nF 10 nF 47 nF
Obviously, higher load capacitance will also reduce the unitygain bandwidth of the device. Figure 37 shows a plot of unitygain bandwidth versus capacitive load. The snubber network will not provide any increase in bandwidth, but it will substantially reduce ringing and overshoot, as shown in the difference between Figures 35 and 36.
10 9 8
BANDWIDTH - MHz
7 6 5 4 3 2
OPx62
VIN RX CX CL
VOUT
Figure 34. Snubber Network Compensation for Capacitive Loads
1 0 10pF 100pF 1nF CLOAD 10nF
100 90
VS = 5V AV = 1 CL = 300pF RL = 10k
Figure 37. Unity Gain Bandwidth vs. CLOAD
Total Harmonic Distortion and Crosstalk
The OPx62 device family offers low total harmonic distortion. This makes it an excellent device choice for audio applications. Figure 38 shows a graph of THD plus noise figures at 0.001% for the OP462. Figure 39 shows a graph of the worst case crosstalk between two amplifiers in the OP462 device. A 1 V rms signal is applied to one amplifier while measuring the output of an adjacent amplifier. Both amplifiers are configured for unity gain and supplied with 2.5 V.
-11-
10 0%
50mV
1s
Figure 35. A Photo of a Ringing Square Wave
REV. D
OP162/OP262/OP462
0.010 VS = 2.5V AV = 1 VIN = 1.0V rms RL = 10k BANDWIDTH: <10Hz TO 22kHz 0.001
The audio signal is ac coupled to each noninverting input through a 10 mF capacitor. The gain of the amplifier is controlled by the feedback resistors and is: (R2/R1) + 1. For this example, the gain is 6. By removing R1 altogether, the amplifier would have unity gain. A 169 W resistor is placed at the output in the feedback network to short-circuit protect the output of the device. This would prevent any damage to the device from occurring if the headphone output became shorted. A 270 mF capacitor is used at the output to couple the amplifier to the headphone. This value is much larger than that used for the input because of the low impedance of headphones, which can range from 32 W to 600 W or more.
1k FREQUENCY - Hz 10k 20k
THD+N - %
0.0001 20
100
R1 = 10k 10 F LEFT IN 10 F L VOLUME CONTROL
R2 = 50k 5V 270 F 47k 100k 10 F 5V
Figure 38. THD+N vs. Frequency Graph
-40 -50 -60 -70
XTALK - dBV
OP262-A
169
AV = 1 VIN = 1.0V rms (0dBV) RL = 10k VS = 2.5V
HEADPHONE LEFT
5V
10k 100k
-80 -90 -100 -110 -120 -130 -140 20 100 1k FREQUENCY - Hz 10k 20k
10k R VOLUME CONTROL 10 F OP262-B
169
270 F 47k
HEADPHONE RIGHT
RIGHT IN
R2 = 50k R1 = 10k 10 F
Figure 39. Crosstalk vs. Frequency Graph
PCB Layout Considerations
Figure 40. Headphone Output Amplifier
Instrumentation Amplifier
Because the OP162/OP262/OP462 can provide gain at high frequency, careful attention to board layout and component selection is recommended. As with any high speed application, a good ground plane is essential to achieve the optimum performance. This can significantly reduce the undesirable effects of ground loops and IR losses by providing a low impedance reference point. Best results are obtained with a multilayer board design with one layer assigned to ground plane. Chip capacitors should be used for supply bypassing, with one end of the capacitor connected to the ground plane and the other end connected within 1/8 inch of each power pin. An additional large tantalum electrolytic capacitor (4.7 mF-10 mF) should be connected in parallel. This capacitor does not need to be placed as close to the supply pins, as it is to provide current for fast large-signal changes at the device's output.
APPLICATION CIRCUITS Single Supply Stereo Headphone Driver
Because of its high speed, low offset voltages and low noise characteristics, the OP162/OP262/OP462 can be used in a wide variety of high speed applications, including a precision instrumentation amplifier. Figure 41 shows an example of such an application.
-VIN OP462-A 2k
1k OP462-D RG 10k
2k OP462-C 2k 1.9k 10k 200 10 TURN (OPTIONAL) OUTPUT
1k
OP462-B +VIN
Figure 40 shows a stereo headphone output amplifier that can be run from a single +5 V supply. The reference voltage is derived by dividing the supply voltage down with two 100 kW resistors. A 10 mF capacitor prevents power supply noise from contaminating the audio signal and establishes an ac ground for the volume control potentiometers.
Figure 41. A High Speed Instrumentation Amplifier
-12-
REV. D
OP162/OP262/OP462
The differential gain of the circuit is determined by RG, where:
ADIFF = 1 + 2 RG
Direct Access Arrangement
with the RG resistor value in kW. Removing RG will set the circuit gain to unity. The fourth op amp, OP462-D, is optional and is used to improve CMRR by reducing any input capacitance to the amplifier. By shielding the input signal leads and driving the shield with the common-mode voltage, input capacitance is eliminated at common-mode voltages. This voltage is derived from the midpoint of the outputs of OP462-A and OP462-B by using two 10 kW resistors followed by OP462-D as a unity gain buffer. It is important to use 1% or better tolerance components for the 2 kW resistors, as the common-mode rejection is dependent on their ratios being exact. A potentiometer should also be connected in series with the OP462-C noninverting input resistor to ground to optimize common-mode rejection. The circuit in Figure 41 was implemented to test its settling time. The instrumentation amp was powered with 5 V, so the input step voltage went from -5 V to +4 V to keep the OP462 within its input range. Therefore, the 0.05% settling range is when the output is within 4.5 mV. Figure 42 shows the positive slope settling time to be 1.8 ms, and Figure 43 shows a settling time of 3.9 ms for the negative slope.
5mV
100 90
Figure 44 shows a schematic for a +5 V single supply transmit/ receive telephone line interface for 600 W transmission systems. It allows full duplex transmission of signals on a transformer coupled 600 W line. Amplifier A1 provides gain that can be adjusted to meet the modem output drive requirements. Both A1 and A2 are configured so as to apply the largest possible differential signal to the transformer. The largest signal available on a single +5 V supply is approximately 4.0 V p-p into a 600 W transmission system. Amplifier A3 is configured as a difference amplifier to extract the receive information from the transmission line for amplification by A4. A3 also prevents the transmit signal from interfering with the receive signal. The gain of A4 can be adjusted in the same manner as A1's to meet the modem's input signal requirements. Standard resistor values permit the use of SIP (Single In-line Package) format resistor arrays. Couple this with the OP462 14-lead SOIC or TSSOP package and this circuit can offer a compact solution.
P1 TX GAIN ADJUST TO TELEPHONE LINE 1:1 ZO 600 T1 MIDCOM 671-8005 6.2V 6.2V R6 10k 6 7 A2 5 10 F R9 10k 2 R10 10k R13 10k R14 14.3k 6 5 A4 R8 10k
R2 9.09k 2 A1 3 R1 10k C1 0.1 F TRANSMIT TXA
R3 360 R5 10k
2k 1
5V DC R7 10k
2V
P2 RX GAIN ADJUST 2k 7
10 0%
R11 10k
3 R12 10k
A3
1
RECEIVE RXA
1s
C2 0.1 F
Figure 42. Positive Slope Settling Time
A1, A2 = 1/2 AD8532 A3, A4 = 1/2 AD8532
Figure 44. A Single-Supply Direct Access Arrangement for Modems
5mV
100 90
2V
10 0%
1s 1s
Figure 43. Negative Slope Settling Time
REV. D
-13-
OP162/OP262/OP462
Spice Macro-Model
* OP162/OP262/OP462 SPICE Macro-model * 7/96, Ver. 1 * Troy Murphy / ADSC * * Copyright 1996 by Analog Devices * * Refer to "README.DOC" file for License Statement. Use of this model * indicates your acceptance of the terms and provisions in the License * Statement * * Node Assignments * noninverting input * | inverting input * | | positive supply * | | | negative supply * | | | | output * | | | | | * | | | | | .SUBCKT OP162 1 2 99 50 45 * *INPUT STAGE * Q1 5 73 PIX 5 Q2 6 24 PIX 5 Ios 1 2 1.25E-9 I1 99 15 85E-6 EOS 7 1 POLY(1) (14, 20) 45E-6 1 RC1 5 50 3.035E+3 RC2 6 50 3.035E+3 RE1 3 15 607 RE2 4 15 607 C1 5 6 600E-15 D1 3 8 DX D2 4 9 DX V1 99 8 DC 1 V2 99 9 DC 1 * * 1st GAIN STAGE * EREF 98 0 (20, 0) 1 G1 98 10 (5, 6) 10.5 R1 10 98 1 C2 10 98 3.3E-9 * * COMMON-MODE STAGE WITH ZERO AT 4kHz * ECM 13 98 POLY (2) (1, 98) (2, 98) 0 0.5 0.5 R2 13 14 1E+6 R3 14 98 70 C3 13 14 80E-12 * * POLE AT 1.5MHz, ZERO AT 3MHz * G2 21 98 (10, 98) .588E-6 R4 21 98 1.7E6 R5 21 22 1.7E6 C4 22 98 31.21E-15 * * POLE AT 6MHz, ZERO AT 3MHz * E1 23 98 (21, 98) 2 R6 23 24 53E+3 R7 24 98 53E+3 C5 23 24 1E-12 * * SECOND GAIN STAGE * G3 25 98 (24, 98) 40E-6 R8 25 98 1.65E+6 D3 25 99 DX D4 50 25 DX * * OUTPUT STAGE * GSY 99 50 POLY (1) (99, 50) 277.5E-6 R9 99 20 100E3 R10 20 50 100E3 Q3 45 41 99 POUT 4 Q4 45 43 50 NOUT 2 EB1 99 40 POLY (1) (98, 25) 0.70366 EB2 42 50 POLY (1) (25, 98) 0.73419 RB1 40 41 500 RB2 42 43 500 CF 45 25 11E-12 D5 46 99 DX D6 47 43 DX V3 46 41 0.7 V4 47 50 0.7 . MODEL PIX PNP (Bf=117.7) .MODEL POUT PNP (BF=119, IS=2.782E-17, .MODEL NOUT NPN (BF=110, IS=1.786E-17, .MODEL DX D() .ENDS
7.5E-6
1 1
VAF=28, KF=3E-7) VAF=90, KF=3E-7)
-14-
REV. D
OP162/OP262/OP462
OUTLINE DIMENSIONS
8-Lead Standard Small Outline Package [SOIC] Narrow Body (RN-8)
Dimensions shown in millimeters and (inches)
14-Lead Standard Small Outline Package [SOIC] Narrow Body (RN-14)
Dimensions shown in millimeters and (inches)
5.00 (0.1968) 4.80 (0.1890)
8 5 4
8.75 (0.3445) 8.55 (0.3366) 4.00 (0.1575) 3.80 (0.1496)
14 1 8 7
4.00 (0.1574) 3.80 (0.1497)
1
6.20 (0.2440) 5.80 (0.2284)
6.20 (0.2441) 5.80 (0.2283)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040) COPLANARITY SEATING 0.10 PLANE
1.75 (0.0688) 1.35 (0.0532) 8 0.25 (0.0098) 0 0.19 (0.0075)
0.50 (0.0196) 0.25 (0.0099)
45
0.25 (0.0098) 0.10 (0.0039) COPLANARITY 0.10
1.27 (0.0500) BSC
1.75 (0.0689) 1.35 (0.0531)
0.50 (0.0197) 0.25 (0.0098)
45
0.51 (0.0201) 0.33 (0.0130)
1.27 (0.0500) 0.41 (0.0160)
0.51 (0.0201) 0.33 (0.0130)
SEATING PLANE
8 0.25 (0.0098) 0 1.27 (0.0500) 0.40 (0.0157) 0.19 (0.0075)
COMPLIANT TO JEDEC STANDARDS MS-012AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
8-Lead Thin Shrink Small Outline Package [TSSOP] (RU-8)
Dimensions shown in millimeters
14-Lead Thin Shrink Small Outline Package [TSSOP] (RU-14)
Dimensions shown in millimeters
3.10 3.00 2.90
5.10 5.00 4.90
8
5
14
8
4.50 4.40 6.40 BSC 4.30
1 4
4.50 4.40 4.30
1 7
6.40 BSC
PIN 1 0.15 0.05 0.65 BSC 1.20 MAX SEATING 0.20 PLANE 0.09 8 0
PIN 1 1.05 1.00 0.80 0.65 BSC 1.20 MAX 0.15 0.05 0.30 0.19
0.20 0.09 8 0
0.30 COPLANARITY 0.19 0.10
0.75 0.60 0.45
SEATING COPLANARITY PLANE 0.10
0.75 0.60 0.45
COMPLIANT TO JEDEC STANDARDS MO-153AA
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
REV. D
-15-
OP162/OP262/OP462 Revision History
Location 10/02--Data Sheet changed from REV. C to REV. D. Page
-16-
REV. D
PRINTED IN U.S.A.
C00288-0-10/02(D)
Deleted 8-Lead Plastic DIP (N-8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Universal Deleted 14-Lead Plastic DIP (N-14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Universal Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Edits to Figure 30 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Edits to Figure 31 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of OP162DRU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X