Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download OCM22-JTDKV-DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief Rev 1.0 April 2005
OCM-22 One-Chip Modem for Embedded Applications
Features
Introduction
OCM-22 is a low-cost modem solution for low-speed embedded applications. OCM22 includes a simplified AT command set and supports data rates from 300 bits/s (V.21) to 2400 bits/s (V.22bis) and only requires a CSP1034 or CSP1035A to make a complete modem. OCM-22 provides a choice of two system interfaces, a serial interface or an 8-bit parallel interface. The serial interface can be used in systems that have an available serial port. In other systems, the parallel interface can be I/O or memory mapped onto typical processor buses. In typical applications, OCM-22 is paired with Agere's CSP1035A silicon DAA to implement a low-cost worldwide modem. OCM-22 can also be used with Agere's CSP1034 line codec for traditional transformer-based DAA designs.
Controller and data pump in a single 48-pin TQFP with two integrated peripheral interfaces: -- Partial ISA (8-bit parallel). -- RS232. Data mode capabilities range: -- V.22bis: 2400 bits/s. -- V.22: 1200 bits/s. -- V.23: 1200/600 bits/s. -- V.21: 300 bits/s. -- Bell 212A: 1200 bits/s. -- Bell 103: 300 bits/s. Serial DTE interface: -- Hardware and software flow control. -- Asynchronous data format: 19,200 bits/s, 8-bit data, no parity, 1 stop bit. Parallel DTE interface for connection to system I/O or memory bus. DAA support: -- CSP1035A silicon DAA. -- CSP1034C with transformer DAA. Supports low-cost, call-progress speaker. Support for country-specific settings (homologation) under host control. Supports extension phone detection for set-top box applications when used with CSP1035A DAA. Customized feature set using code downloads into on-chip RAM. Internal PLL to generate high-speed clocks from external low-cost crystal. Single 3.3 V supply. Type 1 caller ID support (US, UK, France, Germany, and Spain).

Applications


Set-top-box Verification machines Point of sale Franking machines Other low-speed data

Product Brief Rev 1.0 April 2005
OCM-22 One-Chip Modem for Embedded Applications
Functional Description
The Agere Systems OCM-22 chip set is a two-chip solution consisting of an Agere Systems OCM-22 and a CSP1034C or CSP1035A. A block diagram of the OCM-22 chip sets are illustrated in Figure 1 and Figure 2.
AGERE SYSTEMS OCM-22 CONTROLLERLESS MODEM CHIP
U-DAA
OCM-22 SYSTEM MICROPROCESSOR
CSP1035A (LINE-POWERED) LINE CODEC UNIVERSAL DAA REMAINING COMPONENTS FOR U-DAA TELEPHONE LINE
PARALLEL/ SERIAL
48-PIN TQFP
48-PIN TQFP
D5-9559 (F)a R.02
Figure 1. OCM-22 + CSP1035A Universal DAA Chip Set Block Diagram
AGERE SYSTEMS OCM-22 CONTROLLERLESS MODEM CHIP
OCM-22 SYSTEM MICROPROCESSOR
CSP1034C LINE CODEC
STANDARD DAA CIRCUIT
TELEPHONE LINE
SERIAL/ PARALLEL
48-PIN TQFP
48-PIN TQFP
5-9560 (F)a R.02
Figure 2. OCM-22 + CSP1034C Chip Set Block Diagram
DIA Port
OCM-22 provides a system interface for use in embedded applications that requires only two address lines, a read/ write strobe, and a single chip select. The interface feeds directly into the DIAs four registers. The following diagram shows how the host system and the OCM-22 interface. In this configuration, external logic decodes the address that selects the DIA port, and the embedded application accesses the four control registers associated with the DIA port to communicate with OCM-22. This configuration also allows a clean interface to external plug-and-play and PCMCIA interface devices. Agere Systems Inc. 2
Product Brief Rev 1.0 April 2005
OCM-22 One-Chip Modem for Embedded Applications
Functional Description (continued)
OCM-22 DEVICE
DATA[7:0] ADDR[1:0] READN WRITEN INTRPT ADDRESS DECODE
HD[7:0] HA[1:0] HRDN HWRN HINTR
HCSN
5-8104 (F) a
Figure 3. Parallel Interface to DIA Port
Internal PLL for Low-Speed Crystal Support
OCM-22 supports low-speed, external crystals by incorporating a PLL to support lower-cost crystals and to ease the effort of minimizing EMI. If future code needs higher clock rates, an internal multiplier can provide this without recertification or redesign of the external hardware. OCM-22 requires an external 29.4912 MHz crystal or oscillator.
Power Requirements
Both the OCM-22 device and the CSP1034C are manufactured in low-power CMOS technology and are designed to operate using only a single 3.3 V supply. During operation, OCM-22's on-chip PLL can be set to provide only the minimum internal clock rate required. The CSP1035A is also manufactured in low-power CMOS technology. However, the CSP1035A is fully line powered. A shunt regulator maintains a monitored 2.7 V supply, during off-hook conditions. If the voltage falls below 2.2 V, the chip saves its registers and goes into reset. This allows the CSP1035A to retain the register settings during a call bridge where the tip/ring voltage can collapse to 0 V for up to 400 ms and start up again at the completion of the call break.
PWM Speaker Interface
The speaker driver employs a pulse-width modulated algorithm, where 8-bit two's complement data is modulated by a triangle wave. The following diagram shows the recommended speaker configuration. This inexpensive configuration drives a low-impedance speaker while obtaining a suitable volume. The SPKR signal is fed to a transistor through a low-pass filter to remove the carrier signal (cut-off frequency = 4 kHz).
+3.3 V AT-08
3.3 k SPKR 10 k 6800 pF
FDV301N
5-8105 (F)
Figure 4. Lower-Impedance Speaker Configuration Agere Systems Inc. 3
OCM-22 One-Chip Modem for Embedded Applications
Product Brief Rev 1.0 April 2005
Package Information
OCM22
CSP 1034C/ 1035A
48-PIN TQFP
48-PIN TQFP TOP VIEW
DIME (U.S.A.)
OCM-22
CSP1034C/1035A
DIME
SIDE VIEW
Figure 5. OCM-22 Data Pump Chip Set
Ordering Information
Table 1. Chip Set Names and Part Numbers Device OCM-22 3.3 V Codec Silicon DAA Description Modem CSP1034C CSP1035A Package 48-pin TQFP 48-pin TQFP 48-pin TQFP Part Number OCM22-JTDKV-DB CSP1034C-T11 CSP1035A-T11 Comcode 700054307 108159542 108877077
MNP is a registered trademark of Microcom, Inc. IEEE is a registered trademark of the Institute of Electrical and Electronics Engineers, Inc.
For additional information, contact your Agere Systems Account Manager or the following: INTERNET: Home: http://www.agere.com Sales: http://www.agere.com/sales E-MAIL: docmaster@agere.com N. AMERICA: Agere Systems Inc., Lehigh Valley Central Campus, Room 10A-301C, 1110 American Parkway NE, Allentown, PA 18109-9138 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA: CHINA: (86) 21-54614688 (Shanghai), (86) 755-25881122 (Shenzhen) JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 6741-9855, TAIWAN: (886) 2-2725-5858 (Taipei) EUROPE: Tel. (44) 1344 296 400
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. Agere, Agere Systems, and the Agere logo are registered trademarks of Agere Systems Inc.
Copyright (c) 2005 Agere Systems Inc. All Rights Reserved
April 2005 PB03-202DMOD-1 (Replaces PB03-202DMOD)


▲Up To Search▲   

 
Price & Availability of OCM22-JTDKV-DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X