Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download MURS320T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS320T3, MURS340T3, MURS360T3
Preferred Devices
Surface Mount Ultrafast Power Rectifiers
This series employs the state-of-the-art epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes, in surface mount applications where compact size and weight are critical to the system.
Features http://onsemi.com
* * * * * * * * * * * * * *
Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling Highly Stable Oxide Passivated Junction Low Forward Voltage Drop (0.71 to 1.05 Volts Max @ 3.0 A, TJ = 150C) Pb-Free Packages are Available
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
SMC CASE 403 PLASTIC
Mechanical Characteristics
Case: Epoxy, Molded Epoxy Meets UL 94 V-0 @ 0.125 in Weight: 217 mg (approximately) Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped in 16 mm Tape and Reel, 2500 units per reel Polarity: Notch in Plastic Body Indicates Cathode Lead Device Meets MSL1 Requirements ESD Ratings: Machine Model, C (> 400 V) Human Body Model, 3B (> 8000 V)
MARKING DIAGRAM
AYWW U3x
U3 = Specific Device Code x = D, G, or J A = Assembly Location Y = Year WW= Work Week
ORDERING INFORMATION
Device MURS320T3 MURS320T3G MURS340T3 MURS340T3G MURS360T3 MURS360T3G Package SMC SMC (Pb-Free) SMC SMC (Pb-Free) SMC SMC (Pb-Free) Shipping 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 6
Publication Order Number: MURS320T3/D
MURS320T3, MURS340T3, MURS360T3
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-Repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature Symbol VRRM VRWM VR IF(AV) IFSM MURS320T3 200 MURS340T3 400 MURS360T3 600 Unit V
3.0 @ TL = 140C 4.0 @ TL = 130C
3.0 @ TL = 130C 4.0 @ TL = 115C 75
3.0 @ TL = 130C 4.0 @ TL = 115C
A A
TJ
*65 to +175
C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Lead RqJL 11 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1) (iF = 3.0 A, TJ = 25C) (iF = 4.0 A, TJ = 25C) (iF = 3.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/ms) (iF = 0.5 A, iR = 1.0 A, IREC to 0.25 A) Maximum Forward Recovery Time (iF = 1.0 A, di/dt = 100 A/ms, Recovery to 1.0 V) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. vF 0.875 0.89 0.71 iR 5.0 150 trr 35 25 tfr 25 75 50 50 75 50 50 ns 10 250 10 250 ns 1.25 1.28 1.05 1.25 1.28 1.05 mA V
http://onsemi.com
2
MURS320T3, MURS340T3, MURS360T3 MURS320T3
5.0 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 1.0 20 40 60 TJ = 175C
IR, REVERSE CURRENT (m A)
TJ = 100C
3.0 TJ = 175C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 100C 2.0
TJ = 25C
25C
80
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
0.7 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUARE WAVE dc I (CAPACITIVE LOAD) PK + 20 I 5.0 10
0.5
0.3
AV
0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 3. Power Dissipation
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 90 100 110 120 130 140 150 160 170 180 190 TC, CASE TEMPERATURE (C) SQUARE WAVE 10 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS) dc RATED VOLTAGE APPLIED RqJL = 11C/W TJ = 175C C, CAPACITANCE (pF) 200 TYPICAL CAPACITANCE AT 0 V = 135 pF 100 80 60 40 30 20
Figure 4. Current Derating, Case
Figure 5. Typical Capacitance
http://onsemi.com
3
MURS320T3, MURS340T3, MURS360T3 MURS340T3, MURS360T3
5.0 IR, REVERSE CURRENT (m A) 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0 0.5 100 200 300 400 500 600 700 VR, REVERSE VOLTAGE (VOLTS) TJ = 175C
3.0 TJ = 175C 2.0 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 100C
TJ = 100C
25C 1.0 0.7
TJ = 25C
Figure 7. Typical Reverse Current*
0.3 0.2 PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 IF(AV), AVERAGE FORWARD CURRENT (AMPS) I I (CAPACITIVE LOADS) SQUARE WAVE dc * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
0.1 0.07 0.05
PK + 20 AV
10
5.0
0.03 0.02 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage
Figure 8. Power Dissipation
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 C, CAPACITANCE (pF) 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 70 80 90 100 110 120 130 140 150 160 170 TC, CASE TEMPERATURE (C) SQUARE WAVE dc 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS) TYPICAL CAPACITANCE AT 0 V = 75 pF
Figure 9. Current Derating, Case
Figure 10. Typical Capacitance
http://onsemi.com
4
MURS320T3, MURS340T3, MURS360T3
PACKAGE DIMENSIONS
SMC PLASTIC PACKAGE CASE 403-03 ISSUE D
S A
D
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. 4. 403-01 THRU -02 OBSOLETE, NEW STANDARD 403-03. INCHES DIM MIN MAX A 0.260 0.280 B 0.220 0.240 C 0.075 0.095 D 0.115 0.121 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.305 0.320 MILLIMETERS MIN MAX 6.60 7.11 5.59 6.10 1.90 2.41 2.92 3.07 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 7.75 8.13
C J H
K
P
SOLDERING FOOTPRINT*
4.343 0.171 3.810 0.150
2.794 0.110
SCALE 4:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MURS320T3, MURS340T3, MURS360T3
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MURS320T3/D


▲Up To Search▲   

 
Price & Availability of MURS320T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X