Part Number Hot Search : 
DWR2G SI7409DN SMK0860P DWR2G 480000 ZSM560 0F822A FDS8884
Product Description
Full Text Search
 

To Download MMBF4391LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBF4391LT1, MMBF4392LT1, MMBF4393LT1 JFET Switching Transistors
N-Channel
Features http://onsemi.com
* Pb-Free Packages are Available
3 GATE
2 SOURCE
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage Forward Gate Current Symbol VDS VDG VGS IG(f) Value 30 30 30 50 Unit Vdc Vdc Vdc mAdc 1 DRAIN
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA TJ, Tstg 556 -55 to +150 Max Unit mW
1 3
SOT-23 CASE 318 STYLE 10
xx M
mW/C C/W C
2
xx M
= Specific Device Code = Date Code
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 0.75 0.062 in.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
DEVICE MARKING INFORMATION
See specific marking information in the device marking section on page 2 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2004
1
September, 2004 - Rev. 4
Publication Order Number: MMBF4391LT1/D
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Gate-Source Breakdown Voltage (IG = 1.0 mAdc, VDS = 0) Gate Reverse Current (VGS = 15 Vdc, VDS = 0, TA = 25C) (VGS = 15 Vdc, VDS = 0, TA = 100C) Gate-Source Cutoff Voltage (VDS = 15 Vdc, ID = 10 nAdc) MMBF4391LT1 MMBF4392LT1 MMBF4393LT1 ID(off) - - 1.0 1.0 nAdc mAdc V(BR)GSS IGSS - - VGS(off) -4.0 -2.0 -0.5 -10 -5.0 -3.0 1.0 0.20 nAdc mAdc Vdc 30 - Vdc Symbol Min Max Unit
Off-State Drain Current (VDS = 15 Vdc, VGS = -12 Vdc) (VDS = 15 Vdc, VGS = -12 Vdc, TA = 100C) ON CHARACTERISTICS Zero-Gate-Voltage Drain Current (VDS = 15 Vdc, VGS = 0)
IDSS MMBF4391LT1 MMBF4392LT1 MMBF4393LT1 VDS(on) MMBF4391LT1 MMBF4392LT1 MMBF4393LT1 rDS(on) MMBF4391LT1 MMBF4392LT1 MMBF4393LT1 - - - 30 60 100 - - - 0.4 0.4 0.4 50 25 5.0 150 75 30
mAdc
Drain-Source On-Voltage (ID = 12 mAdc, VGS = 0) (ID = 6.0 mAdc, VGS = 0) (ID = 3.0 mAdc, VGS = 0) Static Drain-Source On-Resistance (ID = 1.0 mAdc, VGS = 0)
Vdc
W
SMALL-SIGNAL CHARACTERISTICS Input Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 0, VGS = 12 Vdc, f = 1.0 MHz) Ciss Crss - - 14 3.5 pF pF
ORDERING INFORMATION
Device MMBF4391LT1 MMBF4391LT1G MMBF4392LT1 MMBF4393LT1 MMBF4393LT1G Marking 6J 6J 6K 6G 6G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 SOT-23 (Pb-Free) 3000 / Tape & Reel Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
TYPICAL CHARACTERISTICS
1000 t d(on) , TURN-ON DELAY TIME (ns) 500 200 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0
RK = 0 RK = RD' TJ = 25C MMBF4391 MMBF4392 MMBF4393 VGS(off) = 12 V = 7.0 V = 5.0 V
1000 500 200 t r , RISE TIME (ns) 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0
RK = 0 RK = RD'
TJ = 25C MMBF4391 MMBF4392 MMBF4393 VGS(off) = 12 V = 7.0 V = 5.0 V
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
Figure 1. Turn-On Delay Time
Figure 2. Rise Time
t d(off) , TURN-OFF DELAY TIME (ns)
1000 500 200 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0
RK = 0 RK = RD'
TJ = 25C MMBF4391 MMBF4392 MMBF4393 VGS(off) = 12 V = 7.0 V = 5.0 V
1000 500 t f , FALL TIME (ns) 200 100 50 20 10 5.0 2.0 1.0 0.5 0.7 1.0
RK = RD'
TJ = 25C MMBF4391 MMBF4392 MMBF4393 VGS(off) = 12 V = 7.0 V = 5.0 V
RK = 0
2.0 3.0 5.0 7.0 10 ID, DRAIN CURRENT (mA)
20
30
50
2.0 3.0 5.0 7.0 10 20 ID, DRAIN CURRENT (mA)
30
50
Figure 3. Turn-Off Delay Time
Figure 4. Fall Time
http://onsemi.com
3
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
NOTE 1
VDD RD
SET VDS(off) = 10 V INPUT
RK RGG 50 W VGG
RT
OUTPUT
RGEN 50 W VGEN
INPUT PULSE tr 0.25 ns tf 0.5 ns PULSE WIDTH = 2.0 ms DUTY CYCLE 2.0%
50 W
RGG > RK RD' = RD(RT + 50) RD + RT + 50
Figure 5. Switching Time Test Circuit
The switching characteristics shown above were measured using a test circuit similar to Figure 5. At the beginning of the switching interval, the gate voltage is at Gate Supply Voltage (-VGG). The Drain-Source Voltage (VDS) is slightly lower than Drain Supply Voltage (VDD) due to the voltage divider. Thus Reverse Transfer Capacitance (Crss) of Gate-Drain Capacitance (Cgd) is charged to VGG + VDS. During the turn-on interval, Gate-Source Capacitance (Cgs) discharges through the series combination of RGen and RK. Cgd must discharge to VDS(on) through RG and RK in series with the parallel combination of effective load impedance (R'D) and Drain-Source Resistance (rDS). During the turn-off, this charge flow is reversed. Predicting turn-on time is somewhat difficult as the channel resistance rDS is a function of the gate-source voltage. While Cgs discharges, VGS approaches zero and rDS decreases. Since Cgd discharges through rDS, turn-on time is non-linear. During turn- off, the situation is reversed with rDS increasing as Cgd charges. The above switching curves show two impedance conditions; 1) RK is equal to RD' which simulates the switching behavior of cascaded stages where the driving source impedance is normally the load impedance of the previous stage, and 2) RK = 0 (low impedance) the driving source impedance is that of the generator.
15
V fs , FORWARD TRANSFER ADMITTANCE (mmhos)
20
MMBF4392
C, CAPACITANCE (pF)
MMBF4391
10 7.0 5.0 3.0 2.0 1.5 1.0 0.03 0.05 0.1
Cgs
10
MMBF4393
7.0 5.0 3.0 2.0 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50
Tchannel = 25C VDS = 15 V
Cgd
Tchannel = 25C (Cds is negligible
0.3 0.5
1.0
3.0 5.0
10
30
ID, DRAIN CURRENT (mA)
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Typical Forward Transfer Admittance
r DS(on), DRAIN-SOURCE ON-STATE RESISTANCE (NORMALIZED) 200 r DS(on), DRAIN-SOURCE ON-STATE RESISTANCE (OHMS)
IDSS 25 mA = 10 160 mA 50 mA 75 mA 100 mA 125 mA
Figure 7. Typical Capacitance
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -70 -40 -10 20 50 80 110 140 170
ID = 1.0 mA VGS = 0
120 80 40
Tchannel = 25C
0
0
1.0
2.0 3.0 4.0 5.0 6.0 7.0 VGS, GATE-SOURCE VOLTAGE (VOLTS)
8.0
Tchannel, CHANNEL TEMPERATURE (C)
Figure 8. Effect of Gate-Source Voltage on Drain-Source Resistance
Figure 9. Effect of Temperature on Drain-Source On-State Resistance
http://onsemi.com
4
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
NOTE 2
r DS(on) , DRAIN-SOURCE ON-STATE RESISTANCE (OHMS) 100 90 80 70 60 50 40 30 20 10 0
Tchannel = 25C
10 9.0 8.0 7.0 6.0
VGS(off)
rDS(on) @ VGS = 0
5.0 4.0
3.0 2.0 1.0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 IDSS, ZERO-GATE VOLTAGE DRAIN CURRENT (mA)
Figure 10. Effect of IDSS on Drain-Source Resistance and Gate-Source Voltage
The Zero-Gate-Voltage Drain Current (IDSS) is the principle determinant of other J-FET characteristics. Figure 10 shows the relationship of Gate-Source Off Voltage (VGS(off)) and Drain-Source On Resistance (rDS(on)) to IDSS. Most of the devices will be within 10% of the values shown in Figure 10. This data will be useful in predicting the characteristic variations for a given part number. For example: Unknown rDS(on) and VGS range for an MMBF4392 The electrical characteristics table indicates that an MMBF4392 has an IDSS range of 25 to 75 mA. Figure 10 shows rDS(on) = 52 Ohms for IDSS = 25 mA and 30 Ohms for IDSS = 75 mA. The corresponding VGS values are 2.2 V and 4.8 V.
http://onsemi.com
5
V GS , GATE-SOURCE VOLTAGE (VOLTS)
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AJ
A L
3 1 2
BS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-03 AND -07 OBSOLETE, NEW STANDARD 318-08. INCHES DIM MIN MAX A 0.1102 0.1197 B 0.0472 0.0551 C 0.0350 0.0440 D 0.0150 0.0200 G 0.0701 0.0807 H 0.0005 0.0040 J 0.0034 0.0070 K 0.0140 0.0285 L 0.0350 0.0401 S 0.0830 0.1039 V 0.0177 0.0236 STYLE 10: PIN 1. DRAIN 2. CSOURCE 3. GATE MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
V
G C D H K J
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBF4391LT1/D


▲Up To Search▲   

 
Price & Availability of MMBF4391LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X