Part Number Hot Search : 
M67799M DC147 SD2942 C3216 CNX62A ODUCT STTA812 CR100
Product Description
Full Text Search
 

To Download MB88347 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-13506-3E
Linear IC General purpose Converter
CMOS
D/A Converter for Digital Tuning
(8 channels. 8-bit, with OP amplifier)
MB88347
DESCRIPTION
The MB88347 features 8 channels of 8-bit D/A converters (with output amplifiers). The output amplifier provides high current drive capability. As data is input via a serial link, only three control lines are required, and cascaded connections can be used. The MB88347 is suitable for electronic volumes and replacement for potentiometers for adjustment, in addition to normal D/A converter applications.
FEATURES
* Low power consumption (2 mW/ch) * Small package * Integrating 8 channels of R-2R type 8-bit D/A converter. (Continued)
PACKAGES
16-pin plastic DIP 16-pin plastic SOP 16-pin plastic SSOP
(DIP-16P-M04)
(FPT-16P-M06)
(FPT-16P-M05)
MB88347
(Continued) * Built-in analog output amplifier (Max +1.0 mA sink/source current) * Analog output range : 0 to VCC * The range of D/A conversion can be independently set by separated the power supply for MCU interface and OP amplifier and the power supply for D/A converter. * Capable of being controlled directly by a 3-V MCU (input voltage : "H" = 0.5 V CC, "L" = 0.2 V CC) * Serial data input, 2.5 MHz operation * CMOS process * Package lineup : DIP 16-pin, SOP 16-pin, SSOP 16-pin
2
MB88347
PIN ASSIGNMENT
(TOP VIEW)
VSS AO2 AO3 AO4 AO5 AO6 AO7 VDD 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND AO1 DI CLK LD DO AO8 VCC
(DIP-16P-M04) (FPT-16P-M06) (FPT-16P-M05)
PIN DESCRIPTION
Pin No. 14 11 13 Symbol DI* DO CLK* I/O I O I Pin name Data input pin Data output pin Shift clock input pin Function Serial data input pin. This pin inputs 12-bit length serial data. This pin outputs MSB bit data of 12-bit shift register. Shift clock input pin. The input signal from the DI pin is inputted to a 12-bit shift register on the rising edge of the shift clock. If input "H" level to LD pin, the data of shift register is loaded to the decoder and the register for D/A output.
12 15 2 3 4 5 6 7 10 9 16 8 1
LD* AO1 AO2 AO3 AO4 AO5 AO6 AO7 AO8 VCC GND VDD VSS
I
Load signal input pin
O
D/A output pin
These pins are 8-bit D/A output with OP amplifier.

Power supply pin Ground pin Power supply pin Ground pin
Power supply pin of MCU interface and OP amplifier Ground pin of MCU interface and OP amplifier Power supply pin of D/A converter Ground pin of D/A converter
* : DI, CLK, and LD pins are fixed to "L" level at non transfer. 3
MB88347
BLOCK DIAGRAM
DI CLK D0 D1 D2 D3
12-bit shift register
D4 D5 D6 D7 D8 D9 D10 D11 DO
8 8
Address decoder
1234 D0 8 8 D7
LD
D0 1
D7
8-bit latch 8-bit R-2R D/A converter
8-bit latch 8-bit R-2R D/A converter
+ -
+ -
VCC GND
AO1
AO8 VDD VSS
4
MB88347
DATA FOR CHIP CONTROL
1. Data for Shift Register
* MB88347 has 12-bit shift register for chip control. * It is necessary to set the data as following configuration to 12-bit shift register. * The data consists of 12 bits: a 4-bit address selection and an 8-bit D/A converter control signal.
Last (LSB) D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 First (MSB) D11
D/A converter control signal
Address selected signal
2. D/A Converter Control Signal
Input data signal D0 0 1 0 0 1 D1 0 0 1 1 1 D2 0 0 0 1 1 D3 0 0 0 1 1 D4 0 0 0 1 1 D5 0 0 0 1 1 D6 0 0 0 1 1 D7 0 0 0 1 1 D/A converter output voltage = VSS : = VLB + VSS : = VLB x 2 + VSS : = VLB x 254 + VSS : = VDD :
VLB = (VDD - VSS) /255
5
MB88347
3. Address Selected Signal
Input data signal D8 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D9 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D10 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D11 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Address selected Don't Care AO1 selected AO2 selected AO3 selected AO4 selected AO5 selected AO6 selected AO7 selected AO8 selected Dont Care Dont Care Dont Care Dont Care Dont Care Dont Care Dont Care
6
MB88347
TIMING CHART AT DATA SETTING
MSB
LSB D10 D9 D8 D2 D1 D0
DI
D11
CLK
LD
D/A output (AO1 to AO8)
ANALOG OUTPUT VOLTAGE RANGE
R-2R ladder output
VDD
OP amplifier output
VCC VAOH (VCC)
D/A output range (linear area)
VAOL (GND) VSS GND
Note : VCC = VDD, GND = VSS
7
MB88347
ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Input voltage Output voltage Power consumption Operating temperature Storage temperature * : VCC VDD WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings. Symbol VCC VDD VIN VOUT PD Ta Tstg The case that GND is reffered. Ta = +25 C Condition Rating Min - 0.3 - 0.3* - 0.3 - 0.3 - 40 - 55 Max + 7.0 + 7.0* VCC + 0.3 VCC + 0.3 250 + 85 + 150 Unit V V V V mW C C
RECOMMENDED OPERATING CONDITIONS
Parameter Power supply Voltage 1 Power supply Voltage 2 Analog output source current Analog output sink current Oscillation limited output capacitance Digital data setting range Operating temperature Symbol VCC GND VDD VSS IAL IAH COL Ta Condition VDD - VSS 2.0 V Value Min 4.5 2.0 GND #00 - 40 Max 5.5 0 VCC VCC - 2.0 1.0 1.0 1.0 #FF + 85 Unit V V V V mA mA F C
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
8
MB88347
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(1) Digital block (VDD, VCC = + 5 V 10% (VCC VDD) , GND, VSS = 0 V, Ta = - 40 C to + 85 C) Value Symbol Pin name Conditions Unit Min Typ Max VCC At CLK = 1 MHz operating (at no load) At Ta = - 20 C to + 85 C At CLK = 1 MHz operating (at no load) At Ta = - 40 C to + 85 C CLK DI LD DO VIN = 0 to VCC IOL = 2.5 mA IOH = - 400 A 4.5 5.0 0.8 5.5 1.8 mA -10 0.5 VCC VCC - 0.4 0.8 2.1 10 0.2 VCC 0.4 A V V V V V
Parameter Power supply voltage
Power supply current
ICC
VCC
Input leakage current "L" level input voltage "H" level input voltage "L" level output voltage "H" level output voltage
IILK VIL VIH VOL VOH
Note : IOL and IOH are output load current.
9
MB88347
(2) Analog block (VDD, VCC = + 5 V 10% (VCC VDD) , GND, VSS = 0 V, Ta = - 40 C to + 85 C) Value Symbol Pin name Conditions Unit Min Typ Max IDD VDD VSS Res Rem LE DLE
1
Parameter Consumption current Analog power supply voltage Resolution Monotonic increase Non linearity error* Differential linearity error*2 Output minimum voltage 1
VDD VDD VSS
No load VDD - VSS 2.0 V
2.0 GND -1.5 -1.0
1.0 8 8
1.5 VCC VCC - 2.0 1.5 1.0
mA V V bit bit LSB LSB
AO1 to AO8
No load VDD VCC - 0.1 V VSS 0.1 V VDD = VCC VSS = GND = 0.0 V IAL = 0 A Digital data = #00 VDD = VCC = 5.0 V VSS = GND = 0.0 V IAL = 500 A Digital data = #00
VAOL1
VSS
VSS + 0.1
V
Output minimum voltage 2
VAOL2
VSS - 0.2
VSS
VSS + 0.2
V
Output minimum voltage 3
VAOL3
AO1 to AO8
VDD = VCC = 5.0 V VSS = GND = 0.0 V IAH = 500 A Digital data = #00 VDD = VCC = 5.0 V VSS = GND = 0.0 V IAL = 1.0 mA Digital data = #00 VDD = VCC = 5.0 V VSS = GND = 0.0 V IAH = 1.0 mA Digital data = #00
VSS
VSS + 0.2
V
Output minimum voltage 4
VAOL4
VSS - 0.3
VSS
VSS + 0.3
V
Output minimum voltage 5
VAOL5
VSS
VSS + 0.3
V
(Continued)
10
MB88347
(Continued) Parameter (VDD, VCC = + 5 V 10% (VCC VDD) , GND, VSS = 0 V, Ta = - 40 C to + 85 C) Value Symbol Pin name Conditions Unit Min Typ Max VDD = VCC VSS = GND = 0.0 V IAL = 0 A Digital data = #FF VDD = VCC = 5.0 V VSS = GND = 0.0 V IAL = 500 A Digital data = #FF AO1 to AO8 VDD = VCC = 5.0 V VSS = GND = 0.0 V IAH = 500 A Digital data = #FF VDD = VCC = 5.0 V VSS = GND = 0.0 V IAL = 1.0 mA Digital data = #FF VDD = VCC = 5.0 V VSS = GND = 0.0 V IAH = 1.0 mA Digital data = #FF VDD - 0.1
Output maximum voltage 1
VAOH1
VDD
V
Output maximum voltage 2
VAOH2
VDD - 0.2
VDD
V
Output maximum voltage 3
VAOH3
VDD - 0.2
VDD
VDD + 0.2
V
Output maximum voltage 4
VAOH4
VDD - 0.3
VDD
V
Output maximum voltage 5 *1 : Non linearity error
VAOH5
VDD - 0.3
VDD
VDD + 0.3
V
: The error of the I/O curve from the ideal straight line between output voltages at "00" and "FF".
*2 : Differential linearity error : The error from the ideal increment given when the digital value is incremented by one bit.
Analog output
VAOH
Ideal straight line
VAOL
Non linearity error Digital setting
#00
#FF
Note: VAOH and VAOL do not always match VDD and VSS, respectively.
11
MB88347
2. AC Characteristics
Parameter "L" level clock pulse width "H" level clock pulse width Clock rising time Clock falling time Data setup time Data hold time Load setup time Load hold time "H" level load pulse width Data output delay time D/A output settling time * Load condition
Measurement point Measurement point
(VDD, VCC = + 5 V 10% (VCC VDD) , GND, VSS = 0 V, Ta = - 40 C to + 85 C) Value Symbol Conditions Unit Min Max tCKL tCKH tCr tCf tDCH tCHD tCHL tLDC tLDH tDO tLDD Refer to "Load condition (1) ". Refer to "Load condition (2) ". 200 200 30 60 200 100 100 70 200 350 100 ns ns ns ns ns ns ns ns ns s
(1)
(2)
DO
CL = 20 pF 100 pF
D/A output (AO1 to AO8)
RAL = 10 k CAL = 50 pF
12
MB88347
* Input/output timing
tcr tCKH tcf
CLK
tCKL tLDC
DI
tDCH tCHD tCHL tLDH
LD
tLDD
D/A output (AO1 to AO8)
tDO
DO
Note : The D/A output evaluation level is 90% and 10% of VCC. The other evaluation level is 80% and 20% of VCC.
13
MB88347
EXAMPLE CHARACTERISTIC of VAO - IAO
5.0 V MB88347 VDD DI CLK LD VSS VCC AO1 to AO8 GND 5.0 V Ta = +25 C
Source current (IAL) Sink current (IAH)
Pattern input
V
14
MB88347
(mV) 5,000 4,980 4,960 4,940 4,920 4,900 4,880 4,860 4,840 4,820 4,800
#FF setting
Analog output level
1.0
0.8
0.6
0.4
0.2
0.0
0.2
0.4
0.6
0.8
1.0
(mA)
Sink current (IAH)
(mV) 2,600 2,580 2,560 2,540 2,520 2,500 2,480 2,460 2,440 2,420 2,400
Source current (IAL)
#80 setting
Analog output level
1.0
0.8
0.6
0.4
0.2
0.0
0.2
0.4
0.6
0.8
1.0
(mA)
Sink current (IAH)
(mV) 200 180 160 140 120 100 80 60 40 20 0
Source current (IAL)
#00 setting
Analog output level
1.0
0.8
0.6
0.4
0.2
0.0
0.2
0.4
0.6
0.8
1.0
(mA)
Sink current (IAH)
Source current (IAL)
15
MB88347
ORDERING INFORMATION
Part No. MB88347P MB88347PF MB88347PFV Package 16-pin plastic DIP (DIP-16P-M04) 16-pin plastic SOP (FPT-16P-M06) 16-pin plastic SSOP (FPT-16P-M05) Remarks
16
MB88347
PACKAGE DIMENSIONS
16-pin plastic DIP
(DIP-16P-M04)
19.55 -0.30 .770 -.012
+.008 +0.20
INDEX-1 INDEX-2 6.200.25 (.244.010)
4.36(.172)MAX
0.51(.020)MIN 0.250.05 (.010.002)
3.00(.118)MIN
0.460.08 (.018.003)
+0.30 +.012 -0 +0.30 +.012 -0
0.99 -0 .039 1.27(.050) MAX
1.52 -0
.060 2.54(.100) TYP
7.62(.300) TYP
15MAX
C
1994 FUJITSU LIMITED D16033S-2C-3
Dimensions in mm (inches). Note : The values in parentheses are reference values. (Continued)
17
MB88347
16-pin plastic SOP (FPT-16P-M06)
Note 1) *1 : These dimensions include resin protrusion. Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder.
+0.25 +.010
*110.15 -0.20 .400 -.008
16
0.17 -0.04
9
+0.03 +.001
.007 -.002
INDEX
*2 5.300.30
7.800.40 (.209.012) (.307.016) Details of "A" part 2.00 -0.15 .079 -.006
+0.25 +.010
(Mounting height)
1
8
"A" 0.13(.005)
0.25(.010) 0~8
1.27(.050)
0.470.08 (.019.003)
M
0.500.20 (.020.008) 0.600.15 (.024.006)
0.10 -0.05
+0.10 +.004
.004 -.002 (Stand off)
0.10(.004)
C
2002 FUJITSU LIMITED F16015S-c-4-7
Dimensions in mm (inches). Note: The values in parentheses are reference values. (Continued)
18
MB88347
(Continued) 16-pin plastic SSOP (FPT-16P-M05) Note 1) *1 : Resin protrusion. (Each side : +0.15 (.006) Max). Note 2) *2 : These dimensions do not include resin protrusion. Note 3) Pins width and pins thickness include plating thickness. Note 4) Pins width do not include tie bar cutting remainder.
0.170.03 (.007.001)
9
*1 5.000.10(.197.004)
16
INDEX
*2 4.400.10 6.400.20 (.173.004) (.252.008)
Details of "A" part 1.25 -0.10 .049 -.004 LEAD No.
1 8
+0.20 +.008
(Mounting height)
0.65(.026)
"A" 0.240.08 (.009.003) 0.13(.005)
M
0~8 0.100.10 (Stand off) (.004.004) 0.25(.010)
0.10(.004)
0.500.20 (.020.008) 0.600.15 (.024.006)
C
2003 FUJITSU LIMITED F16013S-c-4-6
Dimensions in mm (inches). Note: The values in parentheses are reference values.
19
MB88347
FUJITSU LIMITED
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of Fujitsu semiconductor device; Fujitsu does not warrant proper operation of the device with respect to use based on such information. When you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. Fujitsu assumes no liability for any damages whatsoever arising out of the use of the information. Any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of Fujitsu or any third party or does Fujitsu warrant non-infringement of any third-party's intellectual property right or other right by using such information. Fujitsu assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that Fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan.
F0503 (c) 2005 FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of MB88347

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X