Part Number Hot Search : 
M5675 ADV71 WF100 S20045 GM5551 4D201K WF100 MAX3060E
Product Description
Full Text Search
 

To Download KBU1002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU1001G THRU KBU1007G
Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 10.0 Amperes
KBU
Features
a a a a a UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 a Surge overload rating to 200 amperes peak a High temperature soldering guaranteed: 250oC / 10 seconds / .375", (9.5mm) lead lengths at 5 lbs., (2.3kg) tension a Weight: 0. 3 ounce, 8.0 grams a Mounting torque: 5 in. lb. Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25+ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% KBU KBU KBU KBU KBU KBU KBU Units Type Number 1001G 1002G 1003G 1004G 1005G 1006G 1007G
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA =45+ Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum DC Reverse Current @ TA=25+ at Rated DC Blocking Voltage @ TA=125+ Typical Thermal Resistance (Note) RJC Operating Temperature Range TJ Storage Temperature Range TSTG
50 35 50
100 70 100
200 140 200
400 280 400 10.0 200 1.1
600 420 600
800 560 800
1000 700 1000
V V V A A V uA uA +/W + +
5.0 500 2.2 -55 to +150 -55 to + 150
Note: Thermal Resistance from Junction to Case with Device Mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.
- 518 -
RATINGS AND CHARACTERISTIC CURVES (KBU1001G THRU KBU1007G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
AVERAGE FORWARD CURRENT. (A)
10
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
250
PEAK FORWARD SURGE CURRENT. (A)
200
8
150
6
100
4
50
2
0
0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
0
50
100
o
150
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT. (A)
40 20 10
INSTANTANEOUS REVERSE CURRENT. ( A)
TJ=125 0C
10
4.0 2.0 1.0
1
0.4 0.2 0.1 .6 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE. (V)
0
TJ=25 0C 0.1 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 519-


▲Up To Search▲   

 
Price & Availability of KBU1002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X