Part Number Hot Search : 
AM1434N SFR605 3506A HVR1200 MUR440 12802 RFM064 TC1221
Product Description
Full Text Search
 

To Download KBU1000G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND U C TO RS
KBU1000G - KBU1010G
10A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A B C D K L -~~+ E
KBU Dim Min Max A 22.70 23.70 B 3.80 4.10 C 4.20 4.70 D 1.70 2.20 E 10.30 11.30 G 4.50 6.80 H 4.60 5.60 J 25.40 -- K -- 19.30 L 16.80 17.80 M 6.60 7.10 N 4.70 5.20 P 1.20 1.30 All Dimensions in mm
J
G H M
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 8.0 grams (approx.) Mounting Position: Any Marking: Type Number
N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 50C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR Tj, TSTG
KBU KBU KBU KBU KBU KBU KBU 1000G 1001G 1002G 1004G 1006G 1008G 1010G 50 35 100 70 200 140 400 280 10 200 1.1 5.0 500 -55 to +150 600 420 800 560 1000 700
Unit
V V A A V A C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage @IF = 5.0A @TA = 25C @TA = 125C
Operating and Storage Temperature Range
KBU1000G - KBU1010G
1 of 3
(c) 2002 Won-Top Electronics
12
IF, INSTANTANEOUS FWD CURRENT (A)
100
10
I(AV), AVERAGE FWD CURRENT (A)
8
10
6
Mounted on 4 X 4 inch Copper PC Board 12.7mm lead length
4
1.0
2
Tj = 25C Pulse width = 300 s
0 0 50 100 150 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
400
IFSM, PEAK FORWARD SURGE CURRENT (A)
Tj = 150C 8.3 ms Single Half-Sine Wave
Tj = 25C f = 1 MHz
300
CJ, CAPACITANCE (pF)
200
100
100
0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (A) 10
10
1
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per element
Tj = 100C
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
KBU1000G - KBU1010G
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBU1000G KBU1001G KBU1002G KBU1004G KBU1006G KBU1008G KBU1010G
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBU1000G - KBU1010G
3 of 3


▲Up To Search▲   

 
Price & Availability of KBU1000G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X