Part Number Hot Search : 
STBC0 0524S MEH18XAD SMCJ26 SMF50A BD241A 3SMC170A 368EGM
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1N4933 THRU 1N4937
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-41
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Mounting position: Any Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Full Cycle Average, .375*(9.5mm) lead length at T L = 55 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
1N4933 50 35 50
1N4934 100 70 100
1N4935 200 140 200 1.0 30 1.3 5.0
1N4936 400 280 400
1N4937 600 420 600
UNITS Volts Volts Volts Amps Amps Volts uAmps uAmps
IR 100 trr CJ TJ, TSTG 150 15 -65 to + 150 250
nSec pF
0
C
84
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES ( 1N4933 THRU 1N4937 )
DC COMPONENTS CO., LTD.
R
85
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X